Part Number Hot Search : 
ADM699 EGP20G 50X1LG LC14A BYP60A6 ZX84C8V2 DTSPU 7F024
Product Description
Full Text Search
 

To Download 2SA1015K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente 2SA1015K pnp type plastic encapsulate transistors ? features . power dissipation p cm : 0.2 w ( ta = 25 : ) . collector current i cm : -0.15 a . collector-base voltage v (br)cbo : -50 v 2.emitter 3.collector 1.base ? absolute maximum ratings and electrical characteristics (ta = 25 : ) type number symbol test conditions min. typ. max. unit collector-base b reakdown voltage v (br)cbo i c = -100 a, i e = 0 a -50 - - v collector-emitter b reakdown voltage v (br)ceo i c = -0 .1 ma, i b = 0 a -50 - - v emitter-base b reakdown voltage v (br)ebo i e = -10 a, i c = 0 a -5 - - v collector cut-off current i cbo v cb = -50 v, i e = 0 a - - -0.1 a collector cut-off current i ceo v ce = -50 v, i b = 0 a - - -0.1 a emitter cut-off current i ebo v eb = -5 v, i c = 0 a - - -0.1 a dc current gain h fe v ce = -6 v, i c = -2 ma 130 - 400 collector-emitter saturation voltage v c e (sat) i c = -100 ma, i b = -10 ma - - -0.3 v ba se-emitter sa turati on vo ltage v be(sat) i c = -100 ma, i b = -10 ma - - -1.1 v v ce = 10 v, i c = 1 ma, transition frequency f t f = 30 mhz 80 - - mhz operating and storage junction temperature range t j , t stg - - 55 ~ +150 : ? h fe values are classified as follows: rank l h h fe 130 ~ 200 200 ~ 400 http://www.secosgmbh.com/ any changing of specification will not be informed individual marking: ba k j c h l a b s g v 3 1 2 d top view 1 2 3 dim min max a 2.800 3.040 b 1.200 1.400 c 0.890 1.110 d 0.370 0.500 g 1.780 2.040 h 0.013 0.100 j 0.085 0.177 k 0.450 0.600 l 0.890 1.020 s 2.100 2.500 v 0.450 0.600 all dimension in mm sot-23 0 1 - j u n - 2 0 0 2 r e v . a p a g e 1 o f 2 rohs compliant product a suffix of "-c" specifies halogen & lead-free
e l ek tr on isch e b a u e lemen te 2 s c 1 015 k p np t y p e plas tic e n cap su late t r an s i s t ors ht t p :/ /ww w . s eco s g m bh. c o m / a ny c hangi ng of s pe c i f i c ati on w i l l not be i n f orm ed i ndi vi dua l 01-jun-2002 rev. a page 2 of 2


▲Up To Search▲   

 
Price & Availability of 2SA1015K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X