Part Number Hot Search : 
IRF749 IRF734 P6KE15 EUP34 SL21080 D4184 GP210 LM321
Product Description
Full Text Search
 

To Download 0225820000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | terminals | screwing technology | sak-series modular terminals | ts 35 | germin krg | modular fuse terminals | 10 mm2 - 1 - general ordering data order no. 0225820000 part designation saks 1/35 g20 ld 24vdc version fuse terminal, 10 mm2, screw connection, krg, medium yellow, ts 35 ean 4008190057626 qty. 10 pc(s). product notes note, technical data connections for 10-mm2 stranded conductors require a tightening torque of 2 nm. additional technical data colour of insulating material medium yellow connection direction on side end plate required yes installation advice ts 35 insulating material krg levels cross-connected internally no no. of identical terminals 1 no. of levels 1 no. of terminal strips per level 2 open sides right operating temperature range - 60 c, + 130 c product family sak series type of connection screwed type of mounting snap-on ul 94 flammability rating of insulation material 5va version fuse terminal csa rating data min. cross-section (csa) awg 26 max. cross-section (csa) awg 10 conductors for clamping (rated connection) clamping range, min. 0.5 mm2 clamping range, max. 16 mm2 type of connection screw connection 2nd type of connection screwed connection direction on side no. of connections 2 stripping length 12 mm clamping screw m 4 blade size 1.0 x 5.5 mm tightening torque range 1.2...2.4 nm torque level with dms electric screwdriver 4 gauge to iec 60947-1 b6 solid, min. 0.5 mm2 solid, max. 16 mm2 stranded, min. 1.5 mm2 stranded, max. 10 mm2
product catalogue | terminals | screwing technology | sak-series modular terminals | ts 35 | germin krg | modular fuse terminals | 10 mm2 - 2 - conductors for clamping (rated connection) flexible, min. 0.5 mm2 flexible, max. 10 mm2 flexible with ferrule, min. (din 46228/1) 0.5 mm2 flexible with ferrule, max. (din 46228/1) 10 mm2 awg conductor size, min. awg 20 awg conductor size, max. awg 8 awg conductor size, min. 0.52 mm2 awg conductor size, max. 8.37 mm2 dimensions width 13 mm height of lowest version 61 mm length 54 mm disconnect terminals torque level with dms electric screwdriver 4 display element current 50 a operating voltage for display, max. 24 v type of voltage for indicator ac/dc fuse terminals cartridge fuse g-si. 5 x 20 current 50 a display led fuse holder (cartridge holder) screwable operating voltage, max. 24 v type of voltage for indicator ac/dc rating data rated cross-section 10 mm2 rated voltage 500 v rated impulse voltage 4 kv rated current 6.3 a current with max. conductor 6.3 a ul rating data min. cross-section (ul) awg 22 max. cross-section (ul) awg 8 approvals approvals institutes classifications etim 2.0 ec000899 etim 3.0 ec000899
product catalogue | terminals | screwing technology | sak-series modular terminals | ts 35 | germin krg | modular fuse terminals | 10 mm2 - 3 - classifications eclass 4.1 27-14-11-16 eclass 5.0 27-14-11-16 eclass 5.1 27-14-11-16 similar products order no. part designation version 8068330000 saks 1/35 g20 gl 115vac fuse terminal, 10 mm2, screw connection, krg, medium yellow, ts 35 0199920000 saks 1/35 g20 gl 230vac fuse terminal, 10 mm2, screw connection, krg, medium yellow, ts 35 1111320000 saks 1/35 g20 ld 24vac fuse terminal, 10 mm2, screw connection, krg, medium yellow, ts 35 0214020000 saks 1/35 g20 ld 48vac fuse terminal, 10 mm2, screw connection, krg, medium yellow, ts 35 0501620000 saks 1/35/g20 fuse terminal, 10 mm2, screw connection, krg, medium yellow, ts 35 0501520000 saks 1/35/g25 fuse terminal, 10 mm2, screw connection, krg, medium yellow, ts 35 1368720000 saks 2/35 fuse terminal, 10 mm2, screw connection, krg, medium yellow, ts 35 0328920000 saks 3/35 g/5x30 500v fuse terminal, 10 mm2, screw connection, krg, medium yellow, ts 35 0501820000 saks 4/35 fuse terminal, 10 mm2, screw connection, krg, medium yellow, ts 35 0178220000 saks 4/35 usa fuse terminal, 10 mm2, screw connection, krg, medium yellow, ts 35


▲Up To Search▲   

 
Price & Availability of 0225820000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X