Part Number Hot Search : 
SMC13CA SD5300N UPD75 SFM16 741035 SC265D3 AKD4366 S10K2
Product Description
Full Text Search
 

To Download ZVG55W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  part number: ZVG55W published date : feb 27 ,2008 drawing no : sdsa0641 v4 checked : b. l.liu p.1/4 3.2x1.6mm smd chip led lamp www.sunled.com notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.2(0.008") unless otherwise noted. 3.specifications are subject to change without notice. features z 3.2mmx1.6mm smt led, 1.1mm thickness. z low power consumption. z wide viewing angle. z ideal for backlight and indicator. z various colors and lens types available. z package : 2000pcs / reel. z moisture sensitivity level : level 3. z rohs compliant. part number emitting color emitting material lens-color luminous intensity (if=20ma) mcd wavelength nm p viewing angle 2 1/2 min. typ. ZVG55W green ingaalp water clear 10 39 574 120 absolute maximum ratings (t a =25c ) vg (ingaalp) unit reverse voltage v r 5 v forward current i f 30 ma forward current (peak) 1/10 duty cycle 0.1ms pulse width i fs 150 ma power dissipation p t 75 mw operating temperature t a -40 ~ +85 c storage temperature tstg -40 ~ +85 vg (ingaalp) unit forward voltage (typ.) (i f =20ma) v f 2.1 v forward voltage (max.) (i f =20ma) v f 2.5 v reverse current (max.) (v r =5v) i r 10 ua wavelength of peak emission (typ.) (i f =20ma) p 574 nm wavelength of dominant emission (typ.) (i f =20ma) d 570 nm spectral line full width at half-maximum (typ.) (i f =20ma) ? 20 nm capacitance (typ.) (v f =0v, f=1mhz) c 15 pf operating characteristics (t a =25c )
part number: ZVG55W published date : feb 27 ,2008 drawing no : sdsa0641 v4 checked : b. l.liu p.2/4 3.2x1.6mm smd chip led lamp www.sunled.com ? vg
part number: ZVG55W published date : feb 27 ,2008 drawing no : sdsa0641 v4 checked : b. l.liu p.3/4 3.2x1.6mm smd chip led lamp www.sunled.com ? recommended soldering pattern (units : mm; tolerance: 0.1) ? tape specification (units : mm) ? the device has a single mounting surface. the device must be mounted according to the specifications . remarks: if special sorting is required (e.g. binning based on forward vo ltage, luminous intensity / luminous flux, or wavelength), the typical accuracy of the so rting process is as follows: 1. wavelength: +/-1nm 2. luminous intensity / luminous flux: +/-15% 3. forward voltage: +/-0.1v note: accuracy may depend on the sorting parameters.
part number: ZVG55W published date : feb 27 ,2008 drawing no : sdsa0641 v4 checked : b. l.liu p.4/4 3.2x1.6mm smd chip led lamp www.sunled.com packing & label specifications ZVG55W


▲Up To Search▲   

 
Price & Availability of ZVG55W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X