Part Number Hot Search : 
40T03GH 08M41VSA CX550 HAF1009 RB151 24L15 EPE6210S 3329H203
Product Description
Full Text Search
 

To Download W562S99 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  w562xxx dual-tone melody with voice synthesizer (banddirector tm series) publication release date: fabruary 1999 - 1 - revision a2 general description the w562xxx is one of the derivatives of the banddirector tm family. it consists of a 4-bit c, two voice synthesizers, one dual tone melody generator, 38 khz carrier output for ir transmission and one rom shared rom. the muti-tasking operation for voice synthesis and dual tone melody generation is implemented by dedicated h/w that can output the speech voice in parallel with the background music. the 4 bit kernel, which executes instructions of up to 12 kips (kilo-instructions per second) can offer customers a great deal of flexibility to achieve various kind of program controls for different applications. in addition, the w562xxx's user-friendly development environment can effectively reduce your design period and help you easily tool your project by yourself with the w56xxx ice and emulation kit. there are 9 kinds of w562xxx ic bodies. (see table below) part no. w562s08 w562s10 w562s12 w562s15 w562s20 w562s25 w562s30 duration 8 sec 10 sec 12 sec 15 sec 20 sec 25 sec 30 sec part no. w562s40 w562s50 w562s60 w562s80 W562S99 w562m02 duration 40 sec 50 sec 60 sec 80 sec 100 sec 120 sec note: the voice durations are estimated by 6.4 khz sampling rate possible applications are: ? programmed voice synthesis with background music or speech. ? i/o interactive voice synthesis to accompany background music or speech. ? q&a games. ? edutainment toys. ? remote toys. features ? multi-engine processor parallel management with c, speech and dual tone melody. ? c // (synthesizer1 or dual tone melody) // synthesizer2 (//: in parallel ) ? c, with basic alu, 64-nibble ram (including 8 working registers) and an 8-bit timer. ? synthesizer1 capable of voice syntheses with sample rate @ 4.8/6/8/12 khz ? synthesizer2, same as synthesizer1. ? dual-tone melody d/a output with 3 level volume control
w562xxx - 2 - ? wide operating voltage range: 2.4 to 5.5 volts ? low power consumption (v dd = 5 volt) ? standby current < 1 a ? operating current < 1 ma ? main oscillator: 3 mhz, ring oscillation ? input/ output port ? port for input only: 1 port/ 4 pins ? input/ output ports: 2 ports/ 8 pins ? port for output only: 1 port/ 4 pins ? can offer a direct row and column matrix of up to 72 (8 9) keys ? interrupts ? internal interrupts: timer ? external interrupts: tg (port 0, port1), poi (power on initialization) ? priority: poi > tg > timer ? melody + voice outputs for dac ? tg interrupt provided ? share tg interrupt for port0/port1 input ? global tg interrupt enable controlled (bit3 of the ier register) ? individual interrupt enable controlled (per0 and per1 registers) ? built-in 8 bit programmable down count timer ? one of two internal clock frequencies can be selected ? desired timer interval = (preset value+1) * 1/f t (f t : 32 hz or 32 khz dependent on the bit0 of the mode register, at fosc = 3 mhz) ? a total of around 64,000 instructions can be used in the program ? powerful instruction set: ? arithmetic: add, addc, sub, subc, inc, dec, setb, clrb ? logic operation: and, or, xor, not ? shift & rotate: rorc, rolc, shrc, shlc ? date move: ld, ldr, mv ? branch: jp, jb0, jb1, jb2, jb3, jz, jnz, jc, jnc, jbz1, jbz2, cjne, cje, djnz, djz ? subroutine: call, rtn, rti ? others: nop, end, en int, dis int, play ch1, play ch2, stop ch1, stop ch2 ? 8-level stack shared by call, timer, synthesizer and tg ? multi-tasking operation via interrupt for automatic voice segment concatenation ? melody or speech voice can be easily concatenated with symbol "+"
w562xxx publication release date: fabruary1999 - 3 - revision a2 ? example: play ch1, h4 + melody1 + speech1 + speech2 + melody2 + t4 the dac of the w562xxx will play melody1, speech1, speech2 and melody2 sequentially ? the length of the voice segment is unlimited ? speech section control ? sample rate control (4.8k/6k/8k/12k) ? example: play ch2, h4 + speech1_s + t4; s: define the sample rate ? melody section control ? background music d/a output bits selectable for volume control (6/7/8) ? example: play ch1, h4 + melody_xxb + t4; b: define the melody output bits ? dual tone melody with ? xm3: triple harmonic effect ? 3 kinds of percussion effects ? 6 beats ? 41 pitches from g3# to c7 ? 16 kinds of tempo ? the number of the score and note are unlimited ? provide ir 38 khz carrier ? txf.0 = 0/1 disable/enable ir carrier ? txf.1 = 0/1 output carrier with p2.3 low/high active ? provides ice (in circuit emulation) system for easy debugging ? free run ? stop run ? program reset ? step into ? step over ? go to cursor ? break point ? register read/ modify
w562xxx - 4 - block diagram i/o controller dual tone melody generator ram special register timing generator osc p0 p1 p2 p3 synthesizer i alu timer rom dac mixer 38khz carrier synthesizer ii * pad description name i/o description test i test pin, internally pulled low p0.0 ? p0.3 i interruptable input pins, internally pulled high p1.0 ? p1.3 i/o i/o multiplexed port1. interruptable port if selected as input p2.0 ? p2.3 i/o i/o multiplexed port 2 p2.3 can be programmed as 38 khz carrier output pin p3.0 ? p3.3 o output port 3 v ss - negative power supply reset i reset all, functions as por (power on reset), internally pulled high v dd - positive power supply osc i connect r osc to v dd to generate 3 mhz oscillator dac o current output of mixing of the channel 1 and channel 2 for driving an external speaker
w562xxx publication release date: fabruary1999 - 5 - revision a2 absolute maximum ratings parameter symbol conditions rated value unit power supply v dd ? v ss - -0.3 to +7.0 v input voltage v in all inputs v ss -0.3 to v dd +0.3 v storage temp. t stg - -55 to +150 c operating temp. t opr - 0 to +70 c note: exposure to conditions beyond those listed under absolute maximum ratings may adversely affect the life and reliability o f the device. electrical characteristics dc characteristics (v dd ? v ss = 3.0v, fm = 3 mhz, t a = 25 c; unless otherwise specified) parameter sym. conditions min. typ. max. unit operating voltage v dd - 2.4 - 5.5 v standby current i dd1 no load, no playing - - 1 a operating current (ring type) i op2 no load --1ma input low voltage v il all input pins v ss - 0.3 v dd v input high voltage v ih all input pins 0.7 v dd -v dd v input current for p0, p1, p2 i in v dd = 3v, v in = 0v - - -6 a input current for reset i in1 v dd = 3v, v in = 0v - - -6 a output current of p1, i ol v dd = 3v, v out = 0.4v 5 - - ma p2, p3 i oh v dd = 3v, v out = 2.7v -3 - - ma dac (d/a full scale) i dac v dd = 4.5v, r l = 100 ? -4.0 -5.0 -6.0 ma pull-low resistor r pl test pin 100 - - k ? ac characteristics parameter sym. conditions min. typ. max. unit main-clock frequency f m ring type, r osc = 1.2m ? 2.7 3 3.3 mhz frequency deviation by voltage drop for ring type oscillator ? f f f(3v) f(2.4v) f(3v) ? --10% machine cycle time t ins one machine cycle 1/12 - 1/6 ms por pulse width t por -1-- s
w562xxx - 6 - typical application circuit p0.0 p1.0 p1.1 p1.2 p1.3 p2.0 p2.1 p2.2 p2.3 reset w562xx p0.1 p0.2 p0.3 vcc p3.1 osci r osc dac vcc 8050 rs vcc 8550 ir led r1 r2 cs rosc = 1.2 m ? , rs = 330 - 680 ? , r2 = 10 ? , r1 = 220 ? , cs = 0.1 f headquarters no. 4, creation rd. iii, science-based industrial park, hsinchu, taiwan tel: 886-3-5770066 fax: 886-3-5792697 http://www.winbond.com.tw/ voice & fax-on-demand: 886-2-27197006 taipei office 11f, no. 115, sec. 3, min-sheng east rd., taipei, taiwan tel: 886-2-27190505 fax: 886-2-27197502 winbond electronics (h.k.) ltd. rm. 803, world trade square, tower ii, 123 hoi bun rd., kwun tong, kowloon, hong kong tel: 852-27513100 fax: 852-27552064 winbond electronics north america corp. winbond memory lab. winbond microelectronics corp. winbond systems lab. 2727 n. first street, san jose, ca 95134, u.s.a. tel: 408-9436666 fax: 408-5441798 note: all data and specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of W562S99

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X