|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
stp20ne06l STP20NE06LFP n - channel 60v - 0.06 w - 20a to-220/to-220fp stripfet ? power mosfet n typical r ds(on) = 0.06 w n exceptional dv/dt capability n 100% avalanche tested n low gate charge 100 o c n application oriented characterization description this power mosfet is the latest development of stmicroelectronics unique o single feature size ? o strip-based process. the resulting transi- stor shows extremely high packing density for low on-resistance, rugged avalance characteristics and less critical alignment steps therefore a re- markable manufacturing reproducibility. applications n dc motor control n dc-dc & dc-ac converters n synchronous rectification ? internal schematic diagram absolute maximum ratings symbol parameter value unit stp20ne06 stp20ne06fp v ds drain-source voltage (v gs =0) 60 v v dgr drain- gate voltage (r gs =20k w )60v v gs gate-source voltage 20 v i d drain current (continuous) at t c =25 o c2013a i d drain current (continuous) at t c = 100 o c149a i dm ( ? ) drain current (pulsed) 80 80 a p tot total dissipation at t c =25 o c7030w derating factor 0.47 0.2 w/ o c v iso insulation withstand voltage (dc) ? 2000 v dv/dt peak diode recovery voltage slope 7 v/ns t stg storage temperature -65 to 175 o c t j max. operating junction temperature 175 o c ( ? ) pulse width limited by safe operating area ( 1 )i sd 20 a, di/dt 300 a/ m s, v dd v (br)dss ,t j t jmax type v dss r ds( on) i d stp20ne06l STP20NE06LFP 60 v 60 v <0.07 w <0.07 w 20 a 13 a april 1999 to-220 to-220fp 1 2 3 1 2 3 1/9
thermal data to-220 to-220fp r thj-case thermal resistance junction-case max 2.14 5 o c/w r thj-amb r thc-sink t l thermal resistance junction-ambient max thermal resistance case-sink typ maximum lead temperature for soldering purpose 62.5 0.5 300 o c/w o c/w o c avalanche characteristics symbol parameter max value unit i ar avalanche current, repetitive or not-repetitive (pulse width limited by t j max) 20 a e as single pulse avalanche energy (starting t j =25 o c, i d =i ar ,v dd =35v) 100 mj electrical characteristics (t case =25 o c unless otherwise specified) off symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d =250 m av gs =0 60 v i dss zero gate voltage drain current (v gs =0) v ds =maxrating v ds =maxrating t c = 125 o c 1 10 m a m a i gss gate-body leakage current (v ds =0) v gs = 20 v 100 na on ( * ) symbol parameter test conditions min. typ. max. unit v gs(th) gate threshold voltage v ds =v gs i d = 250 m a 1 v r ds(on) static drain-source on resistance v gs =5v i d =10a v gs =10v i d =10a 0.07 0.06 0.085 0.07 w w i d(o n) on state drain current v ds >i d(o n) xr ds(on )ma x v gs =10v 20 a dynamic symbol parameter test conditions min. typ. max. unit g fs ( * )forward transconductance v ds >i d(o n) xr ds(on )ma x i d =10 a 5 9 s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds =25v f=1mhz v gs = 0 800 125 40 pf pf pf stp20ne06l/fp 2/9 electrical characteristics (continued) switching on symbol parameter test conditions min. typ. max. unit t d(on) t r turn-on delay time rise time v dd =30v i d =10a r g =4.7 w v gs =5v (see test circuit, figure 3) 20 45 ns ns q g q gs q gd total gate charge gate-source charge gate-drain charge v dd =48v i d =20a v gs =5v 14 8 4 20 nc nc nc switching off symbol parameter test conditions min. typ. max. unit t r(voff) t f t c off-voltage rise time fall time cross-over time v dd =48v i d =20a r g =4.7 w v gs =5v (see test circuit, figure 5) 10 25 42 ns ns ns source drain diode symbol parameter test conditions min. typ. max. unit i sd i sdm ( ? ) source-drain current source-drain current (pulsed) 20 80 a a v sd ( * )forwardonvoltage i sd =20a v gs =0 1.5 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 20 a di/dt = 100 a/ m s v dd =30v t j = 150 o c (see test circuit, figure 5) 65 130 4 ns nc a ( * ) pulsed: pulse duration = 300 m s, duty cycle 1.5 % ( ? ) pulse width limited by safe operating area safe operating area for to-220 safe operating area for to-220fp stp20ne06l/fp 3/9 thermal impedance for to-220 output characteristics transconductance thermal impedance forto-220fp transfer characteristics static drain-source on resistance stp20ne06l/fp 4/9 gate charge vs gate-source voltage normalized gate threshold voltage vs temperature source-drain diode forward characteristics capacitance variations normalized on resistance vs temperature stp20ne06l/fp 5/9 fig. 1: unclamped inductive load test circuit fig. 3: switching times test circuits for resistive load fig. 2: unclamped inductive waveform fig. 4: gate charge test circuit fig. 5: test circuit for inductive load switching and diode recovery times stp20ne06l/fp 6/9 dim. mm inch min. typ. max. min. typ. max. a 4.40 4.60 0.173 0.181 c 1.23 1.32 0.048 0.051 d 2.40 2.72 0.094 0.107 d1 1.27 0.050 e 0.49 0.70 0.019 0.027 f 0.61 0.88 0.024 0.034 f1 1.14 1.70 0.044 0.067 f2 1.14 1.70 0.044 0.067 g 4.95 5.15 0.194 0.203 g1 2.4 2.7 0.094 0.106 h2 10.0 10.40 0.393 0.409 l2 16.4 0.645 l4 13.0 14.0 0.511 0.551 l5 2.65 2.95 0.104 0.116 l6 15.25 15.75 0.600 0.620 l7 6.2 6.6 0.244 0.260 l9 3.5 3.93 0.137 0.154 dia. 3.75 3.85 0.147 0.151 l6 a c d e d1 f g l7 l2 dia. f1 l5 l4 h2 l9 f2 g1 to-220 mechanical data p011c stp20ne06l/fp 7/9 dim. mm inch min. typ. max. min. typ. max. a 4.4 4.6 0.173 0.181 b 2.5 2.7 0.098 0.106 d 2.5 2.75 0.098 0.108 e 0.45 0.7 0.017 0.027 f 0.75 1 0.030 0.039 f1 1.15 1.7 0.045 0.067 f2 1.15 1.7 0.045 0.067 g 4.95 5.2 0.195 0.204 g1 2.4 2.7 0.094 0.106 h 10 10.4 0.393 0.409 l2 16 0.630 l3 28.6 30.6 1.126 1.204 l4 9.8 10.6 0.385 0.417 l6 15.9 16.4 0.626 0.645 l7 9 9.3 0.354 0.366 3 3.2 0.118 0.126 l2 a b d e h g l6 ? f l3 g1 123 f2 f1 l7 l4 to-220fp mechanical data stp20ne06l/fp 8/9 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibil ity for the consequences of use of such information nor for any infringement of patents or other rights of third part ies which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectro nics. specific ation mentioned in this publication are subjec t to change without notice. this publication supersedes and replaces all informat ion previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems with out express written approval of stmicroelectronics. the st logo is a trademark of stmicroelectronics ? 1999 stmicroelectronics printed in italy all rights reserved stmicroelectronics group of companies australia - brazil - canada - china - france - germany - italy - japan - korea - malaysi a - malta - mexico - morocco - the netherlands - singapore - spain - sweden - switzerland - taiwan - thailand - united kingdom - u.s.a. http://www.st.com . stp20ne06l/fp 9/9 |
Price & Availability of STP20NE06LFP |