Part Number Hot Search : 
100175 TM1668 SGC0305A FC65PE W9820 HY5DU5 CM8500A PBSS4
Product Description
Full Text Search
 

To Download SRF16-06CT-LFR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  srf16-03ct-lfr thru srf16-10ct-lfr page: 1 frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com 16a dual schottky barrier rectifiers srf16-03ct-lfr thru srf16-10ct-lfr case : ito-220ab( srf16-xx ) , fully insulated package features mechanical data z extremely low vf z case: transfer molded z low stored charge, majority carrier conduction z leads: solderable per mil-std-202,method 208 z low power loss / high efficiency z polarity: as marked z ul 94v0 flame retardant epoxy molding compound z weight 2.05 grams z rohs maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% ratings symbol srf16 -03ct -lfr srf16 -035ct -lfr srf16 -04ct -lfr srf16 -045ct -lfr srf16 -05ct -lfr srf16 -06ct -lfr srf16 -08ct -lfr srf16 -09ct -lfr srf16 -10ct -lfr units maximum recurrent peak reverse voltage v rrm 30 35 40 45 50 60 80 90 100 v maximum rms voltage v rms 21 24 28 31 35 42 56 63 70 v maximum dc blocking voltage v dc 30 35 40 45 50 60 80 90 100 v maximum average forward rectified current see fig.1 per leg i o 16.0 8.0 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load per leg i fsm 150 a storage temperature range t stg - 55 to + 150 operating temperature range t op - 55 to + 125 electrical characteristics (a t t a =25 c unless otherwise noted) characteristics symbol srf16 -03ct -lfr srf16 -035ct -lfr srf16 -04ct -lfr srf16 -045ct -lfr srf16 -05ct -lfr srf16 -06ct -lfr srf16 -08ct -lfr srf16 -09ct -lfr srf16 -10ct -lfr units maximum forward voltage at 8a per leg v f 0.60 0.70 0.85 v maximum reverse current at 25 per leg (note 1) i r 5.0 ma maximum reverse current at 100 per leg (note 1) i r 50.0 ma thermal characteristics (t c =25 unless otherwise noted ) parameter symbol srf16 units typical thermal resistance junction to case per leg r jc 5.0 /w notes: 1. pulse test: 300s pulse width, 1% duty cycle millimeters min max b c d e f g h i j k l m o 9.72 6.30 14.50 13.00 - 2.41 - - - - 2.5 - 10.27 6.90 15.50 13.80 4.1 2.67 1.52 0.9 4.8 3.1 2.9 0.8 ? 3.4 c f h b d g e 1 2 3 o i pin 1 pin 3 pin 2 case j m k l
srf16-03ct-lfr thru srf16-10ct-lfr page: 2 ratings and characteristic curves srf16-03ct-lfr thru srf16-10ct-lfr fig. 1 - forward derating curve 20 16 12 8.0 4.0 0 fig. 2 - peak forward surge current 1 10 100 number of cycles at 60h z 300 250 200 150 100 50 0 peak forward surge current, (amps?) 0 25 50 75 100 125 150 case temperature ( ) fig. 3 - typical reverse characteristics 10 1.0 0.1 .01 .001 0 20 40 60 80 100 120 140 instantaneous reverse current (ma) average forward rectified current (amps) percent of rated voltage peak reverse voltage fig. 5 - typical forward characteristic 100 10 1 0.1 0 0 . 2 0 . 6 1 . 0 1 . 4 1 . 8 2 . 0 forward voltage (volts) instantaneous forward current (amps) srf16-03ct-lf~16-045ct-lf srf16-05ct-lf~16-10ct-lf srf16-03ct-lf~16-045ct-lf srf16-05ct-lf~16-10ct-lf t j =25 t j =75 t j =125


▲Up To Search▲   

 
Price & Availability of SRF16-06CT-LFR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X