Part Number Hot Search : 
E28F008 TT3049 205S35 1000W MMBD4 P0900EA SLA32E1 M5231
Product Description
Full Text Search
 

To Download SPU01N60C308 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2008-04-07 rev. 2.5 page 1 spu01n60c3 spd01n60c3 cool mos? power transistor v ds @ t j ma x 650 v r ds ( on ) 6 ? i d 0.8 a feature ? new revolutionary high voltage technology ? ultra low gate charge ? periodic avalanche rated ? extreme d v /d t rated ? ultra low effective capacitances ? improved transconductance p g -to251 p g -to252 type package ordering code spu01n60c3 p g -to251 q67040-s4193 spd01n60c3 p g -to252 q67040-s4188 marking 01n60c3 01n60c3 maximum ratings parameter symbol value unit continuous drain current t c = 25 c t c = 100 c i d 0.8 0.5 a pulsed drain current, t p limited by t j ma x i d p uls 1.6 avalanche energy, single pulse i d = 0.6 a, v dd = 50 v e as 20 mj avalanche energy, repetitive t ar limited by t jmax 1 ) i d = 0.8 a, v dd = 50 v e ar 0.01 avalanche current, repetitive t a r limited by t j ma x i a r 0.8 a gate source voltage static v gs 20 v gate source voltage ac (f >1hz) v gs 30 power dissipation, t c = 25c p tot 11 w operating and storage temperature t j , t st g -55... +150 c reverse diode dv/dt dv/dt 15 v/ns 3)
2008-04-07 rev. 2.5 page 2 spu01n60c3 spd01n60c3 maximum ratings parameter symbol value unit drain source voltage slope v ds = 480 v, i d = 0.8 a, t j = 125 c d v /d t 50 v/ns thermal characteristics parameter symbol values unit min. typ. max. thermal resistance, junction - case r thjc - - 11 k/w thermal resistance, junction - ambient, leaded r thja - - 75 smd version, device on pcb: @ min. footprint @ 6 cm 2 cooling area 2) r thja - - - - 75 50 soldering temperature, *) 1.6 mm (0.063 in.) from case for 10s t sold - - 260 c electrical characteristics, at t j=25c unless otherwise specified parameter symbol conditions values unit min. typ. max. drain-source breakdown voltage v (br)dss v gs =0v, i d =0.25ma 600 - - v drain-source avalanche breakdown voltage v (br)ds v gs =0v, i d =0.8a - 700 - gate threshold voltage v gs ( th ) i d =250  , v gs = v ds 2.1 3 3.9 zero gate voltage drain current i dss v ds =600v, v gs =0v, t j =25c, t j =150c - - 0.1 - 1 50 a gate-source leakage current i gss v gs =30v, v ds =0v - - 100 na drain-source on-state resistance r ds(on) v gs =10v, i d =0.5a, t j =25c t j =150c - - 5.6 15.1 6 -  *)
2008-04-07 rev. 2.5 page 3 spu01n60c3 spd01n60c3 electrical characteristics , at t j = 25 c, unless otherwise specified parameter symbol conditions values unit min. typ. max. transconductance g fs v ds  2* i d * r ds(on)max , i d =0.5a - 0.75 - s input capacitance c iss v gs =0v, v ds =25v, f =1mhz - 100 - pf output capacitance c oss - 40 - reverse transfer capacitance c rss - 2.5 - turn-on delay time t d(on) v dd =350v, v gs =0/10v, i d =0.8a, r g =100  - 30 - ns rise time t r - 25 - turn-off delay time t d(off) - 55 82 fall time t f - 30 45 gate charge characteristics gate to source charge q gs v dd =350v, i d =0.8a - 0.9 - nc gate to drain charge q gd - 2.2 - gate charge total q g v dd =350v, i d =0.8a, v gs =0 to 10v - 3.9 5 gate plateau voltage v ( plateau ) v dd =350v, i d =0.8a - 5.5 - v 1 repetitve avalanche causes additional power losses that can be calculated as p av = e ar * f . 2 device on 40mm*40mm*1.5mm epoxy pcb fr4 with 6cm2 (one layer, 70 m thick) copper area for drain connection. pcb is vertical without blown air. 3 i sd <=i d , di/dt<=400a/us, v dclink =400v, v peak 2008-04-07 rev. 2.5 page 4 spu01n60c3 spd01n60c3 electrical characteristics , at t j = 25 c, unless otherwise specified parameter symbol conditions values unit min. typ. max. inverse diode continuous forward current i s t c =25c - - 0.8 a inverse diode direct current, pulsed i sm - - 1.6 inverse diode forward voltage v sd v gs =0v, i f = i s - 1 1.2 v reverse recovery time t rr v r =350v, i f = i s , d i f /d t =100a/s - 570 970 ns reverse recovery charge q rr - 0.75 - c typical transient thermal characteristics symbol value unit symbol value unit typ. typ. thermal resistance r th1 0.225 k/w r th2 0.395 r th3 0.603 r th4 0.995 r th5 0.691 r th6 0.148 thermal capacitance c th1 0.00001221 ws/k c th2 0.00005037 c th3 0.0000809 c th4 0.0002915 c th5 0.001844 c th6 0.412 external heatsink t j t case t amb c th1 c th2 r th1 r th,n c th,n p tot (t)
2008-04-07 rev. 2.5 page 5 spu01n60c3 spd01n60c3 1 power dissipation p tot = f ( t c ) 0 20 40 60 80 100 120 c 160 t c 0 1 2 3 4 5 6 7 8 9 10 w 12 spu01n60c3 p tot 2 safe operating area i d = f ( v ds ) parameter : d = 0 , t c =25c 10 0 10 1 10 2 10 3 v v ds -2 10 -1 10 0 10 1 10 a i d tp = 0.001 ms tp = 0.01 ms tp = 0.1 ms tp = 1 ms dc 3 transient thermal impedance z thjc = f ( t p ) parameter: d = t p / t 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 1 s t p -2 10 -1 10 0 10 1 10 2 10 k/w z thjc d = 0.5 d = 0.2 d = 0.1 d = 0.05 d = 0.02 d = 0.01 single pulse 4 typ. output characteristic i d = f ( v ds ); t j =25c parameter: t p = 10 s, v gs 0 5 10 15 v 25 v ds 0 0.5 1 1.5 a 2.5 i d 5v 5.5v 6v 6.5v 7v 20v 10v
2008 -04-07 rev. 2.5 page 6 spu01n60c3 spd01n60c3 5 drain-source on-state resistance r ds(on) = f ( t j ) parameter : i d = 0.5 a, v gs = 10 v -60 -20 20 60 100 c 180 t j 0 4 8 12 16 20 24 28  34 spu01n60c3 r ds(on) typ 98% 6 typ. transfer characteristics i d = f ( v gs ); v ds  2 x i d x r ds(on)max parameter: t p = 10 s 0 4 8 12 v gs 20 v 0 0.5 1 1.5 a 2.5 i d 7 typ. gate charge v gs = f ( q gate ) parameter: i d = 0.8 a pulsed 0 1 2 3 4 nc 5.5 q gate 0 2 4 6 8 10 12 v 16 spu01n60c3 v gs 0.2 v ds max 0.8 v ds max 8 forward characteristics of body diode i f = f (v sd ) parameter: t j , t p = 10 s 0 0.4 0.8 1.2 1.6 2 2.4 v 3 v sd -2 10 -1 10 0 10 1 10 a spu01n60c3 i f t j = 25 c typ t j = 25 c (98%) t j = 150 c typ t j = 150 c (98%)
2008-04-07 rev. 2.5 page 7 spu01n60c3 spd01n60c3 9 avalanche soa i ar = f ( t ar ) par.: t j  150 c 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 4 s t ar 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 a 0.9 i ar t j(start) =25c t j(start) =125c 10 avalanche energy e as = f ( t j ) par.: i d = 0.6 a, v dd = 50 v 25 50 75 100 125 150 c 200 t j 0 2 4 6 8 10 12 14 16 18 mj 22 e as 11 drain-source breakdown voltage v (br)dss = f ( t j ) -60 -20 20 60 100 c 180 t j 540 560 580 600 620 640 660 680 v 720 spu01n60c3 v (br)dss 12 typ. capacitances c = f ( v ds ) parameter: v gs =0v, f =1 mhz 0 10 20 30 40 50 60 70 80 v 100 v ds 0 10 1 10 2 10 3 10 pf c c rss c oss c iss
2008-04-07 rev. 2.5 page 8 spu01n60c3 spd01n60c3 definition of diodes switching characteristics
2008-04-07 rev. 2.5 page 9 spu01n60c3 spd01n60c3 p g -to-252-3-1 (d-pak), pg-to-252-3-11 (d-pak), pg-to-252-3-21 (d-pak)
2008-04-07 rev. 2.5 page 10 spu01n60c3 spd01n60c3 pg-to-251-3-1 (i-pak), pg-to-251-3-21 (i-pak)
2008-04-07 rev. 2.5 page 11 spu01n60c3 spd01n60c3


▲Up To Search▲   

 
Price & Availability of SPU01N60C308

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X