Part Number Hot Search : 
MS6335U LM1276 D2525P56 TDA1566 2SC4632 MBM29 TM3066 SSM14PT
Product Description
Full Text Search
 

To Download SMA402001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  122 characteristic curves i c -v ce characteristics (typical) h fe -i c characteristics (typical) h fe -i c temperature characteristics (typical) v ce (sat)-i c temperature characteristics (typical) v ce (sat)-i b characteristics (typical) i c -v be temperature characteristics (typical) j-a -pw characteristics p t -t a characteristics safe operating area (soa) (t a =25 c) symbol ratings unit v cbo C 60 v v ceo C 60 v v ebo C 6v i c C 4a i b C 1a 4 (t a =25 c) 20 (t c =25 c) t j 150 c t stg C 40 to +150 c (t a =25 c) symbol unit conditions i cbo C 10 av cb = C 60v i ebo C 10 ma v eb = C 6v v ceo C 60 v i c = C 10ma h fe 2000 v ce = C 4v, i c = C 3a v ce (sat) C 1.5 v i c = C 3a, i b = C 6ma p t w sma4020 specification min typ max r 1 : 2k ? typ r 2 : 150 ? typ r 1 r 2 10 12 7 8 6 5 3 1 11 9 4 2 C 6 C 4 C 2 0 0 C 1 C 2 C 3 C 4 C 5 C 6 C 0 .8 m a C 1 .0 m a C 1.2ma C 1.5ma C 1.8ma i b = C 2.2m a i c (a) v ce (v) C 0 .9 m a 10000 5000 1000 500 100 C 0.03 50 C 0.1 C 0.5 C 1 C 5 C 6 typ (v ce = C 4v) h fe i c (a) 10000 5000 1000 500 100 C 0.03 50 C 0.1 C 0.5 C 1 C 5 C 6 C 30 c t a =1 25 c 75 c 25 c (v ce = C 4v) h fe i c (a) C 3 C 1 0 C 0.5 C 1 C 5 C 6 C 2 t a = C 3 0 c 25 c 125 c 75 c (i c / i b =1000) v ce (sat) (v) i c (a) C 0.2 C 3 C 2 C 1 0 C 0.5 C 1 C 5 C 10 C 50 C 100 i c = C 4a i c = C 2a i c = C 1a v ce (sat) (v) i b (ma) 0 C 1 C 2 C 3 C 6 C 5 C 4 C 3 C 2 C 1 0 C 3 0 c t a =125 c 75 c 25 c (v ce = C 4v) i c (a) v be (v) 20 10 5 1 0.5 1 5 10 50 100 500 1000 pw (ms) j C a ( c / w) 20 15 10 5 0 C 40 0 50 100 150 p t (w) t a ( c) with infinite heatsink without heatsink C 10 C 5 C 1 C 0.5 C 0.1 C 0.05 C 0.03 C 3 C 5 C 10 C 50 C 100 single pulse without heatsink t a =25 c 10m s 1 m s i c (a) v ce (v) pnp darlington general purpose external dimensions b ? ? ? sma absolute maximum ratings electrical characteristics  equivalent circuit diagram


▲Up To Search▲   

 
Price & Availability of SMA402001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X