Part Number Hot Search : 
90N03 4518B SM0038 344605 CS8404A VAL1Z OM8501SF CS830
Product Description
Full Text Search
 

To Download SC04-11GWA11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsad2261 rev no: v.10 date: feb/10/2011 page: 1 of 6 approved: wynec checked: joe lee drawn: y.f.lv er p: 1301000709 10.16mm (0.4inch) single digit numeric display part number: sc04-11gwa green features z 0.4 inch digit height. z low current operation. z excellent character appearance. z easy mounting on p.c. boards or sockets. z mechanically rugged. z standard : gray face, white segment. z rohs compliant. description the green source color devices are made with gallium phosphide green light emitting diode. package dimensions& internal circuit diagram notes: 1. all dimensions are in millimeters (inches), tolerance is 0.25(0.01")unless otherwise noted. 2. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice .
spec no: dsad2261 rev no: v.10 date: feb/10/2011 page: 2 of 6 approved: wynec checked: joe lee drawn: y.f.lv er p: 1301000709 selection guide note: 1. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. part no. dice lens type iv (ucd) [1] @ 10ma min. typ. sc04-11gwa green (gap) white diffused 3600 8600 common cathode, rt. hand decimal. description symbol parameter device typ. max. units test conditions peak peak wavelength green 565 nm i f =20ma d [1] dominant wavelength green 568 nm i f =20ma ? 1/2 spectral line half-width green 30 nm i f =20ma c capacitance green 15 pf v f =0v;f=1mhz v f [2] forward voltage green 2.2 2.5 v i f =20ma i r reverse current green 10 ua v r =5v parameter green units power dissipation 62.5 mw dc forward current 25 ma peak forward current [1] 140 ma reverse voltage 5 v operating / storage temperature -40c to +85c lead solder temperature[2] 260c for 3-5 seconds
spec no: dsad2261 rev no: v.10 date: feb/10/2011 page: 3 of 6 approved: wynec checked: joe lee drawn: y.f.lv er p: 1301000709 green sc04-11gwa
spec no: dsad2261 rev no: v.10 date: feb/10/2011 page: 4 of 6 approved: wynec checked: joe lee drawn: y.f.lv er p: 1301000709 packing & label specifications sc04-11gwa
spec no: dsad2261 rev no: v.10 date: feb/10/2011 page: 5 of 6 approved: wynec checked: joe lee drawn: y.f.lv er p: 1301000709
spec no: dsad2261 rev no: v.10 date: feb/10/2011 page: 6 of 6 approved: wynec checked: joe lee drawn: y.f.lv er p: 1301000709


▲Up To Search▲   

 
Price & Availability of SC04-11GWA11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X