Part Number Hot Search : 
CSP10 56160 YB18T5 J170A KD7180 2SA1797 AD558J 87C54
Product Description
Full Text Search
 

To Download RCD100N20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10v drive nch mosfet RCD100N20 ? structure ? dimensions (unit : mm) silicon n-channel mosfet ? features 1) low on-resistance. 2) high-speed switching. 3) wide range of soa. 4) drive circuits can be simple. 5) parallel use is easy. ? application switching ? packaging specifications ? inner circuit package taping code tl basic ordering unit (pieces) 2500 RCD100N20 ? ? absolute maximum ratings (ta = 25 ? c) symbol limits unit drain-source voltage v dss 200 v gate-source voltage v gss ? 30 v continuous i d ? 10 a pulsed i dp ? 40 a continuous i s 10 a pulsed i sp 40 a avalanche current i as 5a avalanche energy e as 7.35 mj power dissipation p d 20 w channel temperature tch 150 ? c range of storage temperature tstg ? 55 to ? 150 ? c *1 pw ? 10 ? s, duty cycle ? 1% *2 l 500 ? h, v dd =50v, r g =25 ? , t ch =25 ? c *3 limited only by maximum channel temperature allowed. *4 t c =25 ? c ? thermal resistance symbol limits unit channel to case rth (ch-c) 6.25 ? c / w * t c =25c * limited only by maximum channel temperature allowed. parameter type source current (body diode) drain current parameter *1 *1 *2 *2 (1) gate (2) drain (3) source ? 1 body diode cpt3 (sc-63) 6.5 2.3 (2) (3) 0.65 0.9 (1) 0.75 2.30.9 5.1 1.5 5.5 2.3 0.5 1.0 0.5 9.5 2.5 0.8min. 1.5 *4 *3 * (1) (3) (2) ?1 1/6 2011.10 - rev.a data sheet www.rohm.com ? 2011 rohm co., ltd. all rights reserved.
RCD100N20 ? electrical characteristics (ta = 25 ? c) symbol min. typ. max. unit gate-source leakage i gss -- ? 100 na v gs = ? 30v, v ds =0v drain-source breakdown voltage v (br)dss 200 - - v i d =1ma, v gs =0v zero gate voltage drain current i dss --10 ? av ds =200v, v gs =0v gate threshold voltage v gs (th) 3.25 - 5.25 v v ds =10v, i d =1ma forward transfer admittance l y fs l 2.1 4.2 - s v ds =10v, i d =5a input capacitance c iss - 1400 - pf v ds =25v output capacitance c oss - 95 - pf v gs =0v reverse transfer capacitance c rss - 45 - pf f=1mhz turn-on delay time t d(on) - 25 - ns v dd 100v, i d =5a rise time t r - 35 - ns v gs =10v turn-off delay time t d(off) - 40 - ns r l =20 ? fall time t f - 15 - ns r g =10 ? total gate charge q g - 25 - nc v dd 100v, i d =10a gate-source charge q gs -9-ncv gs =10v gate-drain charge q gd -9-nc *pulsed ? body diode characteristics (source-drain) symbol min. typ. max. unit forward voltage v sd - - 1.5 v i s =10a, v gs =0v *pulsed 182 parameter conditions conditions m ? parameter static drain-source on-state resistance r ds (on) i d =5a, v gs =10v - 140 * * * * * * * * * * * * * * * * * 2/6 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RCD100N20 ? electrical characteristic curves (ta=25 ? c) 0 1 2 3 4 5 0 0.2 0.4 0.6 0.8 1 drain current : i d [a] drain - source voltage : v ds [v] fig.1 typical output characteristics ( ) v gs =5.5v v gs =10.0v v gs =7.0v v gs =8.0v v gs =6.0v v gs =6.5v t a =25 c pulsed 0.001 0.01 0.1 1 10 100 1 2 3 4 5 6 7 8 9 10 drain currnt : i d [a] gate - source voltage : v gs [v] fig.3 typical transfer characteristics v ds =10v pulsed t a = 125 c t a = 75 c t a = 25 c t a = - 25 c 0 1 2 3 4 5 -50 -25 0 25 50 75 100 125 150 gate threshold voltage : v gs(th) [v] channel temperature : t ch [ ] fig.4 gate threshold voltage vs. channel temperature v ds =10v i d =1ma pulsed 0.01 0.1 1 0.01 0.1 1 10 100 static drain - source on - state resistance : r ds(on) [ ] drain current : i d [a] fig.5 static drain - source on - state resistance vs. drain current v gs =10v pulsed t a = 125 c t a = 75 c t a = 25 c t a = - 25 c 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 -50 -25 0 25 50 75 100 125 150 static drain - source on - state resistance : r ds(on) [ ] channel temperature : t ch [ ] fig.6 static drain - source on - state resistance vs. channel temperature v gs =10v pulsed i d =5a i d =10a 0 2 4 6 8 10 0 2 4 6 8 10 drain current : i d [a] drain - source voltage : v ds [v] fig.2 typical output characteristics ( ) v gs =6.0v v gs =10.0v v gs =8.0v v gs =6.5v v gs =7.0v v gs =5.5v t a =25 c pulsed 3/6 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RCD100N20 0.01 0.1 1 10 0.01 0.1 1 10 100 forward transfer admittance y fs [s] drain current : i d [a] fig.7 forward transfer admittance vs. drain current v ds =10v pulsed t a = 125 c t a = 75 c t a = 25 c t a = - 25 c 0.01 0.1 1 10 100 0.0 0.5 1.0 1.5 source current : is [a] source - drain voltage : v sd [v] fig.8 source current vs. source - drain voltage v gs =0v pulsed t a = 125 c t a = 75 c t a = 25 c t a = - 25 c 0.1 0.15 0.2 0.25 0.3 0 2 4 6 8 10 12 14 16 18 20 static drain - source on - state resistance r ds(on) [ ] gate - source voltage : v gs [v] fig.9 static drain - source on - state resistance vs. gate - source voltage i d =10a i d =5.0a t a =25 c pulsed 1 10 100 1000 10000 0.01 0.1 1 10 100 switching time : t [ns] drain current : i d [a] fig.10 switching characteristics t d(on) t r t d(off) t f v dd P 100v v gs =10v r g =10 t a =25 c pulsed 0 5 10 15 0 5 10 15 20 25 30 35 40 gate - source voltage : v gs [v] total gate charge : q g [nc] fig.11 dynamic input characteristics t a =25 c v dd =100v i d =10a pulsed 1 10 100 1000 10000 0.01 0.1 1 10 100 1000 capacitance : c [pf] drain - source voltage : v ds [v] fig.12 typical capacitance vs. drain - source voltage t a =25 c f=1mhz v gs =0v c iss c oss c rss 4/6 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RCD100N20 0.01 0.1 1 10 100 0.1 1 10 100 1000 drain current : i d [ a ] drain - source voltage : v ds [ v ] fig.13 maximum safe operating area t a =25 c single pulse mounted on a ceramic board. 30mm 30mm 0.8mm) operation in this area is limited by r ds(on) (v gs = 10v) p w = 100 s p w = 1ms p w = 10ms 0.0001 0.001 0.01 0.1 1 10 0.0001 0.001 0.01 0.1 1 10 100 1000 normalized transient thermal resistance : r t pulse width : pw (s) fig.14 normalized transient thermal resistance v.s. pulse width t a =25 c single pulse mounted on a ceramic board. (30mm 30mm 0.8mm) rth (ch - a) =43.5 c /w rth (ch - a) (t)=r(t) rth (ch - a) 5/6 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RCD100N20 ? measurement circuits f ig.1-1 switching time measurement circu it v gs r g v ds d.u.t. i d r l v dd fig.1-2 switching waveforms 90% 90% 90 % 10% 10% 50% 10% 50% v gs pulse width v ds t on t off t r t d(on) t f t d(off) f ig.2-1 gate charge measurement circuit v gs i g(const.) v d s d.u.t. i d r l v dd fig.2-2 gate charge waveform v g v gs charge q g q gs q gd fig.3-1 avalanche measurement circuit v gs r g v ds d.u.t. i as l v dd fig.3-2 avalanche waveform i as v dd v (br)dss i as 2 l e as = v (br)dss - v dd v (br)dss 1 2 6/6 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes


▲Up To Search▲   

 
Price & Availability of RCD100N20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X