Part Number Hot Search : 
1640CT MAX3001E C1623 100E1 P4KA27A AAT3132A SI7005 10T100A
Product Description
Full Text Search
 

To Download PMEG4030ER Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. product pro?le 1.1 general description planar maximum ef?ciency general application (mega) schottky barrier recti?er with an integrated guard ring for stress protection, encapsulated in a sod123w small and ?at lead surface-mounted device (smd) plastic package. 1.2 features n average forward current: i f(av) 3a n reverse voltage: v r 40 v n low forward voltage n high power capability due to clip-bond technology n aec-q101 quali?ed n small and ?at lead smd plastic package 1.3 applications n low voltage recti?cation n high ef?ciency dc-to-dc conversion n switch mode power supply (smps) n reverse polarity protection n low power consumption applications 1.4 quick reference data [1] device mounted on a ceramic printed-circuit board (pcb), al 2 o 3 , standard footprint. PMEG4030ER 3 a low v f mega schottky barrier recti?er rev. 01 11 august 2009 product data sheet table 1. quick reference data t j =25 c unless otherwise speci?ed. symbol parameter conditions min typ max unit i f(av) average forward current square wave; d = 0.5; f=20khz t amb 40 c [1] --3a t sp 130 c --3a v r reverse voltage - - 40 v v f forward voltage i f = 3 a - 460 540 mv i r reverse current v r = 40 v - 25 100 m a
PMEG4030ER_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 11 august 2009 2 of 13 nxp semiconductors PMEG4030ER 3 a low v f mega schottky barrier recti?er 2. pinning information [1] the marking bar indicates the cathode. 3. ordering information 4. marking 5. limiting values table 2. pinning pin description simpli?ed outline graphic symbol 1 cathode [1] 2 anode 2 1 sym001 12 table 3. ordering information type number package name description version PMEG4030ER - plastic surface-mounted package; 2 leads sod123w table 4. marking codes type number marking code PMEG4030ER bf table 5. limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit v r reverse voltage t j =25 c - 40 v i f(av) average forward current square wave; d = 0.5; f=20khz t amb 40 c [1] -3a t sp 130 c-3a i fsm non-repetitive peak forward current square wave; t p =8ms [2] -50a p tot total power dissipation t amb 25 c [3] [4] - 0.57 w [3] [5] - 0.95 w [3] [1] - 1.8 w
PMEG4030ER_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 11 august 2009 3 of 13 nxp semiconductors PMEG4030ER 3 a low v f mega schottky barrier recti?er [1] device mounted on a ceramic pcb, al 2 o 3 , standard footprint. [2] t j =25 c prior to surge. [3] re?ow soldering is the only recommended soldering method. [4] device mounted on an fr4 pcb, single-sided copper, tin-plated and standard footprint. [5] device mounted on an fr4 pcb, single-sided copper, tin-plated, mounting pad for cathode 1 cm 2 . 6. thermal characteristics [1] for schottky barrier diodes thermal runaway has to be considered, as in some applications the reverse power losses p r are a signi?cant part of the total power losses. [2] re?ow soldering is the only recommended soldering method. [3] device mounted on an fr4 pcb, single-sided copper, tin-plated and standard footprint. [4] device mounted on an fr4 pcb, single-sided copper, tin-plated, mounting pad for cathode 1 cm 2 . [5] device mounted on a ceramic pcb, al 2 o 3 , standard footprint. [6] soldering point of cathode tab. t j junction temperature - 150 c t amb ambient temperature - 55 +150 c t stg storage temperature - 65 +150 c table 5. limiting values continued in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit table 6. thermal characteristics symbol parameter conditions min typ max unit r th(j-a) thermal resistance from junction to ambient in free air [1] [2] [3] - - 220 k/w [4] - - 130 k/w [5] --70k/w r th(j-sp) thermal resistance from junction to solder point [6] --18k/w
PMEG4030ER_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 11 august 2009 4 of 13 nxp semiconductors PMEG4030ER 3 a low v f mega schottky barrier recti?er fr4 pcb, standard footprint fig 1. transient thermal impedance from junction to ambient as a function of pulse duration; typical values fr4 pcb, mounting pad for cathode 1 cm 2 fig 2. transient thermal impedance from junction to ambient as a function of pulse duration; typical values 006aab649 10 1 10 2 10 3 z th(j-a) (k/w) 10 - 1 t p (s) 10 - 3 10 2 10 3 10 1 10 - 2 10 - 1 duty cycle = 1 0.75 0.5 0.33 0.2 0.25 0.1 0.05 0.02 0.01 0 006aab650 10 1 10 2 10 3 z th(j-a) (k/w) 10 - 1 t p (s) 10 - 3 10 2 10 3 10 1 10 - 2 10 - 1 duty cycle = 1 0.75 0.5 0.33 0.2 0.25 0.1 0.05 0.02 0.01 0
PMEG4030ER_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 11 august 2009 5 of 13 nxp semiconductors PMEG4030ER 3 a low v f mega schottky barrier recti?er 7. characteristics ceramic pcb, al 2 o 3 , standard footprint fig 3. transient thermal impedance from junction to ambient as a function of pulse duration; typical values 006aab651 t p (s) 10 - 3 10 2 10 3 10 1 10 - 2 10 - 1 10 1 10 2 z th(j-a) (k/w) 10 - 1 duty cycle = 1 0.75 0.5 0.33 0.2 0.25 0.1 0.05 0.02 0.01 0 table 7. characteristics t j =25 c unless otherwise speci?ed. symbol parameter conditions min typ max unit v f forward voltage i f = 0.1 a - 295 330 mv i f = 1 a - 380 440 mv i f = 3 a - 460 540 mv i r reverse current v r =10v - 5 - m a v r = 40 v - 25 100 m a c d diode capacitance f=1mhz v r = 1 v - 250 - pf v r =10v - 95 - pf
PMEG4030ER_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 11 august 2009 6 of 13 nxp semiconductors PMEG4030ER 3 a low v f mega schottky barrier recti?er (1) t j = 150 c (2) t j = 125 c (3) t j =85 c (4) t j =25 c (5) t j = - 40 c (1) t j = 125 c (2) t j =85 c (3) t j =25 c (4) t j = - 40 c fig 4. forward current as a function of forward voltage; typical values fig 5. reverse current as a function of reverse voltage; typical values f = 1 mhz; t amb =25 c fig 6. diode capacitance as a function of reverse voltage; typical values 006aab652 10 - 2 10 - 3 1 10 - 1 10 i f (a) 10 - 4 v f (v) 0.0 0.7 0.5 0.6 0.4 0.3 0.1 0.2 (1) (2) (3) (4) (5) 006aab653 10 - 2 10 - 3 10 - 4 10 - 5 10 - 6 10 - 7 10 - 8 i r (a) 10 - 9 v r (v) 040 30 10 20 (1) (2) (3) (4) v r (v) 040 30 10 20 006aab654 200 400 600 c d (pf) 0
PMEG4030ER_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 11 august 2009 7 of 13 nxp semiconductors PMEG4030ER 3 a low v f mega schottky barrier recti?er t j = 150 c (1) d = 0.1 (2) d = 0.2 (3) d = 0.5 (4) d =1 t j = 125 c (1) d =1 (2) d = 0.9 (3) d = 0.8 (4) d = 0.5 fig 7. average forward power dissipation as a function of average forward current; typical values fig 8. average reverse power dissipation as a function of reverse voltage; typical values fr4 pcb, standard footprint t j = 150 c (1) d = 1; dc (2) d = 0.5; f = 20 khz (3) d = 0.2; f = 20 khz (4) d = 0.1; f = 20 khz fr4 pcb, mounting pad for cathode 1 cm 2 t j = 150 c (1) d = 1; dc (2) d = 0.5; f = 20 khz (3) d = 0.2; f = 20 khz (4) d = 0.1; f = 20 khz fig 9. average forward current as a function of ambient temperature; typical values fig 10. average forward current as a function of ambient temperature; typical values i f(av) (a) 0.0 5.0 4.0 2.0 3.0 1.0 006aab661 1.0 0.5 1.5 2.0 p f(av) (w) 0.0 (1) (2) (3) (4) v r (v) 040 30 10 20 006aab656 0.4 0.5 0.3 0.2 0.1 0.6 0.7 p r(av) (w) 0.0 (1) (2) (3) (4) t amb ( c) 0 50 100 150 175 125 75 25 006aab662 1.5 3.0 4.5 i f(av) (a) 0.0 (1) (2) (3) (4) t amb ( c) 0 50 100 150 175 125 75 25 006aab663 1.5 3.0 4.5 i f(av) (a) 0.0 (1) (2) (3) (4)
PMEG4030ER_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 11 august 2009 8 of 13 nxp semiconductors PMEG4030ER 3 a low v f mega schottky barrier recti?er ceramic pcb, al 2 o 3 , standard footprint t j = 150 c (1) d = 1; dc (2) d = 0.5; f = 20 khz (3) d = 0.2; f = 20 khz (4) d = 0.1; f = 20 khz t j = 150 c (1) d = 1; dc (2) d = 0.5; f = 20 khz (3) d = 0.2; f = 20 khz (4) d = 0.1; f = 20 khz fig 11. average forward current as a function of ambient temperature; typical values fig 12. average forward current as a function of solder point temperature; typical values t amb ( c) 0 50 100 150 175 125 75 25 006aab664 1.5 3.0 4.5 i f(av) (a) 0.0 (1) (2) (3) (4) t sp ( c) 0 50 100 150 175 125 75 25 006aab665 1.5 3.0 4.5 i f(av) (a) 0.0 (1) (2) (3) (4)
PMEG4030ER_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 11 august 2009 9 of 13 nxp semiconductors PMEG4030ER 3 a low v f mega schottky barrier recti?er 8. test information the current ratings for the typical waveforms as shown in figure 9 , 10 , 11 and 12 are calculated according to the equations: with i m de?ned as peak current, at dc, and with i rms de?ned as rms current. 8.1 quality information this product has been quali?ed in accordance with the automotive electronics council (aec) standard q101 - stress test quali?cation for discrete semiconductors , and is suitable for use in automotive applications. 9. package outline fig 13. duty cycle de?nition t 1 t 2 p t 006aaa812 duty cycle d = t 1 t 2 i fav () i m d = i rms i fav () = i rms i m d = fig 14. package outline sod123w 08-11-06 dimensions in mm 2.8 2.4 3.7 3.3 1.05 0.75 1.9 1.5 1 2 0.6 0.3 0.22 0.10 1.1 0.9
PMEG4030ER_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 11 august 2009 10 of 13 nxp semiconductors PMEG4030ER 3 a low v f mega schottky barrier recti?er 10. packing information [1] for further information and the availability of packing methods, see section 14 . 11. soldering table 8. packing methods the indicated -xxx are the last three digits of the 12nc ordering code. [1] type number package description packing quantity 3000 PMEG4030ER sod123w 4 mm pitch, 8 mm tape and reel -115 re?ow soldering is the only recommended soldering method. fig 15. re?ow soldering footprint sod123w 2.9 2.8 4.4 1.6 2.1 1.2 (2 ) 1.1 (2 ) solder lands solder resist occupied area solder paste 1.1 (2 ) 1.2 (2 ) sod123w_fr dimensions in mm
PMEG4030ER_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 11 august 2009 11 of 13 nxp semiconductors PMEG4030ER 3 a low v f mega schottky barrier recti?er 12. revision history table 9. revision history document id release date data sheet status change notice supersedes PMEG4030ER_1 20090811 product data sheet - -
PMEG4030ER_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 11 august 2009 12 of 13 nxp semiconductors PMEG4030ER 3 a low v f mega schottky barrier recti?er 13. legal information 13.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term short data sheet is explained in section de?nitions. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple dev ices. the latest product status information is available on the internet at url http://www .nxp .com . 13.2 de?nitions draft the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modi?cations or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. short data sheet a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request via the local nxp semiconductors sales of?ce. in case of any inconsistency or con?ict with the short data sheet, the full data sheet shall prevail. 13.3 disclaimers general information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. right to make changes nxp semiconductors reserves the right to make changes to information published in this document, including without limitation speci?cations and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use nxp semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customers own risk. applications applications that are described herein for any of these products are for illustrative purposes only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. limiting values stress above one or more limiting values (as de?ned in the absolute maximum ratings system of iec 60134) may cause permanent damage to the device. limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the characteristics sections of this document is not implied. exposure to limiting values for extended periods may affect device reliability. terms and conditions of sale nxp semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www .nxp .com/pro? le/ter ms , including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by nxp semiconductors. in case of any inconsistency or con?ict between information in this document and such terms and conditions, the latter will prevail. no offer to sell or license nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. export control this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from national authorities. quick reference data the quick reference data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not complete, exhaustive or legally binding. 13.4 trademarks notice: all referenced brands, product names, service names and trademarks are the property of their respective owners. 14. contact information for more information, please visit: http://www .nxp.com for sales of?ce addresses, please send an email to: salesad dresses@nxp.com document status [1] [2] product status [3] de?nition objective [short] data sheet development this document contains data from the objective speci?cation for product development. preliminary [short] data sheet quali?cation this document contains data from the preliminary speci?cation. product [short] data sheet production this document contains the product speci?cation.
nxp semiconductors PMEG4030ER 3 a low v f mega schottky barrier recti?er ? nxp b.v. 2009. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com date of release: 11 august 2009 document identifier: PMEG4030ER_1 please be aware that important notices concerning this document and the product(s) described herein, have been included in section legal information. 15. contents 1 product pro?le . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.1 general description. . . . . . . . . . . . . . . . . . . . . . 1 1.2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.4 quick reference data. . . . . . . . . . . . . . . . . . . . . 1 2 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 6 thermal characteristics. . . . . . . . . . . . . . . . . . . 3 7 characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5 8 test information . . . . . . . . . . . . . . . . . . . . . . . . . 9 8.1 quality information . . . . . . . . . . . . . . . . . . . . . . 9 9 package outline . . . . . . . . . . . . . . . . . . . . . . . . . 9 10 packing information. . . . . . . . . . . . . . . . . . . . . 10 11 soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 12 revision history . . . . . . . . . . . . . . . . . . . . . . . . 11 13 legal information. . . . . . . . . . . . . . . . . . . . . . . 12 13.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 12 13.2 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 13.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 13.4 trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 14 contact information. . . . . . . . . . . . . . . . . . . . . 12 15 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13


▲Up To Search▲   

 
Price & Availability of PMEG4030ER

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X