Part Number Hot Search : 
FM530B CEBLTG4 HG240I 74HC154 2802A 00511 UFS160G FT21M15C
Product Description
Full Text Search
 

To Download P6KE68CA-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2002 june, 2002 rev. 3 1 publication order number: p6ke6.8ca/d p6ke6.8ca series 600 watt peak power surmetic  -40 zener transient voltage suppressors bidirectional* the p6ke6.8ca series is designed to protect voltage sensitive components from high voltage, high energy transients. they have excellent clamping capability, high surge capability, low zener impedance and fast response time. these devices are on semiconductor's exclusive, cost-effective, highly reliable surmetic axial leaded package and is ideally-suited for use in communication systems, numerical controls, process controls, medical equipment, business machines, power supplies and many other industrial/consumer applications. specification features: ? working peak reverse voltage range 5.8 to 171 v ? peak power 600 watts @ 1 ms ? esd rating of class 3 (>16 kv) per human body model ? maximum clamp voltage @ peak pulse current ? low leakage < 5  a above 10 v ? maximum temperature coefficient specified ? ul 497b for isolated loop circuit protection ? response time is typically < 1 ns mechanical characteristics: case: void-free, transfer-molded, thermosetting plastic finish: all external surfaces are corrosion resistant and leads are readily solderable maximum lead temperature for soldering purposes: 230 c, 1/16o from the case for 10 seconds polarity: cathode band does not imply polarity mounting position: any maximum ratings rating symbol value unit peak power dissipation (note 1.) @ t l 25 c p pk 600 watts steady state power dissipation @ t l 75 c, lead length = 3/8 derated above t l = 75 c p d 5 50 watts mw/ c thermal resistance, junctiontolead r  jl 20 c/w operating and storage temperature range t j , t stg 55 to +175 c 1. nonrepetitive current pulse per figure 3 and derated above t a = 25 c per figure 2. *please see p6ke6.8a p6ke200a for unidirectional devices. device package shipping ordering information p6kexxxca axial lead 1000 units/box axial lead case 17 plastic p6kexxxcarl* axial lead 4000/tape & reel l = assembly location p6kexxxca = on device code yy = year ww = work week l p6ke xxxca yyww http://onsemi.com *p6ke170ca not available in 4000/tape & reel
p6ke6.8ca series http://onsemi.com 2 electrical characteristics (t a = 25 c unless otherwise noted) symbol parameter i pp maximum reverse peak pulse current v c clamping voltage @ i pp v rwm working peak reverse voltage i r maximum reverse leakage current @ v rwm v br breakdown voltage @ i t i t test current  v br maximum temperature variation of v br bidirectional tvs i pp i pp v i i r i t i t i r v rwm v c v br v rwm v c v br
p6ke6.8ca series http://onsemi.com 3 electrical characteristics (t a = 25 c unless otherwise noted.) v rwm breakdown voltage v c @ i pp (note 3) device v rwm (note 1) i r @ v rwm v br (note 2) (volts) @ i t v c i pp  v br device d ev i ce marking (volts) (  a) min nom max (ma) (volts) (a) (%/ c) p6ke6.8ca p6ke6.8ca 5.8 1000 6.45 6.80 7.14 10 10.5 57 0.057 p6ke7.5ca p6ke7.5ca 6.4 500 7.13 7.51 7.88 10 11.3 53 0.061 p6ke8.2ca p6ke8.2ca 7.02 200 7.79 8.2 8.61 10 12.1 50 0.065 p6ke9.1ca p6ke9.1ca 7.78 50 8.65 9.1 9.55 1 13.4 45 0.068 p6ke10ca p6ke10ca 8.55 10 9.5 10 10.5 1 14.5 41 0.073 p6ke11ca p6ke11ca 9.4 5 10.5 11.05 11.6 1 15.6 38 0.075 p6ke12ca p6ke12ca 10.2 5 11.4 12 12.6 1 16.7 36 0.078 p6ke13ca p6ke13ca 11.1 5 12.4 13.05 13.7 1 18.2 33 0.081 p6ke15ca p6ke15ca 12.8 5 14.3 15.05 15.8 1 21.2 28 0.084 p6ke16ca p6ke16ca 13.6 5 15.2 16 16.8 1 22.5 27 0.086 p6ke18ca p6ke18ca 15.3 5 17.1 18 18.9 1 25.2 24 0.088 p6ke20ca p6ke20ca 17.1 5 19 20 21 1 27.7 22 0.09 p6ke22ca p6ke22ca 18.8 5 20.9 22 23.1 1 30.6 20 0.092 p6ke24ca p6ke24ca 20.5 5 22.8 24 25.2 1 33.2 18 0.094 p6ke27ca p6ke27ca 23.1 5 25.7 27.05 28.4 1 37.5 16 0.096 p6ke30ca p6ke30ca 25.6 5 28.5 30 31.5 1 41.4 14.4 0.097 p6ke33ca p6ke33ca 28.2 5 31.4 33.05 34.7 1 45.7 13.2 0.098 p6ke36ca p6ke36ca 30.8 5 34.2 36 37.8 1 49.9 12 0.099 p6ke39ca p6ke39ca 33.3 5 37.1 39.05 41 1 53.9 11.2 0.1 p6ke43ca p6ke43ca 36.8 5 40.9 43.05 45.2 1 59.3 10.1 0.101 p6ke47ca p6ke47ca 40.2 5 44.7 47.05 49.4 1 64.8 9.3 0.101 p6ke51ca p6ke51ca 43.6 5 48.5 51.05 53.6 1 70.1 8.6 0.102 p6ke56ca p6ke56ca 47.8 5 53.2 56 58.8 1 77 7.8 0.103 p6ke62ca p6ke62ca 53 5 58.9 62 65.1 1 85 7.1 0.104 p6ke68ca p6ke68ca 58.1 5 64.6 68 71.4 1 92 6.5 0.104 p6ke75ca p6ke75ca 64.1 5 71.3 75.05 78.8 1 103 5.8 0.105 p6ke82ca p6ke82ca 70.1 5 77.9 82 86.1 1 113 5.3 0.105 p6ke91ca p6ke91ca 77.8 5 86.5 91 95.5 1 125 4.8 0.106 p6ke100ca p6ke100ca 85.5 5 95 100 105 1 137 4.4 0.106 p6ke110ca p6ke110ca 94 5 105 110.5 116 1 152 4 0.107 p6ke120ca p6ke120ca 102 5 114 120 126 1 165 3.6 0.107 p6ke130ca p6ke130ca 111 5 124 130.5 137 1 179 3.3 0.107 p6ke150ca p6ke150ca 128 5 143 150.5 158 1 207 2.9 0.108 p6ke160ca p6ke160ca 136 5 152 160 168 1 219 2.7 0.108 p6ke170ca* p6ke170ca* 145 5 162 170.5 179 1 234 2.6 0.108 p6ke180ca p6ke180ca 154 5 171 180 189 1 246 2.4 0.108 p6ke200ca p6ke200ca 171 5 190 200 210 1 274 2.2 0.108 1. a transient suppressor is normally selected according to the maximum working peak reverse voltage (v rwm ), which should be equal to or greater than the dc or continuous peak operating voltage level. 2. v br measured at pulse test current i t at an ambient temperature of 25 c. 3. surge current waveform per figure 3 and derate per figures 1 and 2. *not available in the 4,000/tape & reel.
p6ke6.8ca series http://onsemi.com 4 100 10 1 0.1 0.1  s1  s10  s 100  s1  s10  s p p , peak power (kw) t p , pulse width nonrepetitive pulse waveform shown in figure 3 figure 1. pulse rating curve 100 80 60 40 20 0 0 25 50 75 100 125 150 175 200 peak pulse derating in % of peak power or current @ t a = 25 c t a , ambient temperature ( c) figure 2. pulse derating curve k derating factor 1 ms 10  s 1 0.7 0.5 0.3 0.05 0.1 0.2 0.01 0.02 0.03 0.07 100  s 0.1 0.2 0.5 2 5 10 50 1 20 100 d, duty cycle (%) pulse width 10 ms 100 50 0 01 234 t, time (ms) value (%) t p peak value i pp half value i pp 2 figure 3. pulse waveform pulse width (t p ) is defined as that point where the peak current decays to 50% of i pp . 5 4 3 2 1 25 50 75 100 125 150 175 200 p d , steady state power dissipation (watts) t l , lead temperature ( c) 3/8, 3/8, figure 4. steady state power derating 0 0 figure 5. typical derating factor for duty cycle t r 10  s
p6ke6.8ca series http://onsemi.com 5 application notes response time in most applications, the transient suppressor device is placed in parallel with the equipment or component to be protected. in this situation, there is a time delay associated with the capacitance of the device and an overshoot condition associated with the inductance of the device and the inductance of the connection method. the capacitance effect is of minor importance in the parallel protection scheme because it only produces a time delay in the transition from the operating voltage to the clamp voltage as shown in figure 6. the inductive effects in the device are due to actual turn-on time (time required for the device to go from zero current to full current) and lead inductance. this inductive effect produces an overshoot in the voltage across the equipment or component being protected as shown in figure 7. minimizing this overshoot is very important in the application, since the main purpose for adding a transient suppressor is to clamp voltage spikes. the p6ke6.8a series has very good response time, typically < 1 ns and negligible inductance. however, external inductive effects could produce unacceptable overshoot. proper circuit layout, minimum lead lengths and placing the suppressor device as close as possible to the equipment or components to be protected will minimize this overshoot. some input impedance represented by z in is essential to prevent overstress of the protection device. this impedance should be as high as possible, without restricting the circuit operation. duty cycle derating the data of figure 1 applies for non-repetitive conditions and at a lead temperature of 25 c. if the duty cycle increases, the peak power must be reduced as indicated by the curves of figure 5. average power must be derated as the lead or ambient temperature rises above 25 c. the average power derating curve normally given on data sheets may be normalized and used for this purpose. at first glance the derating curves of figure 5 appear to be in error as the 10 ms pulse has a higher derating factor than the 10  s pulse. however, when the derating factor for a given pulse of figure 5 is multiplied by the peak power value of figure 1 for the same pulse, the results follow the expected trend. typical protection circuit v in v l v v in v in (transient) v l t d v v l v in (transient) z in load overshoot due to inductive effects t d = time delay due to capacitive effect tt figure 6. figure 7.
p6ke6.8ca series http://onsemi.com 6 ul recognition* the entire series including the bidirectional ca suffix has underwriters laboratory recognition for the classification of protectors (qvgv2) under the ul standard for safety 497b and file #e 116110. many competitors only have one or two devices recognized or have recognition in a non-protective category. some competitors have no recognition at all. with the ul497b recognition, our parts successfully passed several tests including strike voltage breakdown test, endurance conditioning, t emperature test, dielectric voltage-withstand test, discharge test and several more. whereas, some competitors have only passed a flammability test for the package material, we have been recognized for much more to be included in their protector category. *applies to p6ke6.8a, ca p6ke200a, ca.
p6ke6.8ca series http://onsemi.com 7 outline dimensions dim min max min max millimeters inches a 0.330 0.350 8.38 8.89 b 0.130 0.145 3.30 3.68 d 0.037 0.043 0.94 1.09 k --- 0.050 --- 1.27 f 1.000 1.250 25.40 31.75 notes: 1. controlling dimension: inch 2. lead finish and diameter uncontrolled in dim f. 3. for bidirectional diode, cathode band does not imply polarity 600 watt peak power surmetic  40 transient voltage suppressors axial leaded surmetic 40 case 1702 issue c b d f k a f k
p6ke6.8ca series http://onsemi.com 8 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scillc data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indem nify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and re asonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized u se, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employ er. publication ordering information japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. p6ke6.8ca/d surmetic is a trademark of semiconductor components industries, llc. literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com n. american technical support : 8002829855 toll free usa/canada


▲Up To Search▲   

 
Price & Availability of P6KE68CA-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X