Part Number Hot Search : 
IRG4PH UTR21 0603L 100307 24D05 TCP065A 2SC42 S1000
Product Description
Full Text Search
 

To Download OM5209SC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3.2 - 49 3.2 4 11 r4 supersedes 1 07 r3 dual high efficiency rectifiers in hermetic mo-078aa package features ? very low forward voltage ? very fast switching time ? hermetic 5-pin metal package, jedec mo-078aa outline ? low thermal resistance ? isolated package ? high surge ? two uncommitted rectifiers ? available screened to mil-s-19500, tx, txv and s levels description this series of products in a hermetic package is specifically designed for use at power switching frequencies in excess of 100 khz. this series combines two uncommitted high efficiency devices into one package, simplifying installation, reducing heat sink hardware, and the need to obtain matched components. these devices are ideally suited for demanding applications where small size and a hermetically sealed package are required. absolute maximum ratings (per diode) @ 25c peak inverse voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 to 400 v maximum average d.c. output current @ t c = 100 c . . . . . . . . . . . . . . . . . . . 15 a non-repetitive sinusoidal surge current 8.3 ms . . . . . . . . . . . . . . . . . . . . . . . . 150 a operating and storage temperature range . . . . . . . . . . . . . . . . . - 55 c to +150 c z om5213sc om5211sc om5212sc OM5209SC om5210sc 15 amp, 50 to 400 volts, 35 to 50 ns trr 1 2 5 4 12345 connection diagram schematic
OM5209SC - om5213sc 3.2 205 craw ford street, leominster, ma 01453 usa (508) 534-5776 fax (508) 537-4246 electrical characteristics (per diode) maximum maximum maximum maximum type piv forward reverse reverse thermal voltage (1) current recovery resist. t j = 25 c t j = 100 c t j = 25 c t j = 100 c time (2) r q q jc OM5209SC 50 om5210sc 100 1.2v @ 15a 1.00v @ 15a 20 a 1.0 ma 35 nsec 2.0 om5211sc 150 om5212sc 200 om5213sc 400 1.45v @ 15a 1.25v @ 15a 20 a 1.0 ma 50 nsec 1.8 (1) pulse test: pulse width = 300 s, duty cycle 2.0%. (2) measured in circuit: i f = 0.5 a, i r = 1.0 a, i rec = 0.25 a mechanical outline .100 typ. .140 typ. .035 .025 .707 .697 .750 .500 .835 .815 .695 .685 .165 .155 .550 .530 .270 .240 .045 .035 .092 max. .005 100 50 30 20 10 5.0 3.0 2.0 1.0 0.5 0.3 0.2 0.1 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 50 v to 200 v typical forward voltage om5209, 5210, 5211, 5212, 5213 t j = 150c typical reverse current om5209, 5210, 5211, 5212, 5213 v r = reverse voltage (volts) 25c 100c v f = reverse voltage (volts) i f = instantaneous forward current (amps) i r = reverse current (a) 100 10 50 20 1.0 5.0 2.0 0.1 0.5 0.2 0.01 0.05 0.02 0 20 40 60 80 100 120 140 160 180 200 25? 100? t j = 150?


▲Up To Search▲   

 
Price & Availability of OM5209SC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X