Part Number Hot Search : 
1N4002 T74LV 24491 A7BW99AA MIC2779 MAZD200 T74LV RT1P242X
Product Description
Full Text Search
 

To Download NSR0240P2T5G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2009 august, 2009 ? rev. 1 1 publication order number: nsr0240p2/d NSR0240P2T5G schottky barrier diode schottky barrier diodes are optimized for very low forward voltage drop and low leakage current and are used in a wide range of dc ? dc converter, clamping and protection applications in portable devices. nsr0240p2 in a sod ? 923 miniature package enables designers to meet the challenging task of achieving higher efficiency and meeting reduced space requirements. features ? very low forward voltage drop ? 460 mv @ 100 ma ? low reverse current ? 0.2  a @ 25 v vr ? 200 ma of continuous forward current ? power dissipation of 240 mw with minimum trace ? very high switching speed ? low capacitance ? ct = 7 pf ? this is a pb ? free device typical applications ? lcd and keypad backlighting ? camera photo flash ? buck and boost dc ? dc converters ? reverse voltage and current protection ? clamping & protection markets ? mobile handsets ? mp3 players ? digital camera and camcorders ? notebook pcs & pdas ? gps maximum ratings rating symbol value unit reverse voltage v r 40 v forward current (dc) i f 200 ma non ? repetitive peak forward surge current i fsm 2.0 a esd rating: human body model machine model esd class 1c class a stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. 40 v schottky barrier diode 1 cathode 2 anode http://onsemi.com device package shipping ? ordering information NSR0240P2T5G sod ? 923 2 mm pitch 8000/tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specification s brochure, brd8011/d. sod ? 923 case 514ab plastic p = specific device code m = month code  = pb ? free package (note: microdot may be in either location) marking diagram m   1 2 12 p
NSR0240P2T5G http://onsemi.com 2 thermal characteristics characteristic symbol min typ max unit thermal resistance junction ? to ? ambient (note 1) total power dissipation @ t a = 25 c r  ja p d 520 240 c/w mw thermal resistance junction ? to ? ambient (note 2) total power dissipation @ t a = 25 c r  ja p d 175 710 c/w mw junction and storage temperature range t j , t stg ? 55 to +150 c 1. mounted onto a 4 in square fr ? 4 board 10 mm sq. 1 oz. cu 0.06? thick single sided. operating to steady state. 2. mounted onto a 4 in square fr ? 4 board 1 in sq. 1 oz. cu 0.06? thick single sided. operating to steady state. electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min typ max unit reverse leakage (v r = 25 v) (v r = 40 v) i r 0.2 0.8 0.55 5.0  a forward voltage (i f = 10 ma) (i f = 100 ma) (i f = 200 ma) v f 0.34 0.46 0.54 0.365 0.50 0.60 v total capacitance (v r = 1.0 v, f = 1 mhz) ct 7.0 pf figure 1. forward voltage figure 2. leakage current v f , forward voltage (v) v r , reverse voltage (v) 0.6 0.5 0.4 0.3 0.1 0 0.001 0.01 0.1 1 10 100 1000 35 30 25 20 15 10 5 0 0.00001 0.0001 0.001 0.01 0.1 10 100 1000 figure 3. total capacitance v r , reverse voltage (v) 45 35 25 20 15 10 5 0 0 2 4 6 8 10 12 14 i f , forward current (ma) i r , reverse current (  a) c t , total capacitance (pf) 0.2 150 c 125 c ? 40 c 85 c 25 c 150 c 125 c ? 40 c 85 c 25 c 1 30 40 t a = 25 c
NSR0240P2T5G http://onsemi.com 3 package dimensions sod ? 923 case 514ab ? 01 issue b notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeters. 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. dim min nom max millimeters a 0.34 0.37 0.40 b 0.15 0.20 0.25 c 0.07 0.12 0.17 d 0.75 0.80 0.85 e 0.55 0.60 0.65 0.95 1.00 1.05 l 0.05 0.10 0.15 h e 0.013 0.015 0.016 0.006 0.008 0.010 0.003 0.005 0.007 0.030 0.031 0.033 0.022 0.024 0.026 0.037 0.039 0.041 0.002 0.004 0.006 min nom max inches d e b c a l 2x ? y ? ? x ? 0.08 (0.0032) xy h e 0.40 0.30 0.90 dimensions: millimeters *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 2 1 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 nsr0240p2/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loca l sales representative


▲Up To Search▲   

 
Price & Availability of NSR0240P2T5G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X