ault incorporated 7105 northland terrace | minneapolis, minnesota 55428 | usatel (1) 763-592-1900 fax (1) 763-592-1911 | e-mail info@aultinc.com | web www.aultinc.com ? copyright 2002 ault inc. mw160 switch-mode power supply ? 100-240 vac universal input ? desktop style ? single output up to 48w ? regulated output with low ripple ? meets medical safety agency requirements ? complies with emi/rfi regulations ? ce compliant ? impact resistant polycarbonate enclosure ? private label marking available ? 3 year warranty ? modified and custom designs also available mw160 medical 15-48 watt series mw160xa0303f01 3v 5.00 15.0 MW160XA0503F01 5v 5.00 25.0 mw160xa0703f01 7v 5.00 35.0 mw160xa0903f01 9v 4.60 42.0 mw160xa1203f01 12v 3.50 42.0 mw160xa1503f01 15v 3.00 45.0 mw160xa1603f01 16v 2.80 45.0 mw160xa1803f01 18v 2.50 45.0 mw160xa2403f01 24v 2.00 48.0 mw160 x a 05 03 __ 01 product manufacturing design voltage connector input denotes family location revision dc configuration/ standard name (volume changes model type or custom dependent) (see pg. 2) requirements voltage max max ault part no. dc amps watts ault part no. key ault part no. key mw160
ault incorporated 7105 northland terrace | minneapolis, minnesota 55428 | usatel (1) 763-592-1900 fax (1) 763-592-1911 | e-mail info@aultinc.com | web www.aultinc.com ? copyright 2002 ault inc. in case iec320 type with ground connector input configuration mw160 medical 15-48 watt series iec320 w/ground c14 (f) pinout code center contact: positive description switchcraft 760 plug or equivalent suggested mating switchcraft 712a jack or equivalent other connectors are available by special order input voltage 100-240 vac +/-10% line frequency 47 - 63 hz current 1.2 a max at 90vac input protection internal primary current fuse, inrush limiting output combined line, load +/-1% (excluding cord) and cross regulation ripple 1% vp-p max for output current of > 0.175a transient response 0.5msec. for 50% load change typical holdup time 18 msec min @ 120vac protection overcurrent protection short circuit protection cord and connector (3v, 5v, and 7v model with 3.2 ft. cord, other models with 6 ft. cord) 2 conductor, 18 awg, ault #3 connec- tor. requires overmolded ferrite core. other connectors are also available safety approvals agency listings tuv en60601-1, curus 2601, austrailian, japanese certification available C extra fees apply electrical topology switching-fixed frequency flyback emi complies with emc directives mtbf 100,000 calculated hours environmental operating temperature 0o to 40o c with no derating storage temperature -30o to +85o c relative humidity 5% to 95% non-condensing altitude 0-10,000 feet cooling convectional - non vented case mechanical case and dimensions 4.20l x 2.60w x 1.46h (in) 107l x 66w x 37h (mm) case material 94v0 polycarbonate; black is standard color; other colors available - extra charges may apply weight max. 10 ounces, 285 grams (excluding cord)
|