Part Number Hot Search : 
HD74LS1 PE1400 G3297 HD10M25 QX2303 2N1925 RLM682M3 FMMT4
Product Description
Full Text Search
 

To Download ML590PND333MLZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifcations subject to change without notice. please check our website for latest information. document ml703-1 revised 07/13/12 dimensions are in inches mm the ml590pnd series of shielded coupled inductors was designed specifcally for high temperature applications C up to 155c. the excellent coupling coeffcient (k 0.98) makes it ideal for use in sepic applications. in sepic topologies, the required inductance for each winding in a coupled inductor is half the value needed for two separate inductors, allowing selection of a part with lower dcr and higher current handling. these inductors provide high inductance, high effciency, excellent current handling and 500 v isolation in a very rugged part. they are well suited for use as vrm induc - tors in high-current dc-dc and vrm/vrd controllers. they can also be used as two single inductors connected in series or parallel, as a common mode choke or as a 1 : 1 transformer. core material ferrite terminations matte tin over nickel over phos bronze weight: 2.8 C 3.2 g ambient temperature C55c to +105c with i rms current, +105c to +155c with derated current storage temperature component: C55c to +155c. tape and reel packaging: C55c to +80c winding to winding isolation 500 vrms resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) winding-to-winding and winding-to-core isolation 500 vrms enhanced crush-resistant packaging 500/13 reel; plastic tape: 24 mm wide, 0.35 mm thick, 16 mm pocket spacing, 6.6 mm pocket depth l1 l2 q1 c1 c2 + ++ ?? d1 v out v in load typical sepic schematic refer to application note, document 639, selecting coupled inductors for sepic applications 1260 coupled inductors high reliability coupled inductors ml590pnd 1102 silv er lak e road car y il 60013 phone fa x 800-981-0363 847-639-1508 e-mail we b cps@coilcraft.com www .coilcraft-cps .com ? ? coilcraft, inc. 2012
specifcations subject to change without notice. please check our website for latest information. ml590pnd series (1260) document ml703-1 revised 07/13/12 1. when ordering, please specify testing code: ml590pnd105klz testing: z = cots h = screening per coilcraft cp-sa-10001 n = screening per coilcraft cp-sa-10004 2. inductance shown for each winding, measured at 100 khz, 0.1 vrms, 0 adc on an agilent/hp 4284a lcr meter or equivalent. when leads are connected in parallel, inductance is the same value. when leads are connected in series, inductance is four times the value. 3. dcr is for each winding. when leads are connected in parallel, dcr is half the value. when leads are connected in series, dcr is twice the value. 4. srf measured using an agilent/hp 4191a or equivalent. when leads are connected in parallel, srf is the same value. 5. dc current, at which the inductance drops the specifed amount from its value without current. it is the sum of the current fowing in both windings. 6. equal current when applied to each winding simultaneously that causes a 40c temperature rise from 25c ambient. see temperature rise calculation. 7. maximum current when applied to one winding that causes a 40c temperature rise from 25c ambient. see temperature rise calculation. 8. electrical specifcations at 25c. refer to doc 639 selecting coupled inductors for sepic applications. refer to doc 362 soldering surface mount components before soldering. temperature rise calculation based on specifed irms 1260 coupled inductors coupling leakage i sat (a) 5 i rms (a) inductance 2 dcr max 3 srf (mhz) 4 coeffcient l typ 10% 20% 30% both one part number 1 (h) (ohml) min typ typ (h) drop drop drop windings 6 winding 7 ml590pnd472mlz 4.7 20% 0.036 30.0 38.0 0.98 0.20 9.00 10.18 11.08 3.16 4.47 ml590pnd562mlz 5.6 20% 0.040 24.0 30.0 0.98 0.20 8.00 9.06 9.84 3.00 4.24 ml590pnd682mlz 6.8 20% 0.048 22.0 27.0 0.98 0.24 7.00 8.00 8.64 2.75 3.88 ml590pnd822mlz 8.2 20% 0.052 21.0 26.0 0.98 0.25 6.44 7.38 7.98 2.63 3.72 ml590pnd103mlz 10 20% 0.060 18.0 22.0 0.99 0.26 5.40 6.32 6.88 2.45 3.46 ml590pnd123mlz 12 20% 0.074 16.0 20.0 0.99 0.28 5.30 6.18 6.70 2.21 3.12 ml590pnd153mlz 15 20% 0.085 14.4 18.0 0.99 0.32 4.60 5.30 5.80 2.06 2.92 ml590pnd183mlz 18 20% 0.097 13.0 16.0 0.99 0.40 4.50 5.22 5.68 1.93 2.73 ml590pnd223mlz 22 20% 0.116 12.0 15.0 0.98 0.67 4.00 4.62 5.02 1.76 2.49 ml590pnd273mlz 27 20% 0.124 10.0 13.0 0.99 0.50 3.60 4.14 4.50 1.70 2.41 ML590PND333MLZ 33 20% 0.134 10.0 12.4 0.99 0.65 3.30 3.80 4.14 1.64 2.32 ml590pnd393mlz 39 20% 0.142 9.6 12.0 0.99 1.09 3.00 3.48 3.82 1.59 2.25 ml590pnd473mlz 47 20% 0.174 9.3 11.6 0.99 0.80 2.70 3.12 3.40 1.44 2.03 ml590pnd563mlz 56 20% 0.198 8.4 10.5 0.99 0.75 2.50 2.90 3.14 1.35 1.91 ml590pnd683mlz 68 20% 0.216 8.0 10.0 >0.99 0.57 2.30 2.66 2.88 1.29 1.83 ml590pnd823mlz 82 20% 0.274 6.9 8.6 0.99 1.52 2.10 2.40 2.60 1.15 1.62 ml590pnd104mlz 100 20% 0.322 6.2 7.8 0.99 1.41 1.90 2.18 2.38 1.06 1.50 ml590pnd124klz 120 10% 0.418 5.5 6.8 0.99 1.34 1.60 1.84 2.04 0.93 1.31 ml590pnd154klz 150 10% 0.476 5.1 6.4 0.99 1.52 1.50 1.76 1.92 0.87 1.23 ml590pnd184klz 180 10% 0.536 4.9 6.1 0.99 1.80 1.40 1.64 1.78 0.82 1.16 ml590pnd224klz 220 10% 0.691 4.4 5.5 >0.99 1.60 1.30 1.48 1.60 0.72 1.02 ml590pnd274klz 270 10% 0.806 3.4 4.3 >0.99 2.23 1.10 1.30 1.40 0.67 0.95 ml590pnd334klz 330 10% 1.09 3.2 4.0 >0.99 2.39 1.00 1.16 1.26 0.57 0.81 ml590pnd394klz 390 10% 1.20 2.9 3.6 >0.99 3.72 0.950 1.11 1.23 0.55 0.77 ml590pnd474klz 470 10% 1.59 2.4 3.0 >0.99 2.89 0.900 0.994 1.09 0.48 0.67 ml590pnd564klz 560 10% 1.81 2.2 2.8 >0.99 2.55 0.800 0.908 0.948 0.45 0.63 ml590pnd684klz 680 10% 2.06 2.1 2.6 >0.99 5.76 0.700 0.804 0.874 0.42 0.59 ml590pnd824klz 820 10% 2.65 2.0 2.5 >0.99 2.86 0.640 0.732 0.802 0.37 0.52 ml590pnd105klz 1000 10% 3.06 1.9 2.4 >0.99 4.32 0.590 0.674 0.728 0.34 0.49 1102 silv er lak e road car y il 60013 phone fa x 800-981-0363 847-639-1508 e-mail we b cps@coilcraft.com www .coilcraft-cps .com ? ? coilcraft, inc. 2012
specifcations subject to change without notice. please check our website for latest information. ml590pnd series (1260) document ml703-1 revised 07/13/12 typical l vs frequency typical l vs current 1 10 100 1000 10000 0.1 1 100 10 inductance (h) current (a) 100 h 10 h 4.7 h 47 h 1000 h 470 h 1 10 100 1000 10000 0.01 0.1 10 1 inductance (h) frequency (mhz) 100 h 10 h 4.7 h 47 h 1000 h 470 h current derating 1260 cpld indctrs ambient temperature (c) pe r cent of rated current 120 110 100 90 80 70 60 50 40 30 20 10 0 25c i sat i rm s -40 -55 -20 02 04 06 08 0 100 160 140 120 1102 silv er lak e road car y il 60013 phone fa x 800-981-0363 847-639-1508 e-mail we b cps@coilcraft.com www .coilcraft-cps .com ? ? coilcraft, inc. 2012


▲Up To Search▲   

 
Price & Availability of ML590PND333MLZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X