Part Number Hot Search : 
02N60 TS19373 MAU411 RFIBC40 00HST 70001 MMBT42 ON1986
Product Description
Full Text Search
 

To Download MC74VHC1GT14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2004 january, 2004 ? rev. 9 1 publication order number: MC74VHC1GT14/d MC74VHC1GT14 schmitt-trigger inverter / cmos logic level shifter with lsttl?compatible inputs the MC74VHC1GT14 is a single gate cmos schmitt?trigger inverter fabricated with silicon gate cmos technology. it achieves high speed operation similar to equivalent bipolar schottky ttl while maintaining cmos low power dissipation. the internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output. the device input is compatible with ttl?type input thresholds and the output has a full 5.0 v cmos level output swing. the input protection circuitry on this device allows overvoltage tolerance on the input, allowing the device to be used as a logic?level translator from 3.0 v cmos logic to 5.0 v cmos logic or from 1.8 v cmos logic to 3.0 v cmos logic while operating at the high?voltage power supply. the MC74VHC1GT14 input structure provides protection when voltages up to 7.0 v are applied, regardless of the supply voltage. this allows the MC74VHC1GT14 to be used to interface 5.0 v circuits to 3.0 v circuits. the output structures also provide protection when v cc = 0 v. these input and output structures help prevent device destruction caused by supply voltage ? input/output voltage mismatch, battery backup, hot insertion, etc. the MC74VHC1GT14 can be used to enhance noise immunity or to square up slowly changing waveforms. ? high speed: t pd = 4.5 ns (typ) at v cc = 5.0 v ? low power dissipation: i cc = 1 m a (max) at t a = 25 c ? ttl?compatible inputs: v il = 0.8 v; v ih = 2.0 v ? cmos?compatible outputs: v oh > 0.8 v cc ; v ol < 0.1 v cc @load ? power down protection provided on inputs and outputs ? balanced propagation delays ? pin and function compatible with other standard logic families ? chip complexity: fets = 100; equivalent gates = 25 v cc nc in a out y gnd in a out y figure 1. pinout (top view) figure 2. logic symbol 1 2 3 4 5 pin assignment 1 2 3 gnd nc in a 4 5 vcc out y function table marking diagrams see detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet. ordering information l h a input y output h l pin 1 d = date code vc d pin 1 vc d http://onsemi.com sc70?5/sc?88a/sot?353 df suffix case 419a sot23?5/tsop?5/sc59?5 dt suffix case 483 1 1 5 5
MC74VHC1GT14 http://onsemi.com 2 maximum ratings (note 1) symbol characteristics value unit v cc dc supply voltage ?0.5 to +7.0 v v in dc input voltage ?0.5 to +7.0 v v out dc output voltage v cc = 0 high or low state ?0.5 to 7.0 ?0.5 to v cc + 0.5 v i ik input diode current ?20 ma i ok output diode current v out < gnd; v out > v cc +20 ma i out dc output current, per pin +25 ma i cc dc supply current, v cc and gnd +50 ma p d power dissipation in still air sc?88a, tsop?5 200 mw  ja thermal resistance sc?88a, tsop?5 333  c/w t l lead temperature, 1 mm from case for 10 s 260 c t j junction temperature under bias +150 c t stg storage temperature ?65 to +150 c v esd esd withstand voltage human body model (note 2) machine model (note 3) charged device model (note 4) > 2000 > 200 n/a v i latch?up latch?up performance above v cc and below gnd at 125 c (note 5) 500 ma 1. maximum ratings are those values beyond which damage to the device may occur. exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. functional operation under absolute?maximum?rated conditions is not implied. functional operation should be restricted to the recommended operating conditions. 2. tested to eia/jesd22?a114?a 3. tested to eia/jesd22?a115?a 4. tested to jesd22?c101?a 5. tested to eia/jesd78 recommended operating conditions symbol characteristics min max unit v cc dc supply voltage 3.0 5.5 v v in dc input voltage 0.0 5.5 v v out dc output voltage v cc = 0 high or low state 0.0 0.0 5.5 v cc v t a operating temperature range ?55 +125 c t r , t f input rise and fall time v cc = 3.3 v 0.3 v v cc = 5.0 v 0.5 v ? ? no limit no limit ns/v device junction temperature versus time to 0.1% bond failures junction temperature c time, hours time, years 80 1,032,200 117.8 90 419,300 47.9 100 178,700 20.4 110 79,600 9.4 120 37,000 4.2 130 17,800 2.0 140 8,900 1.0 1 1 10 100 1000 time, years normalized failure rate t j = 80 c t j = 90 c t j = 100 c t j = 110 c t j = 130 c t j = 120 c failure rate of plastic = ceramic until intermetallics occur figure 3. failure rate vs. time junction temperature
MC74VHC1GT14 http://onsemi.com 3 dc electrical characteristics v cc t a = 25 c t a 85 c ?55 t a 125 c symbol parameter test conditions (v) min typ max min max min max unit v t+ positive threshold voltage 3.0 4.5 5.5 1.20 1.58 1.79 1.40 1.74 1.94 1.60 2.00 2.10 1.6 2.0 2.0 1.6 2.0 2.0 v v t? negative threshold voltage 3.0 4.5 5.5 0.35 0.5 0.6 0.76 1.01 1.13 0.93 1.18 1.29 0.35 0.5 0.6 0.35 0.5 0.6 v v h hysteresis voltage 3.0 4.5 5.5 0.30 0.40 0.50 0.64 0.73 0.81 1.20 1.40 1.60 0.30 0.40 0.50 1.20 1.40 1.60 0.30 0.40 0.50 1.20 1.40 1.60 v v oh minimum high?level output voltage v in v t ? min i oh = ?50 m a 2.0 3.0 4.5 1.9 2.9 4.4 2.0 3.0 4.5 1.9 2.9 4.4 1.9 2.9 4.4 v i oh = ?4 ma i oh = ?8 ma 3.0 4.5 2.58 3.94 2.48 3.80 2.34 3.66 v v ol maximum low?level output voltage v in v t + max i ol = 50 m a 2.0 3.0 4.5 0.0 0.0 0.0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 v i ol = 4 ma i ol = 8 ma 3.0 4.5 0.36 0.36 0.44 0.44 0.52 0.52 v i in maximum input leakage current v in = 5.5 v or gnd 0 to 5.5 0.1 1.0 1.0 m a i cc maximum quiescent supply current v in = v cc or gnd 5.5 1.0 20 40 m a i cct quiescent supply current input: v in = 3.4 v 5.5 1.35 1.50 1.65 ma i opd output leakage current v out = 5.5 v 0.0 0.5 5.0 10 m a ????????????????????????????????? ????????????????????????????????? ac electrical characteristics c load = 50 pf, input t r /t f = 3.0 ns ???? ???? ?????? ?????? ?????????? ?????????? ?????? ?????? t a = 25 c ????? ????? t a 85 c ?????? ?????? -55 t a 125 c ?? ?? ???? ???? symbol ?????? ?????? parameter ?????????? ?????????? test conditions ?? ?? min ??? ??? typ ??? ??? max ??? ??? min ??? ??? max ??? ??? min ???? ???? max ?? ?? unit ???? ? ?? ? ???? t plh , t phl ?????? ? ???? ? ?????? maximum propagation delay, at y ?????????? ? ???????? ? ?????????? v cc = 3.3 0.3 v c l = 15 pf c l = 50 pf ?? ?? ?? ??? ? ? ? ??? 7.0 8.4 ??? ? ? ? ??? 12.8 16.3 ??? ? ? ? ??? 1.0 1.0 ??? ? ? ? ??? 15.0 18.5 ??? ? ? ? ??? 1.0 1.0 ???? ? ?? ? ???? 17.0 20.5 ?? ?? ?? ns ???? ???? phl ?????? ?????? gy a to y ?????????? ?????????? v cc = 5.0 0.5 v c l = 15 pf c l = 50 pf ?? ?? ??? ??? 4.5 5.8 ??? ??? 8.6 10.6 ??? ??? 1.0 1.0 ??? ??? 10.0 12.0 ??? ??? 1.0 1.0 ???? ???? 11.5 13.5 ?? ?? ???? ? ?? ? ???? c in ?????? ? ???? ? ?????? maximum input capacitance ?????????? ? ???????? ? ?????????? ?? ?? ?? ??? ? ? ? ??? 5 ??? ? ? ? ??? 10 ??? ? ? ? ??? ??? ? ? ? ??? 10 ??? ? ? ? ??? ???? ? ?? ? ???? 10 ?? ?? ?? pf typical @ 25 c, v cc = 5.0 v c pd power dissipation capacitance (note 6) 10 pf 6. c pd is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption with out load. average operating current can be obtained by the equation: i cc(opr ) = c pd  v cc  f in + i cc . c pd is used to determine the no?load dynamic power consumption; p d = c pd  v cc 2  f in + i cc  v cc .
MC74VHC1GT14 http://onsemi.com 4 3.0 v gnd 50% 50% v cc a y t phl t plh *includes all probe and jig capacitance c l * test point device under test output figure 4. switching waveforms figure 5. test circuit v oh v ol device ordering information device nomenclature device order number circuit indicator temp range identifier technology device function package suffix tape & reel suffix package type tape and reel size 2 MC74VHC1GT14dft1 mc 74 vhc1g t14 df t1 sc70?5/sc?88a/ sot?353 178 mm (7 in) 3000 unit MC74VHC1GT14dft2 mc 74 vhc1g t14 df t2 sc70?5/sc?88a/ sot?353 178 mm (7 in) 3000 unit MC74VHC1GT14dtt1 mc 74 vhc1g t14 dt t1 sot23?5/tsop?5/ sc59?5 178 mm (7 in) 3000 unit 2for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
MC74VHC1GT14 http://onsemi.com 5 package dimensions sc70?5/sc?88a/sot?353 df suffix 5?lead package case 419a?02 issue g notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. 419a?01 obsolete. new standard 419a?02. 4. dimensions a and b do not include mold flash, protrusions, or gate burrs. dim a min max min max millimeters 1.80 2.20 0.071 0.087 inches b 1.15 1.35 0.045 0.053 c 0.80 1.10 0.031 0.043 d 0.10 0.30 0.004 0.012 g 0.65 bsc 0.026 bsc h --- 0.10 --- 0.004 j 0.10 0.25 0.004 0.010 k 0.10 0.30 0.004 0.012 n 0.20 ref 0.008 ref s 2.00 2.20 0.079 0.087 b 0.2 (0.008) mm 12 3 4 5 a g s d 5 pl n j k ?b? soldering footprint 0.65 0.025 0.65 0.025 0.50 0.0197 0.40 0.0157 1.9 0.0748  mm inches  scale 20:1
MC74VHC1GT14 http://onsemi.com 6 package dimensions sot23?5/tsop?5/sc59?5 dt suffix 5?lead package case 483?01 issue c notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. 4. a and b dimensions do not include mold flash, protrusions, or gate burrs. dim min max min max inches millimeters a 2.90 3.10 0.1142 0.1220 b 1.30 1.70 0.0512 0.0669 c 0.90 1.10 0.0354 0.0433 d 0.25 0.50 0.0098 0.0197 g 0.85 1.05 0.0335 0.0413 h 0.013 0.100 0.0005 0.0040 j 0.10 0.26 0.0040 0.0102 k 0.20 0.60 0.0079 0.0236 l 1.25 1.55 0.0493 0.0610 m 0 10 0 10 s 2.50 3.00 0.0985 0.1181 0.05 (0.002) 123 54 s a g l b d h c k m j __ _ _ soldering footprint 0.7 0.028 1.0 0.039 0.95 0.037 2.4 0.094 1.9 0.074  mm inches  scale 10:1 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 MC74VHC1GT14/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of MC74VHC1GT14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X