Part Number Hot Search : 
NX6301GK TSOP1 BR351 D1005 SF200 F75395 AMS05BN P4SMAJ26
Product Description
Full Text Search
 

To Download MBR30X100FCTH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 http:// www.sirectsemi.com power schottky rectifier - 30amp 100vol t features -plastic package has underwriters laboratory flammability classifications 94v-0 -high junction temperature capability -low forward voltage, high current capability -high surge capacity -low power loss, high efficiency -esd performance human body mode > 4 kv -halogen-free application -ac/dc switching adaptor and other switching power supply absolute maximum ratings symbol ratings unit conditions i f(av) 30 a average forward current v rrm 100 v repetitive peak reverse voltage i fsm 160 a peak forward surge current v f 0.49 v forward voltage drop t j, t stg -40 to +150 o c operating and storage temperature electrical characteristics parameters symbol ratings conditions typ. max. maximum instantaneous forward voltage v f 0.64v 0.49v 0.69v 0.58v per leg at i f = 15a tc = 25 o c tc = 125 o c typ. max. maximum reverse leakage current i r 0.2ma 15ma 1.0ma 30ma per leg at v r = 100v tc = 25 o c tc = 125 o c typical thermal resistance,junction to case r (j-c) 2.2 o c/w 4.5 o c/w per leg to-220ab ito-220ab june 2012 / rev.6.9 e l e c t r o n i c mbr30x100cth/fcth
2 http:// www.sirectsemi.com average forward current amperes 0 3 9 15 175 ambient temperature (o c ) figure 1. forward current derating curve 6 150 125 100 75 50 25 12 peak forward surge current amperes number of cycles at 60hz figure 2. maximum non-repetitive surge current 100 50 20 10 5 2 1 0 80 200 120 160 40 8.3ms single half-sine-wave (jedec method) instantaneous reverse current, (ma) 0.01 0.1 1 10 100 1000 20 40 60 80 100 percent of rated peak reverse voltage, (%) figure 3. typical reverse characteristics 0 t j =25oc t j =125oc t j =75oc instantaneous forward current, (a) instantaneous forward voltage, volts figure 4. typical forward characteristics 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0.1 1.0 10 100 t j = 125oc t j =25oc t j =75oc capacitance, (pf) reverse voltage, volts figure 5. typical junction capacitance 0.1 1 10 100 100 1000 10000 t j = 25o c f = 1mhz mbr30x100cth/fcth sirectifier global corp., delaware, u.s.a. u.s.a.: sgc@sirectsemi.com france: ss@sirectsemi.com taiwan: se@sirectsemi.com hong kong: hk@sirectsemi.com china: st@sirectsemi.com ? thailand: th@sirectsemi.com philippines: aiac@sirectsemi.com belize: belize@sirectsemi.com
3 http:// www.sirectsemi.com mbr30x100cth to-220ab b d e f h h i c n j g a m l k o a1 a2 k dimensions inches mm dim min max min max note a .579 .606 14.70 15.40 b .392 .411 9.95 10.45 c .104 .116 2.65 2.95 d .248 .272 6.30 6.90 e .325 .350 8.25 8.90 f .126 .157 3.20 4.00 g .492 .551 12.50 14.00 h .096 .108 2.45 2.75 i .028 .039 0.70 1.00 j .010 .022 0.25 0.55 k .146 .157 3.70 4.00 l .167 .187 4.25 4.75 m .045 .057 1.15 1.45 n .089 .114 2.25 2.90 o .047 .055 1.20 1.40 MBR30X100FCTH ito-220ab a 1 a2 k dimensions inches mm dim min max min max note a .600 .630 15.25 16.00 b .386 .406 9.80 10.30 c .104 .132 2.65 3.35 d .258 .274 6.55 6.95 e .331 .370 8.40 9.40 f .110 .161 2.80 4.10 g .508 .551 12.90 14.00 h .089 .106 2.25 2.70 i .028 .039 0.70 1.00 j .020 .028 0.50 0.70 k .120 .138 3.05 3.50 l .167 .193 4.25 4.90 m .028 .057 0.70 1.45 n .079 .112 2.00 2.85 o .043 .055 1.10 1.40 mbr30x100cth/fcth


▲Up To Search▲   

 
Price & Availability of MBR30X100FCTH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X