Part Number Hot Search : 
29F08 B250C150 MMSZ5229 TC4093BP R370B W005M 74409 ADM1026
Product Description
Full Text Search
 

To Download M52461GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev.1.00, jul.25. 2003, page 1 of 7 M52461GP servo moter motrol for radio control rej03f0006-0100z rev.1.00 jul.25.2003 description the M52461GP is a semiconductor integrated circuit for servo control applications. features ? excellent power supply stability and temperature stability ? simple setting of dead of band range ? small outline (16pin ssop) applications ? digital proportional systems for radio control, servo motor control ,etc recommended operating conditions ? supply voltage range : 2.8 to 7.5 v ? operating temperature : ?20 to 75c ? input rise time : 500 ns max. ? input fall time : 500 ns max. block diagram control logic circuit flip - flop output control one-shot multivibrator pulse stretcher voltage regulating circuit vreg input
M52461GP rev.1.00, jul.25. 2003, page 2 of 7 pin arrangement outline :16p2e-a ( 0.65mm p itch) vreg input M52461GP pin description pin no. symbol function descriptions 1 vreg regulated voltage source this is output of the internal regulated supply voltage. make connections from this pin to pot-entiometer and pulse stretcher resister. 2 cst stretcher pin connect the capacitor and resistor of the pulse stretcher section. 3 cdb dead band setting pin connect the capacitor and band can be changed according the value of this capacitor. 4 input input pin 5 rt constant setting pin connect a capacitor that will determine the constant current value of pin 6. constant current will became 100 a at the time of the resistance of 18 k ? 6 cl local pulse setting pin connect a capacitor that will adjust a triangular wave made by charging of constant current. 7 n.c. no connection 8 pot servo position voltage input pin connect to the potentiometer for the position detection connected with the output axis. 9 gnd grounding pin grounding 10 out1 output 1 connect to the base of the external npn transistor 11 out2 output 2 connect to the base of the external pnp transistor 12 out3 output 3 connect to the base of the external npn transistor 13 out4 output 4 connect to the base of the external pnp transistor 14 n.c. no connection 15 vcc supply voltage connect a capacitor of more than 10 f. 16 cft fixed driving pulse setting pin connect a capacitor that will determine the fixed driving pulse width.
M52461GP rev.1.00, jul.25. 2003, page 3 of 7 absolute maximum ratings (vcc = 5v, ta = 25c, unless otherwise noted) symbol parameter test conditions ratings unit vcc supply voltage 9.0 v io output current out1 to out4 40 ma pd power dissipation 300 mw k thermal derating range ta 25c ?3.0 mw/c tstg storage temperature ?40 to 125 c thermal derating (maximumrating) power dissipation pd(m w) ambient te mperature t ?c a( )
M52461GP rev.1.00, jul.25. 2003, page 4 of 7 electrical characteristics (vcc = 5.0 v, ta = 25c) limits symbol parameter test conditions min typ max unit vcc supply voltage 2.8 5.0 7.5 v icc1 circuit current 1 o utput off ? 5.0 10.0 ma icc2 circuit current 2 output on ? 6.0 11.0 ma vreg regulated voltage no load 2.35 2.5 2.65 v dvreg regulated voltage precisio n vcc = 3.5 to 6.5 v ? 0.2 ? %/v lref reference current rt = 18 k ? , pin 5 current value 90 100 110 a vih high input voltage pin4 2.0 ? vcc v wl standard local pulse width rt = 18 k ? , cl = 0.1 f 1.4 1.5 1.6 ms vcc = 3.5 to 6.5 v ? ? 2.0 dwl supply voltage dependence of the local pulse width vcc = 2.5 to 7.5 v ? ? 15.0 s/v wdb1 minimum dead bandwidth cfp = 0.01 f not connect cdb ??1.0 s wdb2 standard driving band width n ot connect cfp and cdb ? 2.5 6.0 s ast stretcher gain rt = 18 k ? rst = 120 k ? cst = 0.1 f ? 100 ? times wkp fixed driving pulse width cfp = 0.01 f not connect cdb 0.7 1.0 1.3 ms wcp standard driving pulse width not connect cfp and cdb 0.3 0.5 0.8 ms wout output pulse width cst = 0.1 f rst = 120 k ? pulse width 100 s (3pin) 8.0 10.0 12.0 ms vosat output pin saturation voltage isink = 20 ma ? 0.2 0.4 v
M52461GP rev.1.00, jul.25. 2003, page 5 of 7 typical characteristics circuit current vs supply voltage when output is off circuit current icc (ma) regulated supply voltage vs supply voltage regulated supply volt age vreg (v) supply volt age vcc (v) supply volt age vcc (v) output saturation voltage vs output sink current output saturation voltage vol(m a) output sink current isi nk(m a) dead band width vs dead band capacitance dead band width tdb( s) ead band capacitance cdb( f)
M52461GP rev.1.00, jul.25. 2003, page 6 of 7 timing diagram input(4pin) local pulse (6pin) error pulse(3pin) stretcher(2pin) out1(10pin) out2(11pin) out3(12pin) out4(13pin) application example input
M52461GP rev.1.00, jul.25. 2003, page 7 of 7 package dimensions ssop16-p-225-0.65 weight(g) jedec code 0.06 eiaj package code lead material alloy 42 16p2e-a plastic 16pin 225mil ssop symbol min nom max a a 2 b c d e l l 1 y dimension in millimeters h e a 1 i 2 ? ? .17 0 0 .13 0 .9 4 .3 4 ? .2 6 .3 0 ? ? ? .0 1 .1 0 ? .15 1 .22 0 .15 0 .0 5 .4 4 .65 0 .4 6 .5 0 .0 1 ? .8 5 ? .2 0 .45 1 ? .32 0 .2 0 .1 5 .5 4 ? .6 6 .7 0 ? .1 0 ? b 2 ? 35 0. ? 0 ? 10 e e 1 16 9 8 1 h e e d e y f a a 2 a 1 l 1 l c e b 2 e 1 i 2 recommended mount pad detail f detail g z z 1 x ? ? z 1 ? 0.225 ? ? ? 0.375 0.13 z g b x m
? 2003. renesas technolo gy corp., all ri g hts reserved. printed in japan . colo p hon 1.0 keep safet y first in y our circuit desi g ns ! 1. renesas technolo gy corp. puts the maximum effort into makin g semiconductor products better and more reliable, but there is alwa y s the possibilit y that trouble m a y occur with them. trouble with semiconductors ma y lead to personal in j ur y , fire or propert y dama g e . remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placem ent of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. notes regarding these materials 1. these materials are intended as a reference to assist our customers in the selection of the renesas technology corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to renesas t echnology corp. or a third party. 2. renesas technology corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. all information contained in these materials, including product data, diagrams, charts, programs and algorithms represents i nformation on products at the time of publication of these materials, and are subject to change by renesas technology corp. without notice due to product improvement s or other reasons. it is therefore recommended that customers contact renesas technology corp. or an authorized renesas technology corp. product distrib utor for the latest product information before purchasing a product listed herein. the information described here may contain technical inaccuracies or typographical errors. renesas technology corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. please also pay attention to information published by renesas technology corp. by various means, including the renesas tech nology corp. semiconductor home page (http://www.renesas.com). 4. when using any or all of the information contained in these materials, including product data, diagrams, charts, programs, a nd algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. renesas technology corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. renesas technology corp. semiconductors are not designed or manufactured for use in a device or system that is used under ci rcumstances in which human life is potentially at stake. please contact renesas technology corp. or an authorized renesas technology corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerosp ace, nuclear, or undersea repeater use. 6. the prior written approval of renesas technolo gy corp. is necessar y to reprint or reproduce in whole or in part these materials . 7 . if these products or technolo g ies are sub j ect to the japanese export control restrictions, the y must be exported under a license from the japanese g overnment and cannot b e imported into a countr y other than the approved destination. an y diversion or reexport contrar y to the export control laws and re g ulatio n s of japan and/or the countr y of destination is prohibited . 8. please contact renesas technolo gy corp. for further details on these materials or the products contained therein . s ales strate g ic plannin g div. nippon bld g ., 2-6-2, ohte-machi, chi y oda-ku, tok y o 100-0004, japa n htt p ://www.renesas.co m renesas technology america, inc. 450 holger way, san jose, ca 95134-1368, u.s.a tel: <1> (408) 382-7500 fax: <1> (408) 382-7501 renesas technology europe limited. dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, united kingdom tel: <44> (1628) 585 100, fax: <44> (1628) 585 900 renesas technology europe gmbh dornacher str. 3, d-85622 feldkirchen, germany tel: <49> (89) 380 70 0, fax: <49> (89) 929 30 11 renesas technology hong kong ltd. 7/f., north tower, world finance centre, harbour city, canton road, hong kong tel: <852> 2265-6688, fax: <852> 2375-6836 renesas technology taiwan co., ltd. fl 10, #99, fu-hsing n. rd., taipei, taiwan tel: <886> (2) 2715-2888, fax: <886> (2) 2713-2999 renesas technology (shanghai) co., ltd. 26/f., ruijin building, no.205 maoming road (s), shanghai 200020, china tel: <86> (21) 6472-1001, fax: <86> (21) 6415-2952 renesas technology singapore pte. ltd. 1, harbour front avenue, #06-10, keppel bay tower, singapore 098632 tel: <65> 6213-0200, fax: <65> 6278-8001 renesas sales offices


▲Up To Search▲   

 
Price & Availability of M52461GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X