Part Number Hot Search : 
CDRH12 N40N60 BSP125 ICL8007C BL317BT 3362R103 SD243 SAB9080
Product Description
Full Text Search
 

To Download LB123D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  LB123D discrete semiconductors r dc components co., ltd. technical specifications of npn epitaxial planar transistor pinning 1 = emitter 2 = collector 3 = base description designed for high voltage, high speed switching circuits, and amplifier applications . characteristic symbol rating unit collector-base voltage vcbo 600 v collector-emitter voltage vceo 400 v emitter-base voltage vebo 8 v collector current(dc) ic 1 a collector current(pluse) ic 2 a total power dissipation(t c=25oc) pd 30 w junction temperature tj +150 oc storage temperature tstg -55 to +150 oc absolute maximum ratings(ta=25oc) characteristic symbol min typ max unit test conditions collector-base breakdown volatge bvcbo 600 - - v ic=1ma, ie=0 collector-emitter breakdown voltage bvceo 400 - - v ic=10ma, ib=0 emitter-base breakdown volatge bvebo 8 - - v ie=1ma, ic=0 collector cutoff current icbo - - 10 ma vcb =600v, ie=0 emitter cutoff current iebo - - 10 ma vbe =9v, ic=0 collector-emitter saturation voltage (1) vce(sat)1 - - 0.8 v ic=0.1a, ib=10ma vce(sat)2 - - 0.9 v ic=0.3a, ib=30ma base-emitter saturation voltage (1) vbe(sat)1 - - 1.2 v ic=0.1a, ib=10ma vbe(sat)2 - - 1.8 v ic=0.3a, ib=30ma hfe1 10 - 50 - ic=0.3a, vce=5v dc current gain(1) hfe2 10 - - - ic=0.5a, vce=5v hfe3 6 - - - ic=1a, vce=5v electrical characteristics(ratings at 25 oc ambient temperature unless otherwise specified) (1)pulse test: pulse width 380ms, duty cycle 2% rank b1 b2 b3 b4 b5 b6 b7 b8 range 10~17 13~22 18~27 23~32 28~37 33~42 38~47 43~50 classification of hfe1 to-126ml dimensions in inches and (millimeters) .090 (2.28) .123(3.12) .113(2.87) .084(2.14).074(1.88) .033(0.84).027(0.68) .163(4.12).153(3.87) .044(1.12).034(0.87) .060(1.52).050(1.27) .084(2.12).074(1.87) .591(15.0).551(14.0) .300(7.62).290(7.37) .148(3.75).138(3.50) .056(1.42).046(1.17) .180 (4.56) typ .146(3.70).136(3.44) .027(0.69).017(0.43) typ 1 2 3


▲Up To Search▲   

 
Price & Availability of LB123D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X