Part Number Hot Search : 
6N136V 1N5160 YBBNUA PE3339EK 66302 M320X CHPV1IU 124JC
Product Description
Full Text Search
 

To Download IXI848S1TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  high-side current monitor ixys cop y right ? ix ys corp ora t ion 2004 ds99 183( 1/04) ixi848 features: ? high -side cu rre nt sense a m plifier ? 2.7v to 40v input ra nge ? 0.7% typical full scale accuracy ? scalabl e out put voltage ? soic packag e type applications: ? powe r mana gement syste m s ? smart battery pac k s ? battery chargers ? battery powe red porta b le equipme n t ? dc moto r c o ntrol general description the ixi848 i s a p r e c isi o n high si de current sen s e monitor. hig h si de po we r-line monito ri ng offe rs the advantag e of allo wing the gro und pla n e to remai n undi sturb ed whe n se nsi n g load cu rrents. an external sen s e resi st or set s the range of the amplified ground -refere n c ed outp u t monito ring voltage. th e output volt age i s amp lified by a sele ctabl e fixed gain of e i ther 10 o r 5 0 . with an input voltage rang e exceed ing 37v, an d output gai n of up to 50, the ixi848 i s de sig ned t o add re ss a wide vari ety of current se nse appli c ation s . the ixi848 operates ove r a tempe r at ure ra nge of -40 c to +85 c. the ixi8 48 is availa b l e in an 8- lead soic p a ckag e. figure 1. ix i848 func tional block diagram figure 2. ix i848 soic pin confi guration and general application circuit 5 4 1 3 2 8 r10 r50 vo u t gn d loa d in il loa d / ba t t e ry rs r 10r 40r vio zm + - r g r g 8 - le ad s o ic 1 2 3 4 8 7 6 5 vo u t r10 r50 gn d in l o ad in = positive s upp l y term ina l r s = sense re sistor lo ad = load side termi nal z m = external voltag e monit o r imped ance r g = o u tput gain setting res i stors r10, r5 0 = selectabl e outp u t gai n termina l s vo ut = amplified o u tput mon i torin g voltag e
ixys 2 ixi848 absolute maximum ratings parameter rati n g voltag e to an y pin -0.3v to + 40v differenti a l inp u t voltage (v se n s e ) + 0.4v input curre nt to an y pi n t b d o peratin g amb i ent t e mp ran ge -40c to + 85c o peratin g junc tion t e mp ran ge -40c to + 125 c j a 1 5 0 c/w jc 40c/w storage t e mp ran ge -65c to + 150 c lea d t e mperature (sol deri ng, 10 sec) + 300c a bsol ute maxi mu m r a tin g s are stress ratings. stresses in e x cess of thes e ratin g s ca n caus e p er ma nent d a mag e to th e dev ice. f u nction a l oper ation of t he devic e at these or an y othe r cond itions bey ond th ose i n d i c a ted i n the o p e r ation a l sections of this data s heet is not i m p l ie d. ex posur e of the device t o the abso l ute maxi mu m rati ngs fo r an exte nd ed p erio d may deg rade th e d e vic e an d affect its reliabi lity. esd w a rning esd (electrostatic discharge) sensitive dev ice. e l e c trostatic charges can readily accumulate on test equipment and t he human bo dy in excess of 40 00 volts. this energ y can discharge w i thou t det ection. although the ixi848 feat ure proprieta ry esd protecti o n circuitry , perman ent damage ma y be sustained i f subjected to hi gh energ y electrostatic discharges . proper esd precautions are recommended to avoid performan ce degradation o r loss of functionality . electrical characteristics t a = 25c, v in = 2.7v to 40v, unl ess other w i se noted parameter sy mbol conditio n s min ty p max uni t o peratin g volt age ran ge v in 2 . 7 40 v supp l y curre nt i dd v in = 20v, v sen se = 0 v , i load = 0 a . 0 6 5 m a g a in = 10v/v 150 f u ll scal e sen s e voltag e v sen se g a in = 50v/v 150 mv input o ffset voltag e v os v in = 12v 0.5 mv f u ll scal e accurac y v sen se = 100mv, v in = 12v t a = +2 5 c 0 . 7 % t a = +2 5 c 0 .7 v sen se = 100mv v in = 12v ? @ t a = -40 to +85c 0.3 % t a = +2 5 c 0 .8 t o tal o u t voltage error (note 1, note 2 ) v sen se = 100mv v in = 40v ? @ t a = -40 to +85c 0.4 % t a = +2 5 c 0.5 gain accurac y (note 2) v sen se = 20mv to 100mv v in = 12v, 40v ? @ t a = -40 to + 85c 0.1 % g a in = 10v/v 33 k ? o u t output resistanc e r out v in = 12v v sen se = 100mv g a in = 50v/v 165 k ? note 1: t o tal ou t voltage error is the sum of gain and offset voltage erro rs. note 2: pro duction tested at t a = 25c.
ixys 3 ixi848 t y pical performance characteristics .005 .025 .045 .065 .085 .105 .125 2.7 5 10 1 5 2 0 25 3 0 35 4 0 supp ly c u rren t (ma ) supp ly v o lta ge (v in) . 050 . 055 . 060 . 065 . 070 . 075 . 080 -40 - 15 10 35 60 85 ta (c ) s upply c u rre nt (ma ) vi n = 20v f i g 3. suppl y current vs. vol t age f i g 4. suppl y current vs. t e mperatur e 5mv / div 100 mv 95mv vse n se 20mv / d i v vo ut 1v 0. 95 v 2u s/d i v c l = 8pf vin = 12 v ga in = 1 0 500 mv /d iv 45 m v / d iv vse n se 6mv 100mv c l = 8pf v out 1v 0. 06v v i n= 12 v ga in = 1 0 2us / d iv f i g 5. small si gna l t r ansient resp onse 10 x f i g 6. large si gna l t r ansient resp onse 10 x v s ens e 5mv / d i v vou t 100 mv /d iv c l = 8pf 100 mv 95 m v 5v 4. 75 v v i n= 12 v 10u s / d i v ga in =5 0 v s ens e 45 m v / d iv vou t 2v / d iv 10u s / d i v 1 00mv 6m v 5v 0. 3v c l =8 pf v i n= 12v ga in =5 0 f i g 7. small si gna l t r ansient resp onse 50 x f i g 8. large si gna l t r ansient resp onse 50 x
ixys 4 ixi848 ordering information pin description and configur ation package outline part no . de sc r i ption pack ag e pack q u a n t ity ixi84 8 s 1 8 - p i n so i c 98 (t u b e ) ix i848s1t / r hig h side curre nt sense monit o r 8-pin so ic 250 0 (t ape & reel) soic nam e des c ription 8 r 5 0 con nectin g r5 0 to g nd, (r10= n/c) selects a vo u t voltage that is 50 x the voltag e acr o ss r sen se . 1 g n d g r ound 5 l o a d high im pe da nc e loa d -sid e con nectio n to the ext e rna l sens e resistor. 4 i n positive su ppl y terminal a nd p o w e r co nnecti o n for the ext e rn al sens e resistor. 3 v o u t o u tput voltag e prop ortion al to the voltag e acr o ss r sen se . 2 r 1 0 con nectin g r1 0 to g nd, (r50= n/c) selects a vo u t voltage that is 10 x the voltag e acr o ss r sen se . 6 n / c no co nnect 7 n / c no co nnect 8-lead soi c
ixys 5 ixi848 detailed circuit description the ixi848 is a precision high side current sense monitor featuring an input voltage range of 2.7v to 40v, and a selectable ground referenced fixed gain output of either 10 or 50. a small voltage developed across an external sense resistor (r s ), is converted to an amplified ground referenced voltage output at vout, (figure 1). the amplifier?s non-inverting input is high impedance making the voltage at that terminal equal to v in ? (i l ) (r s ). the amplifier forces the high impedance inverting terminal to equal the non- inverting input voltage by turning on the p-channel mos fet. as the p-channel mos fet is biased on by the amplifier output, current is sourced through r g (10r or 10r+40r), to produce a voltage equal to v in ? (i l ) (r s ) at the inverting input of the amplifier. this develops a voltage across the inverting input resistor, r that matche s the sense voltage across r s , plus any associated in put offset voltage, (v io ). consequently, the voltage at vout corresponds to r g / r. output: vout = g [ (i l ) (r s ) + v io ] gain: g = (r g ) (z m ) / r (r g (r g + z m )) r g = 10r or 50r selectable input offset: v io = + 1.2mv max r = 3.3k ? + 20% temperature coefficient: (all on-chip resistors) r = 700ppm / c typical gain error = + 0.5% typical r sense component selection the r sense value should be selected such that the voltage across r sense is at full-scale for the load current to be monitored. operating the ixi848 at or near the full-scale sense voltage will minimize the error component associated with the input offset voltage of the internal op amp, (0.7% typical at full- scale). the ixi848 can be configured to measure a wide selection of currents by using different r sense values. some common values for typical operation of the ixi848 are listed in the following table. full-scale i l (a) r sense r s ( ?) gain (v/v) vout (v) v sense = 150mv 0.15 1.0 10 1.5 1.5 0.1 10 1.5 5 0.01 50 2.5 100 0.001 50 5 output impedance the vout output is a current source driving a 33k ? resistance to ground for a gain of 10, or a 165k ? resistance to ground for a gain of 50. output gain is reduced by resistive loading of the vout terminal. the impedance of the external monitor load (z m ) should be chosen high enough to maintain the desired accuracy. buffering of the vout terminal with a high-impedance input stage may be required to minimize output errors. the following formulas quantify the percent error introduced by output loading: for a gain of 10 % error = 100 [r load / (33k ? + r load ) ? 1] for a gain of 50 % error = 100 [r load / (165k ? + r load ) ? 1] r load = the external load applied to vout


▲Up To Search▲   

 
Price & Availability of IXI848S1TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X