Part Number Hot Search : 
TFS163A ERC04F SFR9310 MA46473 PE3227 40011 40011 A1314BT2
Product Description
Full Text Search
 

To Download IXCY10M90S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2000 ixys all rights reserved switchable current regulators symbol test condition maximum ratings v akr t j = 25 c to 150 c 900 v v agr t j = 25 c to 150 c 900 v v gk 20 v i d t c = 25 c -0.3 a p d t c = 25 c40w t j -55 ... +150 c t stg -55 ... +150 c t l temperature for soldering (max. 10 s) 260 c m d mounting torque with screw m3 (to-220) 0.45/4 nm/lb.in. with screw m3.5 (to-220) 0.55/5 nm/lb.in. symbol test condition characteristic values (t j = 25 c unless otherwise specified) min. typ. max. v akr r k = 300 ?, (fig. 1) 900 v i a(p) v d = 10 v; r k = 300 ?; (fig. 2) 7 9 15 ma v gk(off) i d = 100 a; v d = 900 v -5 v fig. 4 i d(p) v d = 720 v; v gk = -10 v 25 a (fig. 1) ? ? ? ? ? v ak / ? ? ? ? ? i a(p) dynamic resistance; v d = 10 v 100 k ? r k = 300 ?; (fig. 1) r thjc thermal resistance junction-to-case 3.1 k/w r thja thermal resistance junction-to-ambient to-220 80 k/w to-252 100 k/w pin connections 1 = gate(g), control terminal; 2 and tab = a (+) positive terminal 3 = k (-), negative terminal to-252 aa (ixcy) features  minimum of 900 v breakdown  resistor programmable current source  40 w continuous dissipation  international standard packages jedec to-220 and to-252  on/off switchable current source applications  highly stable voltage sources  current surge limiters  transient voltage protection  instantaneously reacting resetable fuses  soft start-up circuits to-220 ab (ixcp) 98729 (07/00) ixcp10m90s IXCY10M90S v ak = 900 v i a(p) = 1 - 100 ma r dyn = 100 k ? ? ? ? ? 1 3 tab 1 3 tab 2
ixys mosfets and igbts are covered by one or more of the following u.s. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 ixys reserves the right to change limits, test conditions, and dimensions. series resistor r k - ohms 10 100 1000 10000 i a(p) - milliamperes 1 10 100 t j = 125 o c t j = 25 o c fig. 3. current regulator controlled by v g fig. 4. plateau current versus applied input voltage fig. 1 resistor r k in series with negative pin to achieve different current levels fig. 2. plateau current versus external resistance a (+) g r k k (-) i d(p) v d to-220 ab outline to-252 aa outline dim. millimeter inches min. max. min. max. a 2.19 2.38 0.086 0.094 a1 0.89 1.14 0.035 0.045 a2 0 0.13 0 0.005 b 0.64 0.89 0.025 0.035 b1 0.76 1.14 0.030 0.045 b2 5.21 5.46 0.205 0.215 c 0.46 0.58 0.018 0.023 c1 0.46 0.58 0.018 0.023 d 5.97 6.22 0.235 0.245 d1 4.32 5.21 0.170 0.205 e 6.35 6.73 0.250 0.265 e1 4.32 5.21 0.170 0.205 e 2.28 bsc 0.090 bsc e1 4.57 bsc 0.180 bsc h 9.40 10.42 0.370 0.410 l 0.51 1.02 0.020 0.040 l1 0.64 1.02 0.025 0.040 l2 0.89 1.27 0.035 0.050 l3 2.54 2.92 0.100 0.115 ixcp10m90s IXCY10M90S packagemarking: y01m90s g i a(p) a (+) k (-) v gk v d gate-source v gk - volts -3.5 -3.0 -2.5 -2.0 -1.5 -1.0 -0.5 0.0 i a(p) - milliamperes 1 10 100 t j = 25 o c t j = 125 o c


▲Up To Search▲   

 
Price & Availability of IXCY10M90S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X