Part Number Hot Search : 
IRFBC40 6M006 HSP45102 4400P MC3406 6M006 E006854 MAX4839
Product Description
Full Text Search
 

To Download IRL3103D1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IRL3103D1 pd 9.1608c 12/16/97 description the fetky family of copackaged hexfet power mosfets and schottky diodes offer the designer an innovative board space saving solution for switching regulator applications. a low on resistance gen 5 mosfet with a low forward voltage drop schottky diode and minimized component interconnect inductance and resistance result in maximized converter efficiencies. the to-220 package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately 50 watts. the low thermal resistance and low package cost of the to-220 contribute to its wide acceptance throughout the industry. l copackaged hexfet ? power mosfet and schottky diode l generation 5 technology l logic level gate drive l minimize circuit inductance l ideal for synchronous regulator application parameter max. units i d @ t c = 25c continuous drain current, v gs @ 10v ? 64 i d @ t c = 100c continuous drain current, v gs @ 10v ? 45 a i dm pulsed drain current ?? 220 p d @t a = 25c power dissipation 2.0 w p d @t c = 25c power dissipation 89 w linear derating factor 0.56 w/c v gs gate-to-source voltage 16 v t j operating junction and -55 to + 150 t stg storage temperature range soldering temperature, for 10 seconds 300 (1.6mm from case ) mounting torque, 6-32 or m3 srew 10 lbf?in (1.1n?m) c absolute maximum ratings v dss = 30v r ds(on) = 0.014 w i d = 64a fetky tm mosfet & schottky rectifier parameter typ. max. units r q jc junction-to-case CCC 1.4 r q ja junction-to-ambient CCC 62 c/w thermal resistance g d s to-220ab
IRL3103D1 parameter min. typ. max. units conditions i f (av) ( schottky) mosfet symbol showing the i sm pulsed source current integral reverse (body diode) ? CCC CCC p-n junction and schottky diode. v sd1 diode forward voltage CCC CCC 1.3 v t j = 25c, i s = 32a, v gs = 0v ? v sd2 diode forward voltage CCC CCC 0.50 v t j = 25c, i s = 1.0a, v gs = 0v ? t rr reverse recovery time CCC 51 77 ns t j = 25c, i f = 32a q rr reverse recovery charge CCC 49 73 nc di/dt = 100a/s ? t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by l s +l d ) ? repetitive rating; pulse width limited by max. junction temperature. ( see fig. 10 ) notes: ? pulse width 300s; duty cycle 2%. ? uses irl3103 data and test conditions body diode & schottky diode ratings and characteristics 2.0 220 a parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 30 CCC CCC v v gs = 0v, i d = 250a d v (br)dss / d t j breakdown voltage temp. coefficient CCC 0.037 CCC v/c reference to 25c, i d = 1ma ? CCC CCC 0.014 v gs = 10v, i d = 34a ? CCC CCC 0.019 w v gs = 4.5v, i d = 28a ? v gs(th) gate threshold voltage 1.0 CCC CCC v v ds = v gs , i d = 250a g fs forward transconductance 23 CCC CCC s v ds = 25v, i d = 32a ? CCC CCC 0.10 ma v ds = 30v, v gs = 0v CCC CCC 22 v ds = 24v, v gs = 0v, t j = 125c gate-to-source forward leakage CCC CCC 100 na v gs = 16v gate-to-source reverse leakage CCC CCC -100 v gs = -16v q g total gate charge CCC CCC 43 i d = 32a q gs gate-to-source charge CCC CCC 14 nc v ds = 24v q gd gate-to-drain ("miller") charge CCC CCC 23 v gs = 4.5v, see fig. 6 ? t d(on) turn-on delay time CCC 9.0 CCC v dd = 15v t r rise time CCC 210 CCC ns i d = 32a t d(off) turn-off delay time CCC 20 CCC r g = 3.4 w, v gs =4.5v t f fall time CCC 54 CCC r d = 0.43 w, ?? between lead, CCC CCC 6mm (0.25in.) from package and center of die contact c iss input capacitance CCC 1900 CCC v gs = 0v c oss output capacitance CCC 810 CCC v ds = 25v c rss reverse transfer capacitance CCC 240 CCC ? = 1.0mhz, see fig. 5 c iss input capacitance CCC 3500 CCC v gs = 0v, v ds = 0v mosfet electrical characteristics @ t j = 25c (unless otherwise specified) r ds(on) static drain-to-source on-resistance i gss i dss drain-to-source leakage current l d internal drain inductance nh pf CCC CCC g d s l s internal source inductance 7.5 CCC CCC 4.5 s d g
IRL3103D1 fig 1. typical output characteristics fig 2. typical output characteristics 1 10 100 1000 0.1 1 10 100 i , drain-to-source current (a) d v , drain-to-source voltage (v) ds a 20s pulse w idth t = 25c j vgs top 15v 12v 10v 8.0v 6.0v 4.0v 3.0v bottom 2.5v 2.5v fig 3. typical reverse output characteristics fig 4. typical reverse output characteristics 1 10 100 1000 0.1 1 10 100 i , drain-to-source current (a) d v , drain-to-source voltage (v) ds a vgs top 15v 12v 10v 8.0v 6.0v 4.0v 3.0v bottom 2.5v 2.5v 20s pulse width t = 150c j 0 10 20 30 0 0.2 0.4 0.6 0.8 20s pulse width t = 150c a j 0.0v vgs top 10v 8.0v 6.0v 4.0v 2.0v bottom 0.0v v , source-to-drain voltage (v) i , source-to-drain current (a) s sd 0 10 20 30 0.0 0.2 0.4 0.6 0.8 1.0 20s pulse width t = 25c a i , source-to-drain current (a) v , source-to-drain voltage (v) 0.0v s vgs b top 10v 8.0v 6.0v 4.0v 2.0v bottom 0.0v j sd
IRL3103D1 fig 5. typical capacitance vs. drain-to-source voltage fig 6. typical gate charge vs. gate-to-source voltage fig 7. maximum drain current vs. case temperature fig 8. typical transfer characteristics 1 10 100 1000 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 t = 25c t = 150c j j gs v , gate-to-source volta g e ( v ) d i , drain-to-source current (a) a v = 15v 20s pulse width ds 1 10 100 0 1000 2000 3000 4000 v , drain-to-source voltage (v) c, capacitance (pf) ds v c c c = = = = 0v, c c c f = 1mhz + c + c c shorted gs iss gs gd , ds rss gd oss ds gd c iss c oss c rss 0 20 40 60 80 0 3 6 9 12 15 q , total gate charge (nc) v , gate-to-source voltage (v) g gs i = d 32a v = 15v ds v = 24v ds 25 50 75 100 125 150 175 0 10 20 30 40 50 60 70 t , case temperature ( c) i , drain current (a) c d
IRL3103D1 fig 10. maximum effective transient thermal impedance, junction-to-case 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 t , rectan g ular pulse duration ( sec ) 1 thjc d = 0.50 0.01 0.02 0.05 0.10 0.20 sing le pu lse (thermal response) a thermal response (z ) p t 2 1 t dm notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c fig 9. normalized on-resistance vs. temperature 0.0 0.5 1.0 1.5 2.0 -60 -40 -20 0 20 40 60 80 100 120 140 160 180 j t , junction temperature (c) r , drain-to-source o n resistance ds(on) (n orm alized) v = 10v gs a i = 56a d
IRL3103D1 lead assignments 1 - g a te 2 - dr a in 3 - source 4 - dr a in - b - 1.32 (.052) 1.22 (.048) 3x 0.55 (.022) 0.46 (.018) 2.92 (.115) 2.64 (.104) 4.69 (.185) 4.20 (.165) 3x 0.93 (.037) 0.69 (.027) 4.06 (.160) 3.55 (.140) 1.15 (.045) m in 6.47 (.255) 6.10 (.240) 3.78 (.149) 3.54 (.139) - a - 10.54 (.415) 10.29 (.405) 2.87 (.113) 2.62 (.103) 15.24 (.600) 14.84 (.584) 14.09 (.555) 13.47 (.530) 3x 1.40 (.055) 1.15 (.045) 2.54 (.100) 2x 0.36 (.014) m b a m 4 1 2 3 notes: 1 dimensioning & tolerancing per ansi y14.5m, 1982. 3 outline conforms to jedec outline to-220ab. 2 c o n tr o lling d im e n s io n : inc h 4 h e a ts in k & le a d m e a s u r e m e n t s d o n ot include burrs. part number international rectifier lo go example : this is an irf1010 w ith assembly lo t c o de 9b1m assembly lo t co d e date code (yyw w ) yy = year ww = week 9246 irf1010 9b 1m a part marking information to-220ab package outline to-220ab outline dimensions are shown in millimeters (inches) part number international rectifier lo go example : this is an irf1010 w ith assembly lo t c o de 9b1m assembly lo t co d e date code (yyw w ) yy = year ww = week 9246 irf1010 9b 1m a world headquarters: 233 kansas st., el segundo, california 90245, tel: (310) 322 3331 european headquarters: hurst green, oxted, surrey rh8 9bb, uk tel: ++ 44 1883 732020 ir canada: 7321 victoria park ave., suite 201, markham, ontario l3r 2z8, tel: (905) 475 1897 ir germany: saalburgstrasse 157, 61350 bad homburg tel: ++ 49 6172 96590 ir italy: via liguria 49, 10071 borgaro, torino tel: ++ 39 11 451 0111 ir far east: k&h bldg., 2f, 30-4 nishi-ikebukuro 3-chome, toshima-ku, tokyo japan 171 tel: 81 3 3983 0086 ir southeast asia: 315 outram road, #10-02 tan boon liat building, singapore 0316 tel: 65 221 8371 http://www.irf.com/ data and specifications subject to change without notice. 12/97


▲Up To Search▲   

 
Price & Availability of IRL3103D1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X