Part Number Hot Search : 
AD590KF T494C 52MT80K 1N6303A 62NS04 74HCT5 9257AFG MC944
Product Description
Full Text Search
 

To Download GT15J301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  GT15J301 2002-02-06 1 toshiba insulated gate bipolar transistor silicon n channel igbt GT15J301 high power switching applications motor control applications  the 3rd generation  enhancement ? mode  high speed : t f = 0.30s (max.) (i c = 1 5a)  low saturation voltage : v ce (sat) = 2.7v (max.) (i c = 1 5a)  frd included between emitter and collector. maximum ratings (ta = 25c) characteristic symbol rating unit collector ? emitter voltage v ces 600 v gate ? emitter voltage v ges 20 v dc i c 15 a collector current 1ms i cp 30 a dc i f 15 a emitter ? collector forward current 1ms i fm 30 a collector power dissipation (tc = 25c) p c 35 w junction temperature t j 150 c storage temperature range t stg ? 55~150 c equivalent circuit jedec D jeita D toshiba 2 ? 10r1c weight: 1.7g unit: mm
GT15J301 2002-02-06 2 electrical characteristics (ta = 25 c ) characteristic symbol test condition min typ. max unit gate leakage current i ges v ge = 20v, v ce = 0 D D 500 na collector cut ? off current i ces v ce = 600v, v ge = 0 D D 1.0 ma gate ? emitter cut-off voltage v ge (off) i c = 1.5ma, v ce = 5v 5.0 D 8.0 v collector ? emitter saturation voltage v ce (sat) i c = 15a, v ge = 15v D 2.1 2.7 v input capacitance c ies v ce = 20v, v ge = 0, f = 1mhz D 950 D pf rise time t r D 0.12 D turn ? on time t on D 0.40 D fall time t f D 0.15 0.30 switching time turn ? off time t off inductive load v cc = 300v, i c = 15a v gg = 15v, r g = 75  (note 1) D 0.50 D s peak forward voltage v f i f = 15a, v ge = 0 D D 2.0 v reverse recovery time t rr i f = 15a, di / dt = ? 100a / s D D 200 ns thermal resistance (igbt) r th (j ? c) D D D 3.57 c / w thermal resistance (diode) r th (j ? c) D D D 4.63 c / w note 1: switching time measurement circuit and input / output waveforms switching loss measurement waveforms
GT15J301 2002-02-06 3
GT15J301 2002-02-06 4
GT15J301 2002-02-06 5
GT15J301 2002-02-06 6
GT15J301 2002-02-06 7  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others.  the information contained herein is subject to change without notice. 000707ea a restrictions on product use


▲Up To Search▲   

 
Price & Availability of GT15J301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X