Part Number Hot Search : 
30WQ06FN 1ETTE PS21A79 IRL6342 AN6612S MX18P 1ETTE 2149F
Product Description
Full Text Search
 

To Download FR204G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  chongqing pingyang electronics co.,ltd. fr201g thru fr207g fast recovery plastic rectifier voltage 50-1000v current 2.0a features fast switching low leakage low forward voltage drop high current capability high surge capability high reliability mechanical data case : molded plastic epoxy : ul94v-0 rate flame retardant lead : mil-std- 202e, method 208 guaranteed polarity : color band denotes cathode end mounting position : any weight : 0.38 grams maximum ratings and electronical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase, half wave, 60hz,resistive or inductive load. for capacitive load, derate current by 20%. symbol fr201 g fr202 g fr203g fr204 g fr205 g fr206 g fr207g units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current at t a =75 c i o 2.0 a peak forward surge current 8.3ms single half sine-wave superimposed on rate load (jedec method) i fsm 70 a maximum instantaneous forward voltage at 2.0a dc v f 1.3 v maximum dc reverse current at rated dc blocking voltage t a =25 c 5.0 maximum full load reverse current full cycle average,.375 (9.5mm) lead length at t l =55 c i r 100 a maximum reverse recovery time (note 1) t rr 150 250 500 ns typical junction capacitance (note 2) c j 40 pf notes: 1.test conditions: i f =0.5a, i r =1.0a, i rr =0.25a 2.measured at 1mhz and applied reverse voltage of 4.0 volts do-15 1.0(25.4) min. .034(0.9) .028(0.7) dia. .300(7.6) .230(5.8) 1.0(25.4) min. .140(3.6) .104(2.6) dia. dimensions in inches and (millimeters) pdf ?? "pdffactory pro" e www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of FR204G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X