fast recovery glass passivated rectifier e-mail: sales@cnmic.com web site: www.cnmic.com voltage range 50 to 1000 volts fr201g thru fr207g current 2.0 ampere features fast switching for high efficiency glass passivated chip junction high current surge capability low leakage high temperature soldering guaranteed 260 /10 seconds,0.375 (9.5mm)lead length at 5 lbs (2.3kg) tension mechanical data case: transfer molded plastic epoxy: ul94v-0 rate flame retardant polarity: color band denotes cathode end lead: plated axial lead, solderable per mil-std-202e method 208c mounting position: any weight: 0.014ounce, 0.39 gram maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified single phase, half wave, 60hz, resistive or inductive load for capacitive load derate current by 20% symbols fr 201g fr 202g fr 203g fr 204g fr 205g fr 206g fr 207g unit maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 volts maximum rms voltage v rms 35 70 140 280 420 560 700 volts maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 volts maximum average forward rectified current 0.375 (9.5mm) lead length at t a =55 i (av) 2.0 amps peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 70 amps maximum instantaneous forward voltage at 2.0a v f 1.3 volts t a = 25 5.0 maximum dc reverse current at rated dc blocking voltage t a = 125 i r 500 a maximum reverse recovery time(note 3) t rr 150 250 500 ns typical junction capacitance (note 1) c j 20 pf typical thermal resistance (note 2) r ja 40 /w operating temperature range t j (-55 to +150) storage temperature range t stg (-55 to +150) notes: 1. measured at 1.0 mhz and applied reverse voltage of 4.0 volts. 2. thermal resistance from junction to ambient at.375 (9.5mm) lead length, p.c board mounted. 3. test conditions: i f =0.5a, i r =1.0a, i rr =0.25a. dimensions in inches and (millimeters) do-15
fast recovery glass passivated rectifier e-mail: sales@cnmic.com web site: www.cnmic.com voltage range 50 to 1000 volts fr201g thru fr207g current 2.0 ampere fig.2-maximum non-repetitive peak 100 t jmax 40 20 10 characteristics 2 70 1 0 c u r r e n t , ( a ) p e a k f o r w a r d s u r g e 10 number of cycles at 60 hz 8.3ms single half sine-wave (jedec method) t= forward surge current fig.4-typical reverse derating curve fig.1-typical forward current 150 175 125 75 100 2.0 50 0 0 single phase inductive load half wave 60hz resistive or 25 a v e r a g e f o r w a r d c u r r e n t , ( a ) fig.3-typical instantaneous forward characteristics ambient temperature, ( c) 80 40 100 ( a ) 1.2 j t =25 c 0.8 0.4 1% duty cycle pulse width=300us ( a ) ( a ) 100 10 instantaneous forward voltage,(v) fig.5-typical junction capacitance 0.1 1 reverse voltage,(v) vsig=50mvp-p j u n c t i o n c a p a c i t a n c e , ( p f ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , i n s t a n t a n e o u s r e v e r s e c u r r e n t , 1.6 0.375 (9.5mm) f=1mhz t =25 c 468 1 cycle 60 10 1.010100 percent of rated peak reverse voltage,(%) j 1.0 0.1 0.01 1.0 0.1 0.01 1.0 3.0 lead length 50 30 0.61.01.41.8 20 60 20 0 120140 t =75 c j 55 50/100ns/cm set time base for 0 -1.0a -0.25a +0.5a (+) (-) (-) (approx.) (+) 25 vdc 10 noninductive noninductive 50 (note 1) oscilloscope (note 2) generatior pulse d.u.t. inductive non 1 2.rise time=10ns max. source impedance= 50 ohms 1 magohm. 22pf notes : 1.rise time=7ns mas. input impedance= reverse recovery time characteristic f1g.6-test circuit diagram and 1cm trr 10 rating and chracteristic curves fr201g thru fr207g t =125 c j j t =100 c t =25 c j
|