Part Number Hot Search : 
KSE5740 AX150 LA6523 05DH30 KA3031 DS4266D CAD12 BA25BC0
Product Description
Full Text Search
 

To Download F10F150S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2000 fairchild semiconductor international ffpF10F150S rev. f, september 2000 damper diode absolute maximum ratings t c =25 c unless otherwise noted thermal characteristics electrical characteristics t c =25 c unless otherwise noted * pulse test: pulse width=300 s, duty cycle = 2% symbol parameter value units v rrm peak repetitive reverse voltage 1500 v i f(av) average rectified forward current @ t c = 125 c10 a i fsm non-repetitive peak surge current 60hz single half-sine wave 100 a t j, t stg operating junction and storage temperature - 65 to +150 c symbol parameter value units r jc maximum thermal resistance, junction to case 3.0 c/w symbol parameter min. typ. max. units v fm * maximum instantaneous forward voltage i f = 10a i f = 10a t c = 25 c t c = 125 c - - - - 1.6 1.4 v i rm * maximum instantaneous reverse current @ rated v r t c = 25 c t c = 125 c - - - - 10 80 a t rr maximum reverse recovery time (i f =1a, di/dt = 50a/ s) --170ns t fr maximum forward recovery time (i f =6.5a, di/dt = 50a/ s) --250ns v frm maximum forward recovery voltage - - 14 v ffpF10F150S features ? high voltage and high reliability  high speed switching  low forward voltage to-220f 1 2 1. cathode 2. anode applications  suitable for damper diode in horizontal deflection circuits
?2000 fairchild semiconductor international rev. f, september 2000 ffpF10F150S typical characteristics typical characteristics figure 1. typical forward voltage drop vs. forward current figure 3. typical junction capacitance figure 5. typical stored charge vs. forward current figure 2. typical reverse current vs. reverse voltage figure 4. typical reverse recovery time vs. forward current figure 6. forward current derating curve 0.1 1 10 100 0.0 0.4 0.8 1.2 1.6 2.0 t j = 25 o c t j = 125 o c forward voltage , v f [v] forward current , i f [a] 0.1 1 10 100 0 20 40 60 80 100 120 140 160 180 200 typical capacitance at 0v = 150 pf capacitance , cj [pf] reverse voltage , v r [v] 12345678910 0 500 1000 1500 2000 di/dt = 100a/ s di/dt = 50a/ s stored recovery charge , q rr [nc] forward current , i f [a] 0 300 600 900 1200 1500 0.001 0.01 0.1 1 10 100 t j = 25 o c t j = 125 o c t j = 100 o c reverse current , i r [ a] reverse voltage , v r [v] 12345678910 0 100 200 300 400 di/dt = 100a/ s di/dt = 50a/ s reverse recovery time , t rr [ns] forward current , i f [a] 80 100 120 140 160 0 5 10 15 dc average forward current , i f(av) [a] case temperature , t c [ o c]
?2000 fairchild semiconductor international rev. f, september 2000 ffpF10F150S package dimensions to-220f 2l dimensions in millimeters 2.54 0.20 0.80 0.10 0.35 0.10 2.76 0.20 max1.47 (1.00x45 ) (0.70) 3.30 0.10 15.87 0.20 (1.80) (6.50) 6.68 0.20 15.80 0.20 9.75 0.30 12.00 0.20 4.70 0.20 10.16 0.20 9.40 0.20 ? 3.18 0.10 2.54typ [2.54 0.20 ] 2.54typ [2.54 0.20 ] 0.50 +0.10 ? 0.05
trademarks the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy fairchilds products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification p roduct status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. formative or in design first production full production not in production disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. qfet? qs? qt optoelectronics? quiet series? supersot?-3 supersot?-6 supersot?-8 syncfet? tinylogic? uhc? fastr? globaloptoisolator? gto? hisec? isoplanar? microwire? optologic? optoplanar? pop? powertrench ? rev. f1 acex? bottomless? coolfet? crossvolt? dome? e 2 cmos tm ensigna tm fact? fact quiet series? fast ? vcx?


▲Up To Search▲   

 
Price & Availability of F10F150S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X