F-XT-1W F-XT-1W F-XT-1W F-XT-1W F-XT-1W F-XT-1W F-XT-1W F-XT-1W e-xt-1w e-xt-1w e-xt-1w e-xt-1w e-xt-1w e-xt-1w e-xt-1w e-xt-1w series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 1 of 3 order code input output efficiency (%.typ.) voltage(vdc) voltage (vdc) current(ma) nominal range max. f05 03 xt - 1 w 5 4.5 - 5.5 3.3 260 81 f05 0 5xt - 1 w 5 4.5 - 5.5 5 200 83 f0512xt - 1 w 5 4.5 - 5.5 12 84 74 f0515xt - 1 w 5 4.5 - 5.5 15 67 76 e05 0 5xt - 1 w 5 4.5 - 5.5 5 100 81 e0512xt - 1 w 5 4.5 - 5.5 12 42 85 e0515xt - 1 w 5 4.5 - 5.5 15 34 83 f12 03 xt - 1 w 12 10.8 - 13.2 3.3 260 86 f12 0 5xt - 1 w 12 10.8 - 13.2 5 200 85 f1212xt - 1 w 12 10.8 - 13.2 12 84 74 f1215xt - 1 w 12 10.8 - 13.2 15 67 78 e12 0 5xt - 1 w 12 10.8 - 13.2 5 100 80 e1212xt - 1 w 12 10.8 - 13.2 12 42 80 e1215xt - 1 w 12 10.8 - 13.2 15 34 85 f24 03 xt - 1 w 24 21.6 - 26.4 3.3 260 81 f24 0 5xt - 1 w 24 21.6 - 26.4 5 200 85 f2412xt - 1 w 24 21.6 - 26.4 12 84 83 f2415xt - 1 w 24 21.6 - 26.4 15 67 86 e24 0 5xt - 1 w 24 21.6 - 26.4 5 100 85 e2412xt - 1 w 24 21.6 - 26.4 12 42 74 e2415xt - 1 w 24 21.6 - 26.4 15 34 78 case material : non-conductive plastic (ul 91v-0 rated) weight : 2.0 g (0. 0 7oz) model model model model model model model model selection selection selection selection selection selection selection selection f(e) f(e) f(e) f(e) f(e) f(e) f(e) f(e) 05 05 05 05 05 05 05 05 05 05 05 05 05 05 05 05 x x x x x x x x t t t t t t t t - - - - - - - - 1w 1w 1w 1w 1w 1w 1w 1w product series input voltage output voltage fixed input smd package rated power 1 1 1 1 w, w, w, w, fixed fixed fixed fixed input, input, input, input, isolated isolated isolated isolated single/dual single/dual single/dual single/dual output output output output dc dc dc dc - - - - dc dc dc dc converter converter converter converter features features features features features features features features fixed input range s hort circuit protection (automatic recovery) i/o isolation voltage 3000vdc operating temperature: -40 85 high efficiency up to 80% high accuracy of pin co-planarity small smd package with footprint available in tape and reel package single and dual output models excellent load and line regulation applications applications applications applications applications applications applications applications microdc reserves the copyright selection selection selection selection selection selection selection selection guide guide guide guide guide guide guide guide the f(e)-xt-1w series are miniature,1w dc/dc converters with high isolation in a smd package. with a new package design these converters are qualif i ed for the higher temperatures requested by lead-free ref l ow solder processes. with the small footprint, these converters are the ideal solution for board level power distribution,mainly for applications in the industrial and telecom field. for automated smd production lines the devices can be supplied in standard tape and reel package. input input input input input input input input specifications specifications specifications specifications specifications specifications specifications specifications parameter conditions max. input current at full load 5 vin models: 30 ma / 260ma typ. 12 vin models: 15 ma /11 0ma typ. 24 vin models: 8 ma /55 ma typ. surge voltage (1sec. max.) 5 vin models: 9 v max. 12 vin models: 18 v max. 24 vin models: 30 v max. reverse voltage protection 0.3a max. input filter internal capacitor
F-XT-1W F-XT-1W F-XT-1W F-XT-1W F-XT-1W F-XT-1W F-XT-1W F-XT-1W e-xt-1w e-xt-1w e-xt-1w e-xt-1w e-xt-1w e-xt-1w e-xt-1w e-xt-1w series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 2 of 3 parameter parameter parameter parameter conditions conditions conditions conditions voltage set accuracy s ee graphs below regulation C input variation 1.2 % / 1 % change vin C load variation see graphs below voltage balance (dual output models, balanced load) 1.0 % max. temperature coefficient 0.1 %/k ripple and noise (20 mhz bandwidth) 100 mvp - p max. temperature coefficient 0. 02 %/k max. short circuit protection limited 0.5 sec. max. capacitive load 3.3 vdc output models: 33 f max. 5 vdc output models: 33 f max. 12 vdc output models: 4.7 f max. 15 vdc output models: 2.2 f max. 5 vdc output models: 10 f max. 12 vdc output models: 2.2 f max. 15 vdc output models: 2.2 f max. output output output output output output output output specifications specifications specifications specifications specifications specifications specifications specifications all all all all specifcations specifcations specifcations specifcations valid valid valid valid at at at at nominal nominal nominal nominal input input input input voltage, voltage, voltage, voltage, full full full full load load load load and and and and +25 +25 +25 +25 c c c c after after after after warm-up warm-up warm-up warm-up time time time time unless unless unless unless otherwise otherwise otherwise otherwise stated. stated. stated. stated. parameter parameter parameter parameter conditions conditions conditions conditions temperature ranges C operating C 40 c + 85 c (no derating) C case temperature + 95 c max. C storage C 55 c + 125 c load derating (convection cooling) 4 %/k above +7 5 c humidity (non condensing) 95 % rel. h max. reliability, calculated mtbf (mil-hdbk-217f ground benign) > 2 mio h isolation voltage (60 sec) C input/output 30 00 vdc isolation capacity C input/output(100khz, 1v) 60 pf typ. isolation resistance C input/output (500 vdc) >1 gohm switching frequency 50 to 150 khz (depending on load) general general general general general general general general specifications specifications specifications specifications specifications specifications specifications specifications output output output output output output output output voltage voltage voltage voltage voltage voltage voltage voltage variation variation variation variation variation variation variation variation dependent dependent dependent dependent dependent dependent dependent dependent on on on on on on on on load load load load load load load load (at (at (at (at (at (at (at (at nominal nominal nominal nominal nominal nominal nominal nominal input input input input input input input input voltage) voltage) voltage) voltage) voltage) voltage) voltage) voltage)
F-XT-1W F-XT-1W F-XT-1W F-XT-1W F-XT-1W F-XT-1W F-XT-1W F-XT-1W e-xt-1w e-xt-1w e-xt-1w e-xt-1w e-xt-1w e-xt-1w e-xt-1w e-xt-1w series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 3 of 3 note: unit:mm[inch] pin section toleranc e s: 0.10mm[ 0.004inch] general tolerances: 0.25mm[ 0.010inch] outline outline outline outline outline outline outline outline dimensions dimensions dimensions dimensions dimensions dimensions dimensions dimensions footprint footprint footprint footprint footprint footprint footprint footprint details details details details details details details details mechanical mechanical mechanical mechanical mechanical mechanical mechanical mechanical dimensions dimensions dimensions dimensions dimensions dimensions dimensions dimensions solder solder solder solder solder solder solder solder pad pad pad pad pad pad pad pad dimension dimension dimension dimension dimension dimension dimension dimension dimensions in [mm], () = inch pin pitch tolerances: 0.13 ( 0.005) other tolerances: 0.25 ( 0.01) pin single dual 1 -vin(gnd) -vin(gnd) 2 +vin +vin 3 no con. no con. 5 -vout common 6 no con. -vout 7 no con. no con. 8 +vout +vout 10 no con. no con. 11 no con. no con. 12 no con. no con. no con . =pin to be isolated from circuitry footprint footprint footprint footprint footprint footprint footprint footprint details details details details details details details details note: 1. the load shouldn't be less than 10%, otherwise ripple will increase dramatically. 2. operation under 10% load will not damage the converter; however, they may not meet all specification listed. 3. all specifications measured at ta=25 c, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 4. in this datasheet, all the test methods of indications are based on corporate standards. 5. only typical models listed, other models may be different, please contact our technical person for more details. tube tube tube tube tube tube tube tube outline outline outline outline outline outline outline outline dimensions dimensions dimensions dimensions dimensions dimensions dimensions dimensions unless otherwise stated all dimensions in mm 0.5 (inches 0.02). tube length : 475 2.0 (18.70 0.07). tube quantity :25 specifcations specifcations specifcations specifcations can can can can be be be be changed changed changed changed any any any any time time time time without without without without notice. notice. notice. notice. no no no no parallel parallel parallel parallel connection connection connection connection or or or or plug plug plug plug and and and and play. play. play. play.
|