Part Number Hot Search : 
100336 E006890 NDUA116T LW1141C YMF753 IRF4905S LF248 CM709
Product Description
Full Text Search
 

To Download DTC143XA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dtc143xm / dtc143xe / dtc143xua transistors dtc143xka / dtc143xsa digital transistors (built-in resistors) dtc143xm / dtc143xe / dtc143xua / dtc143xka / dtc143xsa ! ! ! ! features 1) built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see the equivalent circuit). 2) the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. 3) only the on/off conditions need to be set for operation, making device design easy. ! ! ! ! structure npn digital transistor (with built-in resistors) ! ! ! ! equivalent circuit r 1 r 2 in gnd out in gnd out ! ! ! ! external dimensions (units : mm) (1) gnd (2) out (3) in dtc143xsa 3 0.2 (15min.) 4 0.2 2 0.2 0.45 0.5 0.45 5 (1) (2) (3) ? 0.05 + 0.15 + 0.15 ? 0.05 2.5 + 0.4 ? 0.1 3min. rohm : spt eiaj : sc-72 rohm : vmt3 dtc143xm (1) in (2) gnd (3) out 0~0.1 (3) 0.32 0.8 1.2 0.13 0.5 0.22 0.4 0.4 1.2 0.8 0.2 0.15max. 0.2 ( 2 ) ( 1 ) abbreviated symbol : 43 0.2 0.2 0.5 0.5 1.0 0.1 1.6 0.2 0.3 0.8 0.1 1.6 0.2 0.55 0.1 0.7 0.1 0.15 0.05 0.1min. (3) (2) (1) 0~0.1 ? 0.05 + 0.1 + 0.1 ? 0.05 + 0.1 ? 0.05 (1) gnd (2) in (3) out rohm : emt3 dtc143xe abbreviated symbol : 43 0~0.1 (2) (1) (3) 0.1min. 2.1 0.1 1.25 0.1 0.9 0.1 0.2 0.7 0.1 0.15 0.05 0.3 2.0 0.2 1.3 0.1 0.65 0.65 + 0.1 ? 0 (1) gnd (2) in (3) out rohm : umt3 eiaj : sc-70 dtc143xua abbreviated symbol : 43 all terminals have same dimensions 0~0.1 2.8 0.2 1.6 0.3min. 1.1 0.8 0.1 0.15 0.4 2.9 0.2 1.9 0.2 0.95 0.95 + 0.2 ? 0.1 ? 0.1 + 0.2 + 0.1 ? 0.06 + 0.1 ? 0.05 (2) (1) (3) (1) gnd (2) in (3) out rohm : smt3 eiaj : sc-59 dtc143xka abbreviated symbol : 43 all terminals have same dimensions
dtc143xm / dtc143xe / dtc143xua transistors dtc143xka / dtc143xsa ! ! ! ! absolute maximum ratings (ta=25 c) limits(dtc143x ) parameter symbol v cc 150 200 300 50 ? 7~ + 20 100 100 150 ? 55~ + 150 e m uakasa v v ma mw c c v in i o i c(max.) pd tj tstg unit supply voltage input voltage output current power dissipation junction temperature storage temperature ! ! ! ! electrical characteristics (ta=25 c) parameter symbol v i(off) v i(on) v o(on) i i i o(off) r 1 g i r 2 /r 1 f t min. ? 2.5 ? ? ? 3.29 30 1.7 ? ? ? 0.1 ? ? 4.7 ? 2.1 250 0.3 ? 0.3 1.8 0.5 6.11 ? 2.6 ? v v cc = 5v, i o = 100 a v o = 0.3v, i o = 20ma i o /i i = 10ma/0.5ma v i = 5v v cc = 50v, v i = 0v v o = 5v, i o = 10ma v ce = 10v, i e =? 5ma, f = 100mhz ? v ma a k ? ? ?? ? mhz typ. max. unit conditions input voltage output voltage input current output current input resistance dc current gain resistance ratio transition frequency ? transition frequency of the device ! ! ! ! packaging specifications tl umt3 emt3 smt3 spt dtc143xe dtc143xm type dtc143xua 3000 t2l vmt3 8000 t106 3000 t146 3000 tp 5000 dtc143xka dtc143xsa ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? package packaging type taping taping taping taping taping code basic ordering unit (pieces)
dtc143xm / dtc143xe / dtc143xua transistors dtc143xka / dtc143xsa ! ! ! ! electrical characteristic curves input voltage : v i(on) (v) output current : i o (a) 100 200 500 1m 2m 5m 10m 20m 50m 100m 100 50 20 10 5 2 1 500m 200m 100m v o = 0.3v ta =? 40 c 25 c 100 c fig.1 input voltage vs. output current (on characteristics) input voltage : v i(off) (v) output current : io (a) 0 3.0 10m 1 2m 5m 1m 200 500 100 20 50 10 2 5 0.5 1.0 1.5 2.0 2.5 v cc = 5v ta = 100 c 25 c ? 40 c fig.2 output current vs. input voltage (off characteristics) v o = 5v 100 200 500 1m 2m 5m 10m 20m 50m 100m 1k 500 200 100 50 20 10 5 2 1 output current : i o (a) dc current gain : g i ta = 100 c 25 c ? 40 c fig.3 dc current gain vs. output current 100 200 500 1m 2m 5m 10m 20m 50m 100m 1 500m 200m 100m 50m 20m 10m 5m 2m 1m l o /l i = 20 output current : i o (a) output voltage : v o(on) (v) fig.4 output voltage vs. output current ta = 100 c 25 c ? 40 c


▲Up To Search▲   

 
Price & Availability of DTC143XA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X