Part Number Hot Search : 
1N4448 3362W254 LH53259 D2061 LH79520 43241 SMCJ24A QEA95
Product Description
Full Text Search
 

To Download DTC114GA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dtc114gua / dtc114gka / dtc114gsa transistors digital transistors (built-in resistor) dtc114gua / dtc114gka / dtc114gsa ! ! ! ! features 1) the built-in bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input, and parasitic effects are almost completely eliminated. 2) only the on / off conditions need to be set for operation, making device design easy. 3) higher mounting densities can be achieved. ! ! ! ! equivalent circuit c b e r e : emitter c : collector b : base ! ! ! ! absolute maximum ratings (ta=25 c) parameter symbol v cbo v ceo v ebo i c pc tj tstg limits 50 50 5 100 200 300 dtc114gua / dtc114gka dtc114gsa 150 ? 55~ + 150 unit v v v ma mw c c collector-base voltage collector-emitter voltage emitter-base voltage collector current collector power dissipation junction temperature storage temperature ! ! ! ! package, marking, and packaging specifications type dtc114gua umt3 k24 t106 3000 dtc114gka smt3 k24 t146 3000 dtc114gsa spt ? tp 5000 package marking packaging code basic ordering unit (pieces) ! ! ! ! external dimensions (units : mm) dtc114gua rohm : umt3 eiaj : sc-70 dtc114gka dtc114gsa rohm : smt3 eiaj : sc-59 rohm : spt eiaj : sc-72 (1) emitter (2) base (3) collector (1) emitter (2) base (3) collector 1.25 2.1 0.3 0.15 0~0.1 0.1min. ( 3 ) 0.9 0.7 0.2 0.65 ( 2 ) 2.0 1.3 ( 1 ) 0.65 0.8 0.15 0 ~ 0.1 0.3min. 1.1 ( 2 ) ( 1 ) 2.8 1.6 0.4 ( 3 ) 2.9 1.9 0.95 0.95 (1) emitter (2) collector (3) base 0.45 2.5 ( 1 ) ( 2 ) ( 3 ) ( 15min. ) 5 3 3min. 0.45 0.5 42 each lead has same dimensions each lead has same dimensions taping specifications ! ! ! ! electrical characteristics (ta=25 c) parameter symbol min. typ. max. unit conditions bv cbo bv ceo bv ebo i cbo i ebo v ce(sat) h fe f t r 50 50 5 ? 300 ? 30 ? 7 ? ? ? ? ? ? ? 250 10 ? ? ? 0.5 580 0.3 ? ? 13 v v v a a v ? mhz k ? i c = 50 a i c = 1ma i e = 720 a v cb = 50v v eb = 4v i c = 10ma, i b = 0.5ma i c = 5ma, v ce = 5v v ce = 10v, i e =? 5ma, f = 100mhz ? ? collector-base breakdown voltage collector-emitter breakdown voltage emitter-base breakdown voltage collector cutoff current emitter cutoff current collector-emitter saturation voltage dc current transfer ratio transition frequency emitter-base resistance ? transition frequency of the device.


▲Up To Search▲   

 
Price & Availability of DTC114GA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X