Part Number Hot Search : 
CG2800 AR50J DXT2907A FBR51 BT390 23N60E FM4001 MM5Z6V8
Product Description
Full Text Search
 

To Download D2374 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 power transistors 2sD2374, 2sD2374a silicon npn triple diffusion planar type for power amplification complementary to 2sb1548 and 2sb1548a n features l high forward current transfer ratio h fe which has satisfactory linearity l low collector to emitter saturation voltage v ce(sat) l full-pack package which can be installed to the heat sink with one screw n absolute maximum ratings (t c =25?c) n electrical characteristics (t c =25?c) parameter collector cutoff current emitter cutoff current emitter cutoff current collector to emitter voltage forward current transfer ratio base to emitter voltage collector to emitter saturation voltage transition frequency turn-on time storage time fall time symbol i ces i ceo i ebo v ceo h fe1 * h fe2 v be v ce(sat) f t t on t stg t f conditions v ce = 60v, v be = 0 v ce = 80v, v be = 0 v ce = 30v, i b = 0 v ce = 60v, i b = 0 v eb = 6v, i c = 0 i c = 30ma, i b = 0 v ce = 4v, i c = 1a v ce = 4v, i c = 3a v ce = 4v, i c = 3a i c = 3a, i b = 0.375a v ce = 10v, i c = 0.5a, f = 10mhz i c = 1a, i b1 = 0.1a, i b2 = C 0.1a, v cc = 50v min 60 70 10 typ 30 0.5 2.5 0.4 max 200 200 300 300 1 250 1.8 1.2 unit m a m a ma v v v mhz m s m s m s * h fe1 rank classification rank q p h fe1 70 to 150 120 to 250 unit: mm 1:base 2:collector 3:emitter toC220d full pack package 1 9.9 0.3 15.0 0.5 13.7 0.2 4.2 0.2 4.6 0.2 2.9 0.2 0.8 0.1 1.4 0.2 23 f 3.2 0.1 2.6 0.1 0.55 0.15 2.54 0.3 5.08 0.5 3.0 0.5 1.6 0.2 parameter collector to base voltage collector to emitter voltage emitter to base voltage peak collector current collector current collector power dissipation junction temperature storage temperature symbol v cbo v ceo v ebo i cp i c p c t j t stg ratings 60 80 60 80 6 5 3 25 2 150 C55 to +150 unit v v v a a w ?c ?c 2sD2374 2sD2374a 2sD2374 2sD2374a t c =25 c ta=25 c 2sD2374 2sD2374a 2sD2374 2sD2374a
2 power transistors 2sD2374, 2sD2374a p c ta i c v ce i c v be v ce(sat) i c h fe i c f t i c area of safe operation (aso) r th(t) t 0 160 40 120 80 140 20 100 60 0 40 32 24 16 8 36 28 20 12 4 (1) t c =ta (2) without heat sink (p c =2w) (1) (2) ambient temperature ta ( ?c ) collector power dissipation p c ( w ) 012 10 8 26 4 0 6 5 4 3 2 1 i b =100ma 10ma 20ma 30ma 40ma 50ma 60ma 70ma 80ma 90ma t c =25?c collector to emitter voltage v ce ( v ) collector current i c ( a ) 01.2 1.0 0.8 0.2 0.6 0.4 0 8 6 2 5 7 4 1 3 v ce =4v t c =25?c base to emitter voltage v be ( v ) collector current i c ( a ) 0.01 0.1 1 10 0.03 0.3 3 0.001 0.003 0.01 0.03 0.1 0.3 1 3 10 i c /i b =8 t c =25?c collector current i c ( a ) collector to emitter saturation voltage v ce(sat) ( v ) 0.01 0.1 1 10 0.03 0.3 3 1 3 10 30 100 300 1000 3000 10000 v ce =4v t c =25?c collector current i c ( a ) forward current transfer ratio h fe 0.01 0.1 1 10 0.03 0.3 3 0.1 0.3 1 3 10 30 100 300 1000 v ce =10v f=10mhz t c =25?c collector current i c ( a ) transition frequency f t ( mhz ) 1 10 100 1000 3 30 300 0.01 0.03 0.1 0.3 1 3 10 30 100 non repetitive pulse t c =25?c i cp i c 10ms t=1ms 1s 2sD2374 2sD2374a collector to emitter voltage v ce ( v ) collector current i c ( a ) 10 ? 10 10 ? 10 ? 10 ? 110 3 10 2 10 4 10 ? 10 ? 1 10 10 3 10 2 (1) ta=25?c (2) (1) without heat sink (2) with a 100 80 2mm al heat sink time t ( s ) thermal resistance r th (t) ( ?c/w )


▲Up To Search▲   

 
Price & Availability of D2374

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X