Part Number Hot Search : 
10211 AO6604 1N444 BDX65A MS8GE 04365 B4232 ZTB500E
Product Description
Full Text Search
 

To Download BP65-12FR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nominal voltage nominal capacity 65ah @ 20 hour rate f.v.(1.75v/cell) t erminals 5m 19.5 a oo o o charge 0 c ~ 40 c(32 f ~ 104 f) oo o o discharge -20 c ~ 50 c(-4 f ~ 122 f) oo o o storage. -20 c ~ 40 c(-4 f ~ 104 f) abs(ul94-hb, ul94-v0 is optional) internal resistance length 3502.0 width 1662.0 container height 1742.0 total height o u te r d im e n s io n s t e r m in a l t y p e 12 v max. charge current container material dimension(mm/inch) 22.4kg(49.38lbs.) vrla rechargeable battery (BP65-12FR) bp65-12 technology measures innovation values iso 9001 iso14001 ul ce 1742.0 b.b. battery co., ltd. powered by rev. jul. 2 009 a/0 application features maintenance free(no water topping-up required). no free acid(non-spillable battery). low self-discharge rate, lower than 3% capacity loss per month. can be used in any orientation(excluding used inverted) carry handles for easy installation. specifications iec61056 jis c 8702gb/t 19639 approx. weight max. discharge current 650 a (5 sec.) (fully charged ) operating tem perature range (13.78 0.08) (6.54 0.08) (6.85 0.08) (6.85 0.08) all d ata sha ll be cha nge d w itho ut p rior noti ce, bb rese rves the righ t to exp lain and upd ate the info rma tion con tain ed h erei nto. ups telecom b5 (fitting m6 bolt & nut) i 2 is optional golf-carts terminal hardware initial torque: b5 , i 2(5.5nm 5% ) 3 5 0 2 .0 ( 1 3 .7 8 0 .0 8 ) 1 6 6 2 .0 ( 6 .5 4 0 .0 8 ) 1 7 4 2 0 ( 6 . 8 6 0 . 0 8 ) t e r m i n a l b 5 [m 6 bo lt & n u t] 2 1 . 0 ( 0 . 8 3 ) 6 . 3 ( 0 . 2 5 ) 7 . 0 ( 0 . 2 8 ) 7 . 0 ( 0 . 2 8 ) 1 9 . 0 ( 0 . 7 5 ) te rm in al i 2 [m 6 bo lt ] m 6x 1. 0 2 . 0 ( 0 . 0 8 ) (v/cell) f.v. discharge time 5 min 10 min 15 min 30 min 1 hr 3 hr 5 hr 10 hr 20 hr unit: w o o const ant po wer di scharg e char acteris tics at 25 c/77 f 2115 24482601 2718 2808 16611799 1864 1909 1947 13451407 1450 1484 1513 825856 876 888 897 509.5524.7 534.2 540.6 546.0 204.0208.1 210.0 211.5 212.7 140.7142.8 143.6 144.1 144.5 78.6279.80 80.20 80.44 80.44 41.3742.00 42.21 42.34 42.34 (v/cell) f.v. discharge time 5 min 10 min 15 min 30 min 1 hr 3 hr 5 hr 10 hr 20 hr unit: a o o const ant cu rrent d ischar ge cha racter istics at 25 c/77 f 190.5 224.6238.6 249.4 257.6 146.2158.4 164.1 168.0 171.4 116.9122.3 126.1 129.0 131.6 69.972.6 74.2 75.3 76.0 42.8144.10 44.89 45.43 45.88 17.0017.34 17.50 17.62 17.73 11.7211.90 11.96 12.01 12.04 6.556.65 6.68 6.70 6.70 3.453.50 3.52 3.53 3.53 1.80v 1.75v 1.70v 1.65v 1.60v 1.80v 1.75v 1.70v 1.65v 1.60v


▲Up To Search▲   

 
Price & Availability of BP65-12FR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X