Part Number Hot Search : 
Q6030LH5 STB6NC80 07197 SMBJ160A 2Y4NANV 17578 GF7NB SIA418DJ
Product Description
Full Text Search
 

To Download B78421A6603A003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet data sheet ? epcos ag 2008. reproduction, publication and di ssemination of this publication , enclosures hereto and the information contained therein without epc os? prior express consent is prohibited. adsl interface transformer for conexant ic viking/atlas g7000 dtm ep 13, 444.5 h, 1:1.6:1.6:1 ordering code: B78421A6603A003 date: march 2008
2 03/08 please read cautions and warnings and important notes at the end of this document. application dimensional drawing matched to conexant ic viking/atlas g7000 dtm annex a feature rohs-compatible marking manufacturer, middle block of ordering code, date code delivery mode and packing unit 32-mm blister tape packing unit: 180 pcs. pinning fin0146-y-e 17.2 max. 12.4 max. 13.5 max. pin 1 marking 0.7 x 0.3 fin0147-g 10 9 7 8 6 12345 20 2.7 1.2 2.5 4 x 2.5 = 10 layout recommendation dimensions in mm fin0298-d-e 6 10 9 7 5 1 2 4 2 n n 3 n 1 n 4 ic line B78421A6603A003 transformers for information technology (xdsl) ep 13 adsl interface, cpe
3 03/08 please read cautions and warnings and important notes at the end of this document. technical data and measuring conditions characteristics and ordering code (electrical specifications at 25 c) main inductance l (6-10) 10 khz, 100 mv, short 7-9 stray inductance l stray (6-10) 100 khz, 100 mv, short 7-9, 1-2-4-5 resistance r dc (line) ; r dc (ic) r dc (line) : short 7-9; r dc (ic) : short 2-4 test voltage v test 50 hz, 1 s; n 1 , n 4 against n 2 , n 3 operating temperature range ?40 c ? +85 c weight approx. 6.0 g ordering code B78421A6603A003 type/core ep 13 n 1 : n 2 : n 3 : n 4 1 : 1.6 : 1.6 : 1 l 444.5 5% h l stray (typ.) 4 h r dc (line) (typ.) 4 m ? r dc (ic) (typ.) 2 m ? v test 2000 v ac B78421A6603A003 transformers for information technology (xdsl) ep 13 adsl interface, cpe
4 03/08 cautions and warnings please note the recommendations in our induct ors data book (latest edition) and in the data sheets. ? particular attention should be paid to the derating curves given there. ? the soldering conditions should also be observ ed. temperatures quoted in relation to wave soldering refer to the pin, not the housing. if the components are to be washed varnished it is necessary to check whether the washing varnish agent that is used has a negative effect on the wire insulation, any plastics that are used, or on glued joints. in particular, it is possib le for washing varnish agent residues to have a negative effect in the long-term on wire insulation. the following points must be observed if the components are potted in customer applications: ? many potting materials shrink as they harden. th ey therefore exert a pressure on the plastic housing or core. this pressure can have a delete rious effect on electr ical properties, and in extreme cases can damage the core or plastic housing mechanically. ? it is necessary to check whether the potting material used attacks or destroys the wire insulation, plastics or glue. ? the effect of the potting material can change the high-frequency behaviour of the components. ferrites are sensitive to direct impact. this c an cause the core material to flake, or lead to breakage of the core. even for customer-specific products , conclusive validation of the component in the circuit can only be carried out by the customer. please read cautions and warnings and important notes at the end of this document.
5 03/09 important notes the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical requirements that are often placed on our produc ts in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our produc ts for a particular customer application. as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incumbent on the customer to check and decide whether an epcos product with the properties described in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must ther efore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or dam age is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed . 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our material data sheets on the internet (www.epcos.com/material). should you have any more detailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current version of the ?general terms of delivery for products and services in the electrical industry? published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, baoke, alu-x, ceradiode, csmp, cssp, ctvs, dssp, miniblue, mkk, mlsc, motorcap, pcc, phasecap, phas ecube, phasemod, siferrit, sifi, sikorel, silvercap, simdad, simid, sineformer, siov, sip5d, sip5k, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks.


▲Up To Search▲   

 
Price & Availability of B78421A6603A003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X