Part Number Hot Search : 
CWTF4 MC3303 74CBT ISL3294 HT83036 720G107 NX2415 S1ZZGP
Product Description
Full Text Search
 

To Download ATP202-TL-H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  atp202 no. a1317-1/7 1 : gate 2 : drain 3 : source 4 : drain sanyo : atpa k 0.7 0.4 0.55 9.5 7.3 0.5 1.7 4.6 6.05 13 2 6.5 0.6 4 0.8 0.5 1.5 0.4 2.6 4.6 0.4 0.1 2.3 2.3 ATP202-TL-H features ? low on-resistance ? large current ? 4.5v drive ? slim package ? halogen free compliance ? protection diode in speci cations absolute maximum ratings at ta=25c parameter symbol conditions ratings unit drain-to-source voltage v dss 30 v gate-to-source voltage v gss 20 v drain current (dc) i d 50 a drain current (pw 10 s) i dp pw 10 s, duty cycle 1% 150 a allowable power dissipation p d tc=25 c40w channel temperature tch 150 c storage temperature tstg --55 to +150 c avalanche energy (single pulse) *1 e as 45 mj avalanche current *2 i av 25 a note : * 1 v dd =10v, l=100 h, i av =25a * 2 l 100 h, single pulse package dimensions unit : mm (typ) 7057-001 ordering number : ena1317a 61312 tkim/91708pa tiim tc-00001568 atp202 n-channel silicon mosfet general-purpose switching device applications http:// semicon.sanyo.com/en/network product & package information ? package : atpak ? jeita, jedec : - ? minimum packing quantity : 3,000 pcs./reel packing type: tl marking electrical connection tl atp202 lot no. 1 3 2,4 sanyo semiconductors data sheet
atp202 no. a1317-2/7 electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max drain-to-source breakdown voltage v (br)dss i d =1ma, v gs =0v 30 v zero-gate voltage drain current i dss v ds = 30 v, v gs =0v 1 a gate-to-source leakage current i gss v gs =16v, v ds =0v 10 a cutoff voltage v gs (off) v ds =10v, i d =1ma 1.2 2.6 v forward transfer admittance | yfs | v ds =10v, i d = 25 a 10 17 s static drain-to-source on-state resistance r ds (on)1 i d = 25 a, v gs =10v 912m r ds (on)2 i d = 13 a, v gs =4.5v 14 20 m input capacitance ciss v ds =10v, f=1mhz 1650 pf output capacitance coss 285 pf reverse transfer capacitance crss 160 pf turn-on delay time t d (on) see speci ed test circuit. 16 ns rise time t r 185 ns turn-off delay time t d (off) 93 ns fall time t f 93 ns total gate charge qg v ds =15v, v gs =10v, i d =50a 27 nc gate-to-source charge qgs 7.5 nc gate-to-drain ?miller? charge qgd 4nc diode forward voltage v sd i s =50a, v gs =0v 0.97 1.2 v switching time test circuit ordering information device package shipping memo ATP202-TL-H atpak 3,000pcs./reel pb free and halogen free pw=10 s d.c. 1% p. g 50 g s d i d =25a r l =0.6 v dd =15v v out atp202 v in 10v 0v v in
atp202 no. a1317-3/7 r ds (on) -- v gs r ds (on) -- tc i d -- v ds i d -- v gs i s -- v sd sw time -- i d drain-to-source voltage, v ds -- v drain current, i d -- a gate-to-source voltage, v gs -- v drain current, i d -- a gate-to-source voltage, v gs -- v case temperature, tc -- c static drain-to-source on-state resistance, r ds (on) -- m static drain-to-source on-state resistance, r ds (on) -- m drain current, i d -- a drain current, i d -- a switching time, sw time -- ns drain-to-source voltage, v ds -- v ciss, coss, crss -- pf diode forward voltage, v sd -- v source current, i s -- a | y fs | -- i d forward transfer admittance, | y fs | -- s ciss, coss, crss -- v ds it14015 it14012 --60 --40 --20 160 030 10 15 20 25 5 100 7 2 it14019 it14017 it14016 0.1 1.0 23 57 3 1.0 1.4 1.2 1.0 0.8 0.4 0.2 0.6 0.001 0.01 5 7 3 2 2 0.1 5 7 3 2 1.0 5 7 3 2 10 5 7 3 2 2 100 5 7 3 7 5 7 5 2 3 10 5 2 1000 2 2 10 357 2 040 20 60 80 100 120 140 3 5 3 5 7 75 c 25 c tc= --25 c --25 c tc=75 c i d =13a 25a tc= --25 c 25 c 75 c v ds =10v tc=75 c --25 c ciss crss it14018 0.1 7 1.0 23 5 7 23 5 27 10 35 10 100 2 3 5 2 5 7 7 3 5 7 t d (off) v dd =15v v gs =10v f=1mhz t r 0.5 1.0 2.0 1.5 0 0 10 20 70 60 50 40 30 0 10 20 70 60 50 40 30 it14014 2 0 4 6 8 10 16 12 14 0 30 15 10 5 25 20 0 25 30 10 5 20 15 it14013 0.5 1.5 2.0 1.0 2.5 5.0 4.0 4.5 3.5 3.0 0 tc=25 c 4.0v v gs =3.5v 16 .0v 6.0v single pulse t f 25 c v gs =4.5v, i d =13a v gs = 10.0v, i d =25a 10.0v coss t d (on) 4.5v 8.0v 100 23 57 25 c tc=25 c single pulse v gs =0v single pulse v ds =10v
atp202 no. a1317-4/7 a s o v gs -- qg p d -- tc total gate charge, qg -- nc gate-to-source voltage, v gs -- v drain-to-source voltage, v ds -- v drain current, i d -- a case temperature, tc -- c allowable power dissipation, p d -- w e as -- ta avalanche energy derating factor -- % ambient temperature, ta -- c it14021 0.1 1.0 2 3 5 7 2 10 3 2 3 5 7 2 0.1 i dp =150a i d =50a 100 s 1ms 10ms 100ms dc operation it14020 0 5 20 25 15 30 10 0 2 4 6 1 3 5 8 7 9 10 v ds =15v i d =50a 1.0 23 57 2 10 357 2 0 0 20 40 60 80 100 120 140 160 30 35 25 15 20 10 5 45 40 it14022 35 100 3 5 7 0 0 25 50 75 100 125 150 100 80 60 20 40 120 175 it14011 operation in this area is limited by r ds (on). 10 s pw 10 s tc=25 c single pulse
atp202 no. a1317-5/7 taping speci cation ATP202-TL-H
atp202 no. a1317-6/7 outline drawing land pattern example ATP202-TL-H mass (g) unit 0.266 * for reference mm unit: mm 6.5 6.7 1.6 2 2.3 2.3 1.5
atp202 no. a1317-7/7 ps this catalog provides information as of june, 2012. speci cations and information herein are subject to change without notice. note on usage : since the atp202 is a mosfet product, please avoid using this device in the vicinity of highly charged objects. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment. the products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for new introduction or other application different from current conditions on the usage of automotive device, communication device, office equipment, industrial equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the intended use. if there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' s products or equipment. sanyo semiconductor co.,ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein. regarding monolithic semiconductors, if you should intend to use this ic continuously under high temperature, high current, high voltage, or drastic temperature change, even if it is used within the range of absolute maximum ratings or operating conditions, there is a possibility of decrease reliability. please contact us for a confirmation. sanyo semiconductor co.,ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. it is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo semiconductor co.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above.


▲Up To Search▲   

 
Price & Availability of ATP202-TL-H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X