Part Number Hot Search : 
PSA3000A TIP146T 74LS2 PAN301A B060006 STN1NF10 AD5170 DTC114
Product Description
Full Text Search
 

To Download AMS2306 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description AMS2306 is the n-channel logic enhancement mode power field effect transistor which is produced using high cell density, dmos trench te chnology. this high density process is especially tailored to minimize on-state resistance. these devices are particularly suited for low voltage application suc h as cellular phone and notebook computer power management, other battery powered ci rcuits, and low in-line power loss are required. the product is in a very small o utline surface mount package. pin configuration sot-23-3l 1.gate 2.source 3.drain ordering information part number package part marking AMS2306 g sot-23-3l g 04ya process code : a ~ z ; a ~ z feature  30v/3.5a, r ds(on) = 55m-ohm (typ.) @vgs = 4.5v  30v/3.1a, r ds(on) = 80m-ohm @vgs = 2.5v  super high density cell design for extremely low r ds(on)  exceptional on-resistance and maximum dc current capability  sot-23-3l package design 3 1 2 d g s
  R
 electrical characteristics = a3 ? em parameter symbol condition min typ max unit static 1b3y0kgonbc6 kb635nol0 oodi3.6 o =k<>1gg o ug ?coxe 1 ?emcna -c o u3i6 a2b6x2odn oodi3.6 o ug=i2> o 1g ?ougxe 1 ?emcna blc -lc o u3i6 t6353.6 tnbb60i e ugg o 1g ?coxo ug ? R R dynamic aoi3d u3i6 t23b.6 g . o 1g ?bmo o ug ?bco e 1
typical characterictics (25 unless noted)
typical characterictics (25 unless noted)
sot-23-3l package outline


▲Up To Search▲   

 
Price & Availability of AMS2306

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X