Part Number Hot Search : 
SH223 BH16NFPB F60BDTR W21NM6 LM3390 HZD5C9N HAT1025R P11N60
Product Description
Full Text Search
 

To Download AMS2302 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  i description AMS2302 y is y the nchannel logic enhancement mode power field effect transistor y which is produced using high cell density, dmos trench te chnology.this high density process is especially tailored to minimize onstate resista nce.these devices are particularly suited for low voltage application such as cellular phone and notebook computer power management, other battery powered circuits, a nd low inline power loss are required. the product is in a very small outline su rface mount package. pin configuration sot-23 1.gate 2.source 3.drain part marking sot-23 y: year code a: process code ordering information part number package part marking AMS2302 i sot23 i s02ya process code : a ~ z ; a ~ z feature  20v/3.6a, r ds(on) = 70m @vgs = 4.5v  20v/3.1a, r ds(on) = 95 m @vgs = 2.5v  super high density cell design for extremely low r ds(on)  exceptional onresistance and maximum dc current capability  sot23 package design 3 1 2 d g s 3 1 2 s02ya
absoulte maximum ratings (ta = 25 unless otherwise noted ) parameter symbol typical unit drainsource voltage v dss 20 v gatesource voltage v gss 12 v continuous drain currenttj=150 ) t a =25 t a =70 i d 3.6 2.6 a pulsed drain current i dm 10 a continuous source current (diode conduction) i s 1.6 a power dissipation t a =25 t a =70 p d 1.25 0.8 w operation junction temperature t j 150 storgae temperature range t stg 55/150 thermal resistancejunction to ambient r ja 100 /w
electrical characteristics ( ta = 25 unless otherwise noted ) parameter symbol condition min typ max unit static drainsource breakdown voltage v (br)dss v gs =0v,i d =250ua 20 v gate threshold voltage v gs(th) v ds =vgs,i d =250ua 0.4 1.0 v gate leakage current i gss v ds =0v,v gs = 12v 100 na zero gate voltage drain current i dss v ds =20v,v gs =0v 1 ua v ds =20v,v gs =0v t j =55 10 drainsource onresistance r ds(on) v gs =4.5v,i d =3.6a v gs =2.5v,i d =3.1a 0.070 0.095 forward transconductance g fs v ds =5v,i d =3.6v 10 s diode forward voltage v sd i s =1.6a,v gs =0v 0.85 1.2 v dynamic total gate charge q g v ds =10v v gs =4.5v i d 3.6a 5.4 10 nc gatesource charge q gs 0.65 gatedrain charge q gd 1.4 input capacitance c iss v ds =10v v gs =0v f=1mh z 340 pf output capacitance c oss 115 reverse transfer capacitance c rss 33 turnon time t d(on) tr v dd =10v r l =5.5 i d =3.6a v gen =4.5v r g =6 12 25 ns 36 60 turnoff time t d(off) tf 34 60 10 25
typical characterictics (25 unless noted)
typical characterictics (25 unless noted)
sot-23 package outline


▲Up To Search▲   

 
Price & Availability of AMS2302

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X