Part Number Hot Search : 
NTE5267A 20M10 SMA64 SMBJ90A RT2512 MAX274 2SA16 ADG5412
Product Description
Full Text Search
 

To Download AMS2301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description the AMS2301 is the p-channel logic enhancement mode power , field , effect , transistor , is produced using high cell density, dmos trench techn ology. this high density process is especially tailored to minimize on-state resistance. these devices are particularly suited for low volta ge application such as cellular phone and notebook computer power management and other ba tter powered circuits, and low in-line power loss are needed in a very small o utline surface mount package. pin configuration sot-23 1.gate 2.source 3.drain part marking sot-23 y: year code a: process code feature  - 20v/-2.8a, r ds(on) = 90m-ohm (typ.) @v gs = -4.5v  -20v/-2.0a, r ds(on) = 110m-ohm @v gs = -2.5v  super high density cell design for extremely low r ds(on)  exceptional on-resistance and maximum dc current capability  sot-23 package design 3 1 2 d g s 3 1 2 s01ya





 poc-an htm.tsc ofcamdc


▲Up To Search▲   

 
Price & Availability of AMS2301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X