Part Number Hot Search : 
25L4005 0D002X 364704 C100B 08500 NSR2N PC1602C LM337D2T
Product Description
Full Text Search
 

To Download A67L7332SERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a67l8316/a67l8318/ a67l7332/a67l7336 series 256k x 16/18, 128k x 32/36 preliminary lvttl, pipelined dba ? sram preliminary (march, 1999, version 0.0) amic technology, inc. dba and direct bus alternation are trademarks of amic technology, inc document title 256k x 16/18, 128k x 32/36 lvttl, pipelined dba sram revision history rev. no. history issue date remark 0.0 initial issue march 11, 1999 preliminary
a67l8316/a67l8318/ a67l7332/a67l7336 series 256k x 16/18, 128k x 32/36 preliminary lvttl, pipelined dba ? sram preliminary (march, 1999, version 0.0) 1 amic technology, inc. dba and direct bus alternation are trademarks of amic technology, inc features n fast access time: 4.0/4.2/4.5/5.0 ns (143,133,117,100mhz) n direct bus alternation between read and write cycles allows 100% bus utilization n signal +3.3v 5% power supply n individual byte write control capability n clock enable ( cen ) pin to enable clock and suspend operations n clock-controlled and registered address, data and control signals n registered output for pipelined applications n three separate chip enables allow wide range of options for ce control, address pipelining n internally self-timed write cycle n selectable burst mode (linear or interleaved) n sleep mode (zz pin) provided n available in 100 pin lqfp package general description the amic direct bus alternation? (dba?) sram family employs high-speed, low-power cmos designs using an advanced cmos process. the a67l8316, a67l8318, a67l7332, a67l7336 srams integrate a 256k x 16, 256k x 18, 128k x 32 or 128k x 36 sram core with advanced synchronous peripheral circuitry and a 2-bit burst counter. these srams are optimized for 100 percent bus utilization without the insertion of any wait cycles during write- read alternation. the positive edge triggered single clock input (clk) controls all synchronous inputs passing through the registers. the synchronous inputs include all address, all data inputs, active low chip enable ( ce ), two additional chip enables for easy depth expansion (ce2, ce2 ), cycle start input (adv/ ld ), synchronous clock enable ( cen ), byte write enables ( bw1 , bw2 , bw3 , bw4 ) and read/write (r/ w ). asynchronous inputs include the output enable ( oe ), clock (clk), sleep mode (zz, tied low if unused) and burst mode (mode). burst mode can provide either interleaved or linear operation , burst operation can be initiated by synchronous address advance/load (adv/ ld ) pin in low state. subsequent burst address can be internally generated by the chip and controlled by the same input pin adv/ ld in high state. write cycles are internally self-time and synchronous with the rising edge of the clock input and when r/ w is low. the feature simplified the write interface. individual byte enables allow individual bytes to be written. bw1 controls i/ oa pins; bw2 controls i/ ob pins; bw3 controls i/ oc pins; and bw4 controls i/ od pins. cycle types can only be defined when an address is loaded, i.e., when adv/ ld is low. parity/ecc bits are only available on the x18/36 version. the sram operates from a +3.3v power supply, and all inputs and outputs are lvttl-compatible. the device is ideally suited for high bandwidth utilization systems.
a67l8316/a67l8318/ a67l7332/a67l7336 series preliminary (march, 1999, version 0.0) 2 amic technology, inc. pin configuration 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 28 30 27 29 80 79 78 77 76 75 74 72 73 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 40 41 39 38 37 36 35 34 33 32 31 a16 a15 a14 a13 a12 a11 a10 nc nc vcc vss nc nc a0 a1 a2 a3 a4 a5 mode 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 256k x 18/16 a16 a15 a14 a13 a12 a11 a10 vcc vss nc a0 a1 a2 a3 a4 a5 mode 128k x 36/32 i/ob 8 /nc i/oa 0 / nc nc nc nc a6 a7 ce2 nc nc vcc vss clk nc nc a8 a9 a17 nc nc vccq vssq nc vssq vccq vss vcc vcc zz vccq vssq nc nc vssq vccq nc nc nc i/oa 8 /nc i/oa 7 nc nc nc vccq vssq nc nc vssq vccq vcc vcc vss vccq vssq nc vssq vccq nc nc nc i/ob 0 i/ob 1 i/ob 2 vcc i/ob 4 ce2 a7 a6 clk vss vcc a9 a8 nc nc vccq vssq vssq vccq vss vcc vcc zz vccq vssq vssq vccq i/ob 7 ce ce bw4 bw3 bw2 bw2 bw1 bw1 ce2 ce2 cen cen oe oe adv/ ld adv/ ld a67l8316e a67l8318e a67l7332e a67l7336e r/w r/w i/ob 3 i/ob 5 i/ob 6 i/ob 7 i/ob 8 /nc vccq vssq vssq vccq vcc vcc vss vccq vssq vssq vccq vcc i/oc 0 /nc i/oc 1 i/oc 2 i/oc 3 i/oc 4 i/oc 5 i/oc 6 i/oc 7 i/oc 8 i/od 0 i/od 1 i/od 2 i/od 3 i/od 4 i/od 5 i/od 6 i/od 7 i/od 8 /nc i/oa 6 i/oa 5 i/oa 4 i/oa 3 i/oa 2 i/oa 1 i/oa 0 i/ob 6 i/ob 5 i/ob 4 i/ob 3 i/ob 2 i/ob 1 i/ob 0 i/oa 8 i/oa 7 i/oa 6 i/oa 5 i/oa 4 i/oa 3 i/oa 2 i/oa 1
a67l8316/a67l8318/ a67l7332/a67l7336 series preliminary (march, 1999, version 0.0) 3 amic technology, inc. block diagram (128k x 32/36) 128kx8/x9x4 memory array mode logic clk logic address registers burst logic address counter clr write registry & control logic bytea write driver byteb write driver bytec write driver byted write driver 8/9 8/9 8/9 8/9 8/9 8/9 8/9 8/9 output registers & output buffers data-in registers chip enable logic pipelined enable logic output enable logic zz mode adv/ld clk a0-a16 r/w bwe bw1 bw2 bw3 bw4 ce ce2 ce2 oe cen write address register write address register adv/ld data-in registers i/o s sense amps
a67l8316/a67l8318/ a67l7332/a67l7336 series preliminary (march, 1999, version 0.0) 4 amic technology, inc. block diagram (256k x 16/18) data-in registers mode logic clk logic address registers burst logic address counter clr write registry & control logic bytea write driver byteb write driver 8/9 8/9 256kx8/x9x2 memory array 8/9 8/9 output registers & output buffers chip enable logic pipelined enable logic output enable logic zz mode adv/ld clk a0-a17 r/w bwe bw1 bw2 ce ce2 ce2 oe cen write address register write address register adv/ld i/o s sense amps data-in registers
a67l8316/a67l8318/ a67l7332/a67l7336 series preliminary (march, 1999, version 0.0) 5 amic technology, inc. pin description pin no. symbol description lqfp (x16/x18) lqfp (x32/x36) 37 36 35,34,33,32, 100,99,82,81, 44,45,46,47, 48,49,50 80 37 36 35,34,33,32, 100,99,82,81, 44,45,46,47, 48,49,50 a0 a1 a2 - a16 a17 synchronous address inputs : these inputs are registered and must meet the setup and hold times around the rising edge of clk. pins 83 and 84 are reserved as address bits for higher-density 9mb and 18mb dba srams, respectively. a0 and a1 are the two lest significant bits (lsb) of the address field and set the internal burst counter if burst is desired. 93 ( bw1 ) 94 ( bw2 ) 93 ( bw1 ) 94 ( bw2 ) 95 ( bw3 ) 96 ( bw4 ) bw1 bw2 bw3 bw4 synchronous byte write enables : these active low inputs allow individual bytes to be written when a write cycle is active and must meet the setup and hold times around the rising edge of clk. byte writes need to be asserted on the same cycle as the address, bws are associated with addresses and apply to subsequent data. bw1 controls i/ oa pins; bw2 controls i/ ob pins; bw3 controls i/ oc pins; bw4 controls i/ od pins. 89 89 clk clock: this signal registers the address, data, chip enables, byte write enables and burst control inputs on its rising edge. all synchronous inputs must meet setup and hold times around the clock are rising edge. 98 98 ce synchronous chip enable : this active low input is used to enable the device. this input is sampled only when a new external address is loaded (adv/ ld low). 92 92 ce2 synchronous chip enable : this active low input is used to enable the device and is sampled only when a new external address is loaded (adv/ ld low). this input can be used for memory depth expansion. 97 97 ce2 synchronous chip enable : this active high input is used to enable the device and is sampled only when a new external address is loaded (adv/ ld low). this input can be used for memory depth expansion. 86 86 oe output enable : this active low asynchronous input enables the data i/o output drivers. 85 85 adv/ ld synchronous address advance/load : when high, this input is used to advance the internal burst counter, controlling burst access after the external address is loaded. when high, r/ w is ignored. a low on this pin permits a new address to be loaded at clk rising edge.
a67l8316/a67l8318/ a67l7332/a67l7336 series preliminary (march, 1999, version 0.0) 6 amic technology, inc. pin description (continued) pin no. symbol description lqfp (x16/x18) lqfp (x32/x36) 87 87 cen synchronous clock enable : this active low input permits clk to propagate throughout the device. when high, the device ignores the clk input and effectively internally extends the previous clk cycle. this input must meet setup and hold times around the rising edge of clk. 64 64 zz snooze enable : this active high asynchronous input causes the device to enter a low-power standby mode in which all data in the memory array is retained. when active, all other inputs are ignored. 88 88 r/ w read/ write : this active input determines the cycle type when adv/ ld is low. this is the only means for determining reads and writes. read cycles may not be converted into writes (and vice versa) other than by loading a new address. a low on this pin permits byte write operations and must meet the setup and hold times around the rising edge of clk. full bus width writes occur if all byte write enables are low. (a) 58, 59, 62, 63, 68, 69, 72, 73 (b) 8,9,12,13, 18, 19, 22,23 (a) 52, 53, 56, 57, 58, 59, 62, 63 (b) 68, 69, 72, 73, 74, 75, 78, 79 (c) 2, 3, 6, 7, 8, 9, 12, 13, (d) 18, 19, 22, 23, 24, 25, 28, 29 i/oa i/ob i/oc i/od sram data i/o : byte ?a? is i/oa pins; byte ?b? is i/ob pins; byte ?c? is i/oc pins; byte ?d? is i/od pins. input data must meet setup and hold times around clk rising edge. 74 24 51 80 1 30 nc/i/oa nc/i/ob nc/i/oc nc/i/od no connect/data bits : on the x16/32 version, these pins are no connect (nc) and can be left floating or connected to gnd to minimize thermal impedance. on the x18/36 version, these bits are i/os. 31 31 mode mode : this input selects the burst sequence. a low on this pin selects linear burst. nc or high on this pin selects interleaved burst. do not alter input state while device is operating. 1, 2, 3, 6, 7, 25, 28, 29, 30, 38, 39, 42, 43, 51, 52, 53, 56, 57, 75, 78, 79, 83, 84, 95, 96 38,39,42,43 83,84 nc no connect : these pins can be left floating or connected to gnd to minimize thermal impedance.
a67l8316/a67l8318/ a67l7332/a67l7336 series preliminary (march, 1999, version 0.0) 7 amic technology, inc. pin description (continued) pin no. symbol description lqfp (x16/x18) lqfp (x32/x36) 15, 41, 65, 91 15, 41, 65, 91 vcc power supply : see dc electrical characteristics and operating conditions for range. 14, 16, 66 14, 16, 66 vcc these pins do not have to be connected directly to vcc as long as the input voltage is 3 v ih . this input is not connected to vcc bus internally. 4, 11, 20, 27, 54, 61, 70, 77 4, 11, 20, 27, 54, 61, 70, 77 vccq isolated output buffer supply : see dc electrical characteristics and operating conditions for range. 17, 40, 90 17, 40, 90 vss ground : gnd. 5,10,21,26, 55,60,71,76 5,10,21,26, 55,60,71,76 vssq isolated output buffer ground
a67l8316/a67l8318/ a67l7332/a67l7336 series preliminary (march, 1999, version 0.0) 8 amic technology, inc. truth table (notes 5 - 7) operation address used ce ce2 ce2 zz adv/ ld r/ w bwx oe cen clk i/o notes deselected cycle, power-down none h x x l l x x x l l ? h high-z deselected cycle, power-down none x h x l l x x x l l ? h high-z deselected cycle, power-down none x x l l l x x x l l ? h high-z continue deselect cycle none x x x l h x x x l l ? h high-z 1 read cycle (begin burst) external l l h l l h x l l l ? h q read cycle (continue burst) next x x x l h x x l l l ? h q 1,7 nop/dummy read (begin burst) external l l h l l h x h l l ? h high-z 2 dummy read (continue burst) next x x x l h x x h l l ? h high-z 1,2,7 write cycle (begin burst) external l l h l l l l x l l ? h d 3 write cycle (continue burst) next x x x l h x l x l l ? h d 1,3,7 nop/write abort (begin burst) none l l h l l l h x l l ? h high-z 2,3 write abort (continue burst) next x x x l h x h x l l ? h high-z 1,2,3,7 ignore clock edge (stall) current x x x l x x x x h l ? h - 4 sleep mode none x x x h x x x x x x high-z notes: 1. continue burst cycles, whether read or write, use the same control inputs. the type of cycle performed (read or write) is chosen in the initial begin burst cycle. a continue deselect cycle can only be entered if a deselect cycle is executed first. 2. dummy read and write abort cycles can be considered nops because the device performs no operation. a write abort means a write command is given, but no operation is performed. 3. oe may be wired low to minimize the number of control signals to the sram. the device will automatically turn off the output drivers during a write cycle. some users may use oe when the bus turn-on and turn-off times do not meet their requirements. 4. if an ignore clock edge command occurs during a read operation, the i/o bus will remain active (low-z). if it occurs during a write cycle, the bus will remain in high-z. no write operations will be performed during the ignored clock edge cycle. 5. x means ?don?t care.? h means logic high. l means logic low. bwx = h means all byte write signals ( bw1 , bw2 , bw3 and bw4 ) are high. bwx = l means one or more byte write signals are low. 6. bw1 enables writes to byte ?a? (i/oa pins); bw2 enables writes to byte ?b? (i/ob pins); bw3 enables writes to byte ?c? (i/oc pins); bw4 enables writes to byte ?d? (i/od pins). 7. the address counter is incremented for all continue burst cycles.
a67l8316/a67l8318/ a67l7332/a67l7336 series preliminary (march, 1999, version 0.0) 9 amic technology, inc. partial truth table for read/write commands (x16/x18) operation r/ w bw1 bw2 read h x x write byte ?a? l l h write byte ?b? l h l write all bytes l l l write abort/nop l h h note : using and byte write(s), any one or more bytes may be written. partial truth table for read/write commands (x32/x36) operation r/ w bw1 bw2 bw3 bw4 read h x x x x write byte ?a? l l h h h write byte ?b? l h l h h write byte ?c? l h h l h write byte ?d? l h h h l write all bytes l l l l l write abort/nop l h h h h note : using r/ w and byte write(s), any one or more bytes may be written. linear burst address table (mode = low) first address (external) second address (internal) third address (internal) fourth address (internal) x . . . x00 x . . . x01 x . . . x10 x . . . x11 x . . . x01 x . . . x10 x . . . x11 x . . . x00 x . . . x10 x . . . x11 x . . . x00 x . . . x01 x . . . x11 x . . . x00 x . . . x01 x . . . x10 interleaved burst address table (mode = high or nc) first address (external) second address (internal) third address (internal) fourth address (internal) x . . . x00 x . . . x01 x . . . x10 x . . . x11 x . . . x01 x . . . x00 x . . . x11 x . . . x10 x . . . x10 x . . . x11 x . . . x00 x . . . x01 x . . . x11 x . . . x10 x . . . x01 x . . . x00
a67l8316/a67l8318/ a67l7332/a67l7336 series preliminary (march, 1999, version 0.0) 10 amic technology, inc. absolute maximum ratings* power supply voltage (vcc) . . . . . . . . . . -0.5v to +4.6v voltage relative to gnd for any pin except vcc (vin, vout) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5v to vcc +0.5v operating temperature (topr) . . . . . . . . . . . 0 c to 70 c storage temperature (tbias) . . . . . . . . . . -10 c to 85 c storage temperature (tstg) . . . . . . . . . . -55 c to 125 c *comments stresses above those listed under "absolute maximum ratings" may cause permanent damage to this device. these are stress ratings only. functional operation of this device at these or any other conditions above those indicated in the operational sections of this specification is not implied or intended. exposure to the absolute maximum rating conditions for extended periods may affect device reliability. dc electrical characteristics and operating conditions (0 c t a 70 c, vcc, vccq = +3.3v 5% unless otherwise noted) symbol parameter conditions min. max. unit note v ih input high voltage 2.0 vcc+0.3 v 1,2 v il input low voltage -0.3 0.8 v 1,2 il i input leakage current 0v v ih vcc -1.0 1.0 m a 3 il o output leakage current output(s) disabled, 0v v in vcc -1.0 1.0 m a v oh output high voltage i oh = -4.0ma 2.4 v 1,4 v ol output low voltage i ol = 8.0ma 0.4 v 1,4 vcc supply voltage 3.135 3.465 v 1 vccq isolated output buffer supply 3.135 vcc v 1,5 capacitance symbol parameter conditions typ. max. unit note c i control input capacitance 3 4 pf 6 c o input/output capacitance (i/o) 4 5 pf 6 c a address capacitance t a = 25 c; f = 1mhz vcc = 3.3v 3 3.5 pf 6 note : 1. all voltages referenced to vss (gnd). 2. overshoot : v ih +4.6v for t t khkh /2 for i 20ma undershoot : v il 3 -0.7v for t t khkh /2 for i 20ma power-up : v ih +3.456v and vcc 3.135v for t 200ms 3. mode pin has an internal pull-up and exhibits an input leakage current of 10 m a. 4. the load used for v oh , v ol testing is shown in figure 2. ac load current is higher than the shown dc values. ac i/o curves are available upon request. 5. vcc and vccq can be externally wired together to the same power supply. 6. this parameter is sampled.
a67l8316/a67l8318/ a67l7332/a67l7336 series preliminary (march, 1999, version 0.0) 11 amic technology, inc. i cc operating condition and maximum limits max. symbol parameter -4 -4.2 -4.5 -5 unit conditions i cc power supply current : operating 400 350 300 250 ma device selected; all inputs v il or 3 v ih ; cycle time 3 t kc (min); vcc = max; outputs open i cc1 power supply current : idle 18 15 12 10 ma device selected; vcc = max; cen 3 v ih ; all inputs vss+0.2 or 3 vcc-0.2; cycle time 3 t kc (min) i sb2 cmos standby 10 10 10 10 ma device deselected; vcc = max; all inputs vss+0.2 or 3 vcc-0.2; all inputs static; clk frequency=0 i sb3 ttl standby 25 25 25 25 ma device deselected; vcc = max; all inputs v il ; or 3 v ih ; all inputs static; clk frequency=0 i sb4 clock running 85 75 65 60 ma device deselected; vcc = max; all inputs vss+0.2 or 3 vcc-0.2; cycle time 3 t kc (min) i sb2z sleep mode 10 10 10 10 ma zz 3 v ih
a67l8316/a67l8318/ a67l7332/a67l7336 series preliminary (march, 1999, version 0.0) 12 amic technology, inc. ac characteristics (note 4) (0 c t a 70 c, vcc = 3.3v 5%) -4 -4.2 -4.5 -5 symbol parameter min. max. min. max. min. max. min. max. unit note clock t khkh clock cycle time 7.0 - 7.5 - 8.5 - 10 - ns t kf clock frequency - 143 - 133 - 117 - 100 mhz t khkl clock high time 2.0 - 2.2 - 3.4 - 3.5 - ns t klkh clock low time 2.0 - 2.2 - 3.4 - 3.5 - ns output times t khqv clock to output valid - 4.0 - 4.2 - 4.5 - 5.0 ns t khqx clock to output invalid 1.5 - 1.5 - 1.5 - 1.5 - ns t khqx1 clock to output in low-z 1.5 - 1.5 - 1.5 - 1.5 - ns 1,2,3 t khqz clock to output in high-z 1.5 4.0 1.5 4.2 1.5 4.5 1.5 5.0 ns 1,2,3 t glqv oe to output valid - 4.0 - 4.2 - 4.5 - 5.0 ns 4 t glqx oe to output in low-z 0 - 0 - 0 - 0 - ns 1,2,3 t ghqz oe to output in high-z - 4.0 - 4.2 - 4.5 - 5.0 ns 1,2,3 setup times t avkh address 2.0 - 2.0 - 2.0 - 2.2 - ns 5 t evkh clock enable ( cen ) 2.0 - 2.0 - 2.0 - 2.2 - ns 5 t cvkh control signals 2.0 - 2.0 - 2.0 - 2.2 - ns 5 t dvkh data-in 1.7 - 1.7 - 1.7 - 2.0 - ns 5 hold times t khax address 0.5 - 0.5 - 0.5 - 0.5 - ns 5 t khex clock enable ( cen ) 0.5 - 0.5 - 0.5 - 0.5 - ns 5 t khcx control signals 0.5 - 0.5 - 0.5 - 0.5 - ns 5 t khdx data-in 0.5 - 0.5 - 0.5 - 0.5 - ns 5 notes: 1. this parameter is sampled. 2. output loading is specified with c1=5pf as in figure 2. 3. transition is measured 200mv from steady state voltage. 4. oe can be considered a ?don?t care? during write; however, controlling oe can help fine-tune a system for turnaround timing. 5. this is a synchronous device. all addresses must meet the specified setup and hold times for all rising edges of clk when adv/ ld is low and chip enabled. all other synchronous inputs meet the setup and hold times with stable logic levels for all rising edges of clock (clk) when the chip is enabled. chip enable must be valid at each rising edge of clk (when adv/ ld is low) to remain enabled.
a67l8316/a67l8318/ a67l7332/a67l7336 series preliminary (march, 1999, version 0.0) 13 amic technology, inc. ac test conditions input pulse levels gnd to 3v input rise and fall times 1.5ns input timing reference levels 1.5v output reference levels 1.5v output load see figures 1 and 2 351 w q +3.3v 317 w 5pf z o =50 w q 50 w v t =1.5v figure 1 output load equivalent figure 2 output load equivalent
a67l8316/a67l8318/ a67l7332/a67l7336 series preliminary (march, 1999, version 0.0) 14 amic technology, inc. sleep mode sleep mode is a low current ?power-down? mode in which the device is deselected and current is reduced to i sb2z . this duration of sleep mode is dictated by the length of time the zz is in a high state. after entering sleep mode, all inputs except zz become disabled and all outputs go to high-z. the zz pin is asynchronous, active high input that causes the device to enter sleep mode. when the zz pin sleep mode electrical characteristics becomes logic high, isb2z is guaranteed after the time t zzi is met, any operation pending when entering sleep mode is not guaranteed to successfully complete. therefore, sleep mode (read or write) must not be initiated until valid pending operations are completed. similarly, when exiting sleep mode during t rzz , only a deselect or read cycle should be given while the sram is transitioning out of sleep mode. (vcc, vccq = +3.3v 5%) symbol parameter conditions min. max. unit note i sb2z current during sleep mode zz 3 v ih - 10 ma t zz zz active to input ignored 0 2(t khkh ) ns 1 t rzz zz inactive to input sampled 0 2(t khkh ) ns 1 t zzi zz active to snooze current - 2(t khkh ) ns 1 t rzzi zz inactive to exit snooze current 0 ns 1 note : 1. this parameter is sampled. sleep mode waveform t rzz t zz t zzi i isb2z high-z deselect or read only output (q) all inputs (except zz) i supply zz clk : don't care t rzzi
a67l8316/a67l8318/ a67l7332/a67l7336 series preliminary (march, 1999, version 0.0) 15 amic technology, inc. read/write timing note : 1. for this waveform, zz is tied low. 2. burst sequence order is determined by mode (0 = linear, 1 = interleaved). brst operations are optional. 3. ce represents three signals. when ce = 0, it represents ce = 0, ce2 = 0, ce2 = 1. 4. data coherency is provided for all possible operations. if a read is initiated the most current data is used. the most recent data may be from the input data register. a3 a2 a1 a4 a5 d(a1) write d(a1) write d(a2) burst write d(a2+1) read q(a3) read q(a4) burst read q(a4+1) write d(a5) read q(a6) write d(a7) deselect : don't care : undefined 1 2 3 4 5 t glqx t khkh 6 7 8 9 10 clk cen ce adv/ ld r/w bwx address i/o command a6 a7 d(a2) d(a2+1) q(a6) d(a5) q(a4+1) q(a4) q(a3) oe t klkh t evkh t khex t khkl t khcx t cvkh t khax t avkh t khdx t dvkh t khqz t glqv t khqx t ghqz t khqx t khqv t khqx1
a67l8316/a67l8318/ a67l7332/a67l7336 series preliminary (march, 1999, version 0.0) 16 amic technology, inc. nop, stall and deselect cycles note : 1. the ignore clock edge or stall cycle (clock 3) illustrates cen being used to create a ?pause.? a write is not performed during this cycle. 2. for this waveform, zz and oe are tied low. 3. ce represents three signals. when ce = 0, it represents ce = 0, 2 ce = 0, ce2 = 1. 4. data coherency is provided for all possible operations. if a read is initiated, the most current data is used. the most recent data may be from the input data register. a3 a2 a1 a4 a5 q(a5) d(a4) q(a3) q(a2) d(a1) write d(a1) read q(a2) stall read q(a3) write d(a4) stall nop read q(a5) deselect continue deselect : don't care : undefined 1 2 3 4 5 t khqx t khqz 6 7 8 9 10 clk cen ce adv/ ld r/w bwx address i/o command
a67l8316/a67l8318/ a67l7332/a67l7336 series preliminary (march, 1999, version 0.0) 17 amic technology, inc. ordering information part no. configure cycle time / access time package a67l8316e-4 7ns / 4ns a67l8316e-4.2 7.5ns / 4.2ns a67l8316e-4.5 8.5ns / 4.5ns a67l8316e-5 256k x 16 10ns / 5ns 100l lqfp a67l8318e-4 7ns / 4ns a67l8318e-4.2 7.5ns / 4.2ns a67l8318e-4.5 8.5ns / 4.5ns a67l8318e-5 256k x 18 10ns / 5ns 100l lqfp a67l7332e-4 7ns / 4ns a67l7332e-4.2 7.5ns / 4.2ns a67l7332e-4.5 8.5ns / 4.5ns a67l7332e-5 128k x 32 10ns / 5ns 100l lqfp a67l7336e-4 7ns / 4ns a67l7336e-4.2 7.5ns / 4.2ns a67l7336e-4.5 8.5ns / 4.5ns a67l7336e-5 128k x 36 10ns / 5ns 100l lqfp
a67l8316/a67l8318/ a67l7332/a67l7336 series preliminary (march, 1999, version 0.0) 18 amic technology, inc. package information lqfp 100l outline dimensions unit: inches/mm symbol dimensions in inches dimensions in mm min. nom. max. min. nom. max. a 1 0.002 - - 0.05 - - a 2 0.053 0.055 0.057 1.35 1.40 1.45 b 0.011 0.013 0.015 0.27 0.32 0.37 c 0.005 - 0.008 0.12 - 0.20 h e 0.860 0.866 0.872 21.85 22.00 22.15 e 0.783 0.787 0.791 19.90 20.00 20.10 h d 0.624 0.630 0.636 15.85 16.00 16.15 d 0.547 0.551 0.555 13.90 14.00 14.10 e 0.026 bsc 0.65 bsc l 0.018 0.024 0.030 0.45 0.60 0.75 l 1 0.039 ref 1.00 ref y - - 0.004 - - 0.1 q 0 3.5 7 0 3.5 7 notes: 1. dimensions d and e do not include mold protrusion. 2. dimensions b does not include dambar protrusion. total in excess of the b dimension at maximum material condition. dambar cannot be located on the lower radius of the foot. 31 50 51 80 81 100 h d d e h e 1 30 b d y a 1 a 2 l 1 c e q l


▲Up To Search▲   

 
Price & Availability of A67L7332SERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X