Part Number Hot Search : 
74VCX16 ZMM5267B 8671A 1115A HC2520 D452A SLA608L T3906
Product Description
Full Text Search
 

To Download 42R06-1211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a 6 date rev revisions change b chng chck 5 4 c d 6 54 dimensions are in millimeters all dimensions for reference only phone: 973 560-0019 whippany, new jersey fax: 973 560-0076 3 drawn check appr by by by date: date: date: 2 nts scale: size: part #: a part: a 1 rev: b 3 2 c d 1 tolerance unless otherwise specified x 1 x.x 0.4 x.xx 0.20 appr 1 of 1 sheet 16/20a iec 60320 appl. inlet; screw terminals; side fl ange, panel mount 42r06-1x1x gq 08/21/01 td 08/28/01 pb 08/28/01 material and finish: insulator: polycarbonate, ul-94v-0 rated contacts: brass, nickel plated electrical specifications: current rating: 16 a voltage rating: 250 vac current rating: 20 a voltage rating: 250 vac insulation resistance: 100 mohm min. at 500 vdc dielectric withstanding voltage: 2000 vac for one minute ordering code: 42r06-1 __ 1 __ 1 2 1) color 1 = black 2 = gray 2) electrical circuit configuration 1 = 20a 250v 70c 2+ground 2 = 20a 250v 155c 2+ground 4 = 20a 250v 70c 2 pole d e v 21.0 +0.5 m3x6.0mm screw terminials 6.00.1 21 5.00.1 10.00.5 2.00 3.00 2x ?3.3x90 csk 24.4 32.4 42.00.2 51.00.2 e l 42r06 n 42.0 0.1 33.0 +0.2 recommended panel cutout 2x ?3.6 28.00.2 25.0 +0.2 3x 2.000.05 32.5 -0.2 29.0 +0.5 8.00.2 13.00.2 24.5 -0.2 rohs compliant


▲Up To Search▲   

 
Price & Availability of 42R06-1211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X