Part Number Hot Search : 
600BW LMV358 MS51D BAS85 MX770 MC3476P1 MC3476P1 5623A9
Product Description
Full Text Search
 

To Download 40-C182-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  eject-a-dip ? lock/eject dip collet sockets with solder tail pins note: aries specializes in custom design and production. in addition to the standard products shown on this page, special materials, platings, sizes, and configurations can be furnished, depending on quantities. aries reserves the right to change product specifications without notice. features: ? aries eject-a-dip ? is a rugged, solderable socket with a unique ejector/latch for fast in-field board maintenance. ? the latch locks in the connector or device, making it ideal for high vibration environments. ? the latch, when used as an ejector, removes dip packages without pin damage. specifications: ? latch and body are black ul-94v-0 glass-filled 4/6 nylon. ? pin body is brass alloy 360 1/2 hard per uns c36000 astm-b16-00. ? pin body plating is either 10 [.25m] min. gold per mil-g-45204 or 200 [5.08 m] min. 93/7 tin/lead per astm b545 or 200 [5.08m] min. tin per astm b545 type 1 over 100 [2.54m] min. nickel per sae-ams-qq-n-290. ? 6-fingered collet contact is beryllium copper alloy per uns c17200 astm-b194-01. ? contact plating is either 200 [5.08 m] min. 93/7 tin/lead per astm b545 or 200 [5.08 m] min.tin per astm b545 type 1 or 10 [.25m] min. gold per mil-g-45204 over 50 [1.27m] min. nickel per sae-ams-qq-n-290. heavy 30 [.76m] gold plating on con- tact also available. ? contact current rating=3 amps. ? insulation resistance=10,000 mohms @ 500 vdc. ? withstanding voltage=1000 v rms. ? operating temp.= -67f to 221f [-55c to 105c] tin plating, -67f to 257f [-55c to 125c] gold. ? insertion force= 67g/pin; withdrawal force=30g/pin; normal force=45g/pin; based on .018 [.46] dia. test lead. solder t ail pin xx-cxxx-1xxxxx ordering informa tion no. of pins solder tail pin optional plating suffix: h=heavy gold collet t=tin collet/tin body tl=tin/lead collet & body plating: 0=gold collet/tin body 0tl=gold collet/tin/lead body 1=gold collet/gold body suggested pcb hole size= .030 .002 [.76 .05] dia. a ll dimensions : inches [ millimeters ] consult data sheet no. 12025 for eject-a-dip ? collet sockets with wire wrap pins. dim. ?h? (see table) all tolerances .005 [.13] unless otherwise specified printouts of this document may be out of date and should be considered uncontrolled 12024 rev.f no. of pins catalog no. dim. a dim. b centers "c" dim "d" dim. "e" dim. "f" dim. "g" dim. "h" 14 14-c280-xx .950 [24.10] .600 [15.24] .300 [7.62] .400 [10.16] .770 [19.56] 1.300 [33.02] .490 [12.45] .280 [7.11] 14 14-c195-xx .950 [24.10] .600 [15.24] .300 [7.62] .400 [10.16] .770 [19.56] 1.300 [33.02] .450 [11.43] .194 [4.95] 16 16-c280-xx 1.050 [26.70] .700 [17.78] .300 [7.62] .400 [10.16] .870 [22.10] 1.540 [39.12] .490 [12.45] .280 [7.11] 16 16-c195-xx 1.050 [26.70] .700 [17.78] .300 [7.62] .400 [10.16] .870 [22.10] 1.390 [35.31] .450 [11.43] .195 [4.95] 24 24-c300-xx 1.490 [37.85] 1.100 [27.94] .600 [15.24] .700 [17.78] 1.300 [33.02] 1.970 [50.04] .570 [14.48] .300 [7.62] 24 24-c212-xx 1.490 [37.85] 1.100 [27.94] .600 [15.24] .700 [17.78] 1.300 [33.02] 1.850 [47.00] .490 [12.45] .212 [5.39] 24 24-c182-xx 1.490 [37.85] 1.100 [27.94] .600 [15.24] .700 [17.78] 1.300 [33.02] 1.800 [45.72] .460 [11.68] .182 [4.62] 28 28-c300-xx 1.690 [42.90] 1.300 [33.02] .600 [15.24] .700 [17.78] 1.500 [38.10] 2.170 [55.12] .570 [14.48] .300 [7.62] 28 28-c212-xx 1.690 [42.90] 1.300 [33.02] .600 [15.24] .700 [17.78] 1.500 [38.10] 2.050 [52.07] .490 [12.45] .212 [5.39] 28 28-c182-xx 1.690 [42.90] 1.300 [33.02] .600 [15.24] .700 [17.78] 1.500 [38.10] 2.000 [50.80] .460 [11.68] .182 [4.62] 32 32-c300-xx 1.890 [48.00] 1.500 [38.10] .600 [15.24] .700 [17.78] 1.700 [43.18] 2.540 [64.52] .570 [14.48] .300 [7.62] 32 32-c212-xx 1.890 [48.00] 1.500 [38.10] .600 [15.24] .700 [17.78] 1.700 [43.18] 2.070 [52.58] .490 [12.45] .212 [5.39] 32 32-c182-xx 1.890 [48.00] 1.500 [38.10] .600 [15.24] .700 [17.78] 1.700 [43.18] 2.200 [55.88] .460 [11.68] .182 [4.62] 40 40-c300-xx 2.290 [58.20] 1.900 [48.26] .600 [15.24] .700 [17.78] 2.100 [53.34] 2.780 70.61] .570 [14.48] .300 [7.62] 40 40-c212-xx 2.290 [58.20] 1.900 [48.26] .600 [15.24] .700 [17.78] 2.100 [53.34] 2.650 [67.31] .490 [12.45] .212 [5.39] 40 40-c182-xx 2.290 [58.20] 1.900 [48.26] .600 [15.24] .700 [17.78] 2.100 [53.34] 2.600 [66.04] .460 [11.68] .182 [4.62] frenchtown, nj usa tel: (908) 996-6841 fax: (908) 996-3891 http://www.arieselec.com ? info@arieselec.com abc


▲Up To Search▲   

 
Price & Availability of 40-C182-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X