Part Number Hot Search : 
D5012UK YSS903M C251A MJE130 RLR2905 20LM3 ESD3V LM557
Product Description
Full Text Search
 

To Download 2N2906AUB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  copyright ? 2002 semicoa semiconductors, inc. rev. k 333 mccormick avenue, costa mesa, california 92626 714.979.1900, fax 714.557.4541 page 1 of 1 www. semicoa .com 2N2906AUB silicon pnp transisto r data sheet description semicoa semiconductors offers: ? screening and processing per mil-prf-19500 appendix e ? jan level (2N2906AUBj) ? jantx level (2N2906AUBjx) ? jantxv level (2N2906AUBjv) ? jans level (2N2906AUBjs) ? qci to the applicable level ? 100% die visual inspection per mil-std-750 method 2072 for jantxv and jans ? radiation testing (total dose) upon request please contact semicoa for special configurations www. semicoa .com or (714) 979-1900 applications ? general purpose ? low power ? pnp silicon transistor features ? hermetically sealed cersot ceramic ? also available in chip configuration ? chip geometry 0600 ? reference document: mil-prf-19500/291 benefits ? qualification levels: jan, jantx, jantxv and jans ? radiation testing available absolute maximum ratings t c = 25 c unless otherwise specified parameter symbol rating unit collector-emitter voltage v ceo 60 volts collector-base voltage v cbo 60 volts emitter-base voltage v ebo 5 volts collector current, continuous i c 600 ma power dissipation, t a = 25 o c derate linearly above 37.5 o c p t 0.5 3.08 w mw/ c thermal resistance r ja 325 c/w operating junction temperature t j -65 to +200 c storage temperature t stg -65 to +200 c
copyright ? 2002 semicoa semiconductors, inc. rev. k 333 mccormick avenue, costa mesa, california 92626 714.979.1900, fax 714.557.4541 page 2 of 2 www. semicoa .com 2N2906AUB silicon pnp transisto r data sheet electrical characteristics characteristics specified at t a = 25 c off characteristics parameter symbol test conditions min typ max units collector-emitter breakdown voltage v (br)ceo i c = 10 ma 60 volts collector-base cutoff current i cbo1 v cb = 60 volts 10 a collector-base cutoff current i cbo2 v cb = 50 volts 10 na collector-base cutoff current i cbo3 v cb = 50 volts, t a = 150 o c 10 a collector-emitter cutoff current i ces v ce = 50 volts 50 na emitter-base cutoff current i ebo1 v eb = 5 volts 10 a emitter-base cutoff current i ebo2 v eb = 4 volts 50 na on characteristics pulse test: pulse width = 300 s, duty cycle 2.0% parameter symbol test conditions min typ max units dc current gain h fe1 h fe2 h fe3 h fe4 h fe5 h fe6 i c = 0.1 ma, v ce = 10 volts i c = 1.0 ma, v ce = 10 volts i c = 10 ma, v ce = 10 volts i c = 150 ma, v ce = 10 volts i c = 500 ma, v ce = 10 volts i c = 10 ma, v ce = 10 volts t a = -55 o c 40 40 40 40 40 20 175 120 base-emitter saturation voltage v besat1 v besat2 i c = 150 ma, i b = 15 ma i c = 500 ma, i b = 50 ma 0.6 1.3 2.6 volts collector-emitter saturation voltage v cesat1 v cesat2 i c = 150 ma, i b = 15 ma i c = 500 ma, i b = 50 ma 0.4 1.6 volts dynamic characteristics parameter symbol test conditions min typ max units magnitude ? common emitter, short circuit forward curre nt transfer ratio |h fe | v ce = 20 volts, i c = 20 ma, f = 100 mhz 2.0 small signal short circuit forward current transfer ratio h fe v ce = 10 volts, i c = 1 ma, f = 1 khz 40 open circuit output capacitance c obo v cb = 10 volts, i e = 0 ma, 100 khz < f < 1 mhz 8 pf open circuit input capacitance c ibo v eb = 0.5 volts, i c = 0 ma, 100 khz < f < 1 mhz 30 pf switching characteristics saturated turn-on time t on 45 ns saturated turn-off time t off 300 ns


▲Up To Search▲   

 
Price & Availability of 2N2906AUB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X