Part Number Hot Search : 
LT1030CS 100TR 100TR 51730 BLM2302 1251ARZ A117F SLA7044M
Product Description
Full Text Search
 

To Download 0473882001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/21/2010 please check www.molex.com for latest part information part number: 0473882001 status: active description: 2.54mm (.100") pitch sim card connector, 6 circuits, surface mount, with pcb retention solder tabs, with cover shell, housing height 1.90mm (.075"), with 4 dimples, lead free documents: 3d model product specification ps-47388-201 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family memory card sockets series 47388 button type n/a comments with 4 dimples; terminal width 1.14mm (.045") component type card holder (host) product name sim type n/a physical card detection switch no circuits (loaded) 6 circuits (maximum) 6 color - resin black durability (mating cycles max) 5,000 ejector button side no ejector button present entry angle horizontal keying to mating part yes material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic pcb locator no pcb mounting side reverse pcb retention yes packaging type embossed tape on reel pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 29.5 plating min: mating (m) 0.75 plating min: termination (in) 150 plating min: termination (m) 3.80 ports 1 temperature range - operating -40c to +85c termination interface: style surface mount electrical current - maximum per contact 0.05a shielded yes voltage - maximum 5v solder process data duration at max. process temperature (seconds) 3 lead-free process capability reflow capable (smt only) series image - reference only eu rohs china rohs rohs compliant by exemption reach svhc not reviewed halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 47388 series mates with standard sim card
max. cycles at max. process temperature 1 process temperature max. c 255 material info reference - drawing numbers product specification ps-47388-201 sales drawing sd-47388-201 this document was generated on 04/21/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0473882001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X