this document was generated on 05/24/2010 please check www.molex.com for latest part information part number: 0449141001 status: active overview: microfit_30 description: 3.00mm (.118") pitch micro-fit 3.0 cpi? header, compliant pin interface, dual row, vertical, 10 circuits, tin (sn) plating, glow wire compatible documents: 3d model product specification ps-43045 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 tuv r72081037 ul e29179 general product family pcb headers series 44914 application wire-to-board application tooling part link 622008400 comments glow wire equivalent part number 449141001 . high temperature, square pin overview microfit_30 product literature order no usa-106 product name micro-fit 3.0 cpi? physical breakaway no circuits (loaded) 10 circuits (maximum) 10 color - resin black durability (mating cycles max) 30 flammability 94v-0 glow-wire compliant yes material - metal high performance alloy (hpa) material - plating mating tin material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation vertical pcb locator yes pcb retention yes packaging type tray pitch - mating interface (in) 0.118 in pitch - mating interface (mm) 3.00 mm plating min: mating (in) 200 plating min: mating (m) 5 plating min: termination (in) 200 plating min: termination (m) 5 polarized to pcb yes shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style through hole - compliant pin series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 44914 series mates with 43025-1000 application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # micro-fit? compliant pin insertion flat rock tool 0622008400
electrical current - maximum per contact 5a voltage - maximum 250v material info reference - drawing numbers packaging specification pk-70873-0314 product specification ps-43045, rps-43045-003, rps-43045-004 sales drawing sd-44914-001 this document was generated on 05/24/2010 please check www.molex.com for latest part information
|