Part Number Hot Search : 
AQV210 F2002ERW MA1U152K EIN12 TC1952 74LS39 1E475 MA1U152K
Product Description
Full Text Search
 

To Download ZTX749 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pnp silicon planar medium power transistor issue 1 ? april 94 features * 25 volt v ceo * 2 amp continuous current * low saturation voltage absolute maximum ratings. parameter symbol value unit collector-base voltage v cbo -35 v collector-emitter voltage v ceo -25 v emitter-base voltage v ebo -5 v peak pulse current i cm -6 a continuous collector current i c -2 a power dissipation at t amb =25c derate above 25c p tot 1 5.7 w mw/ c operating and storage temperature range t j: t stg -55 to +200 c electrical characteristics (at t amb = 25c unless otherwise stated). parameter symbol min. typ. max. unit conditions. collector-base breakdown voltage v (br)cbo -35 v i c =-100 m a, i e =0 collector-emitter breakdown voltage v (br)ceo -25 v i c =-10ma, i b =0* emitter-base breakdown voltage v (br)ebo -5 v i e =-100 m a, i c =0 collector cut-off current i cbo -0.1 -10 m a m a v cb =-30v v cb =-30v, t amb =100c emitter cut-off current i ebo -0.1 m a v eb =-4v, i e =0 collector-emitter saturation voltage v ce(sat) -0.12 -0.23 -0.3 -0.5 v v i c =1a, i b =-100ma* i c =2a, i b =-200ma* base-emitter saturation voltage v be(sat) -0.9 -1.25 v i c =1a, i b =-100ma* base-emitter turn-on voltage v be(on) -0.8 -1 v ic=-1a, v ce =-2v* static forward current transfer ratio h fe 70 100 75 15 200 200 150 50 300 i c =-50ma, v ce =-2v* i c =-1a, v ce =-2v* i c =-2a, v ce =-2v* i c =-6a, v ce =-2v* *measured under pulsed conditions. pulse width=300 m s. duty cycle 2% e-line to92 compatible ZTX749 3-254 c b e -40 0.0001 derating curve t -temperature (c) m ax po we r d issipati o n - ( w a tts) maximum transient thermal impedance pulse width (seconds) thermal resistance (c/w) 10 100 1 0.1 0.01 -20 0 20 40 60 80 100 120 200 180 160 140 0.001 0 100 200 d=0.2 d=0.1 single pulse d=0.5 t 1 t p d=t 1 /t p 1.0 0.5 2.0 1.5 case temperature 2.5 ambient temperat ure 0 d=1 (d.c.) ZTX749 electrical characteristics (at t amb = 25c unless otherwise stated). parameter symbol min. typ. max. unit conditions. transition frequency f t 100 160 mhz i c =-100ma, v ce =-5v f=100mhz output cpacitance c obo 55 100 pf v cb =-10v f=1mhz switching times t on 40 ns i c =-500ma, v cc =-10v i b1 =i b2 =-50ma t off 450 ns *measured under pulsed conditions. pulse width=300 m s. duty cycle 2% thermal characteristics parameter symbol max. unit thermal resistance:junction to ambient 1 junction to ambient 2 junction to case r th(j-amb)1 r th(j-amb)2 ? r th(j-case) 175 116 70 c/w c/w c/w ? device mounted on p.c.b. with copper equal to 1 sq. inch minimum. 3-255
pnp silicon planar medium power transistor issue 1 ? april 94 features * 25 volt v ceo * 2 amp continuous current * low saturation voltage absolute maximum ratings. parameter symbol value unit collector-base voltage v cbo -35 v collector-emitter voltage v ceo -25 v emitter-base voltage v ebo -5 v peak pulse current i cm -6 a continuous collector current i c -2 a power dissipation at t amb =25c derate above 25c p tot 1 5.7 w mw/ c operating and storage temperature range t j: t stg -55 to +200 c electrical characteristics (at t amb = 25c unless otherwise stated). parameter symbol min. typ. max. unit conditions. collector-base breakdown voltage v (br)cbo -35 v i c =-100 m a, i e =0 collector-emitter breakdown voltage v (br)ceo -25 v i c =-10ma, i b =0* emitter-base breakdown voltage v (br)ebo -5 v i e =-100 m a, i c =0 collector cut-off current i cbo -0.1 -10 m a m a v cb =-30v v cb =-30v, t amb =100c emitter cut-off current i ebo -0.1 m a v eb =-4v, i e =0 collector-emitter saturation voltage v ce(sat) -0.12 -0.23 -0.3 -0.5 v v i c =1a, i b =-100ma* i c =2a, i b =-200ma* base-emitter saturation voltage v be(sat) -0.9 -1.25 v i c =1a, i b =-100ma* base-emitter turn-on voltage v be(on) -0.8 -1 v ic=-1a, v ce =-2v* static forward current transfer ratio h fe 70 100 75 15 200 200 150 50 300 i c =-50ma, v ce =-2v* i c =-1a, v ce =-2v* i c =-2a, v ce =-2v* i c =-6a, v ce =-2v* *measured under pulsed conditions. pulse width=300 m s. duty cycle 2% e-line to92 compatible ZTX749 3-254 c b e -40 0.0001 derating curve t -temperature (c) m ax po we r d issipati o n - ( w a tts) maximum transient thermal impedance pulse width (seconds) thermal resistance (c/w) 10 100 1 0.1 0.01 -20 0 20 40 60 80 100 120 200 180 160 140 0.001 0 100 200 d=0.2 d=0.1 single pulse d=0.5 t 1 t p d=t 1 /t p 1.0 0.5 2.0 1.5 case temperature 2.5 ambient temperat ure 0 d=1 (d.c.) ZTX749 electrical characteristics (at t amb = 25c unless otherwise stated). parameter symbol min. typ. max. unit conditions. transition frequency f t 100 160 mhz i c =-100ma, v ce =-5v f=100mhz output cpacitance c obo 55 100 pf v cb =-10v f=1mhz switching times t on 40 ns i c =-500ma, v cc =-10v i b1 =i b2 =-50ma t off 450 ns *measured under pulsed conditions. pulse width=300 m s. duty cycle 2% thermal characteristics parameter symbol max. unit thermal resistance:junction to ambient 1 junction to ambient 2 junction to case r th(j-amb)1 r th(j-amb)2 ? r th(j-case) 175 116 70 c/w c/w c/w ? device mounted on p.c.b. with copper equal to 1 sq. inch minimum. 3-255
typical characteristics v ce(sat) v i c i c - collector current (amps) v ce (sa t ) - (v olts) i c - collector current (amps) i c - collector current (amps) h fe v i c v be(sat) v i c i c - collector current (amps) v be(on) v i c h fe - gain v be (sa t ) - (v olts) v be - (v olts) i c - c o l le c to r c u r r e nt ( amps ) v ce - collector voltage (volts) safe operating area 110100 0.01 0.1 1.0 single pulse test at t amb =25c d.c. 1s 100ms 10ms 1.0ms 40 80 120 160 200 switching speeds i c - collector current (amps) switching time 0.1 1 i b1 =i b2 =i c /10 0.01 ts tf td tr 0.001 1 0.01 0.1 ts ns 600 200 1000 1200 td tr tf ns 80 40 120 160 0 140 100 60 20 v ce =2v i c /i b =10 v ce =2v v ce =-10v 0.6 1.0 1.2 0.8 0.4 0.6 1.0 1.2 0.8 0.4 0.2 0.6 1.0 0.8 0.4 i c /i b =100 i c /i b =10 0.001 1 0.01 0.1 10 i c /i b =100 0.001 1 0.01 0.1 10 0 1.2 1.6 1.8 1.4 0.001 1 0.01 0.1 10 10 10 ZTX749 3-256


▲Up To Search▲   

 
Price & Availability of ZTX749

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X