Part Number Hot Search : 
KBJ10005 C0926A FN2330 CA082 CM1376 2M1224 BH084 EL6262C
Product Description
Full Text Search
 

To Download X22 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount crystals features X22 [ 2.5 * 2.0 * 0.6 mm ] fund. 16mhz 60mhz min. max. specifications the entire package can be grounded via the top meta l lid and the two bottom pads . small footprint. ideal for space constrained applic ations frequency range 16.000 ~ 60.000 mhz general specifications item / type X22 series ( 2.5 * 2.0 * 0.6 mm ) small footprint. ideal for space constrained applic ations exhibits extremely low aging with a high shock & vi bration resistance. drive level 10 w typical ( 100 w max. ) frequency tolerance 5 ppm , 10 ppm , 20 ppm or 30 ppm at 25c frequency stability see table 2 frequency range 16.000 ~ 60.000 mhz crystal cut fundamental mode , at-cut load capacitance series or parallel ( 8 to 32 pf ) resonance esr ( equivalent series resistance ) frequency stabi lity vs operating temperature range aging f / f : 3 ppm / year ( max. ) storage temperature range - 50c to 105c table 1 table 2 frequency stability see table 2 60  max -40 to 85c : available ; : contact mercury 26.100 ~ 60.000 mhz i 21.100 ~ 26.000 mhz 80  max -20 to 70c y 16.000 ~ 21.000 mhz 120  max. -10 to 60c x frequency range e. s. r. 5 25 30 temp. (oc) \ ppm stability code 10 15 20 outline dimensions ( unit : mm ) : available ; : contact mercury mercury www .mercury-crystal.com taiwan : tel (886)-2-2406-2779 / sales-tw@mercury-c rystal.com u.s.a: tel: (1)-909-466-0427 / sales-us@mercury-cry stal.com china: tel: (86)-512-5763-8100 / sales-cn@mecxtal.c om


▲Up To Search▲   

 
Price & Availability of X22

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X