|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
transistors with built-in resistor 1 publication date: december 2003 sjh00020bed unr421x series (un421x series) silicon npn epitaxial planar type for digital circuits features ? costs can be reduced through downsizing of the equipment and reduction of the number of parts ? new s type package, allowing supply with the radial taping resistance by part number (r 1 )(r 2 ) ? unr4210 (un4210) 47 k ?? ? unr4211 (un4211) 10 k ? 10 k ? ? unr4212 (un4212) 22 k ? 22 k ? ? unr4213 (un4213) 47 k ? 47 k ? ? unr4214 (un4214) 10 k ? 47 k ? ? unr4215 (un4215) 10 k ?? ? unr4216 (un4216) 4.7 k ?? ? unr4217 (un4217) 22 k ?? ? unr4218 (un4218) 0.51 k ? 5.1 k ? ? unr4219 (un4219) 1 k ? 10 k ? ? unr421d (un421d) 47 k ? 10 k ? ? unr421e (un421e) 47 k ? 22 k ? ? unr421f (un421f) 4.7 k ? 10 k ? ? unr421k (UN421K) 10 k ? 4.7 k ? ? unr421l (un421l) 4.7 k ? 4.7 k ? absolute maximum ratings t a = 25 c note) the part numbers in the parenthesis show conventional part number. internal connection unit: mm 1: emitter 2: collector 3: base ns-b1 package 4.0 0.2 0.75 max. 2.0 0.2 0.45 (2.5) (2.5) 0.7 0.1 23 1 +0.20 ?0.10 0.45 +0.20 ?0.10 7.6 3.0 0.2 (0.8) (0.8) 15.6 0.5 b r 1 r 2 c e parameter symbol rating unit collector-base voltage (emitter open) v cbo 50 v collector-emitter voltage (base open) v ceo 50 v collector current i c 100 ma total power dissipation p t 300 mw junction temperature t j 150 c storage temperature t stg ? 55 to + 150 c
2 unr421x series sjh00020bed parameter symbol conditions min typ max unit collector-base voltage (emitter open) v cbo i c = 10 a, i e = 050v collector-emitter voltage (base open) v ceo i c = 2 ma, i b = 050v collector-base cutoff current (emitter open) i cbo v cb = 50 v, i e = 0 0.1 a collector-emitter cutoff current (base open) i ceo v ce = 50 v, i b = 0 0.5 a emitter-base unr4210/4215/4216/4217 i ebo v eb = 6 v, i c = 0 0.01 ma cutoff current unr4213 0.1 (collector open) unr4212/4214/421d/421e 0.2 unr4211 0.5 unr421f/421k 1.0 unr4219 1.5 unr4218/421l 2.0 forward current unr4218/421k/421l h fe v ce = 10 v, i c = 5 ma 20 ? transfer ratio unr4219/421d/421f 30 unr4211 35 unr4212/421e 60 unr4213/4214 80 unr4210 * /4215 * /4216 * / 160 460 4217 * collector-emitter saturation voltage v ce(sat) i c = 10 ma, i b = 0.3 ma 0.25 v output voltage high-level v oh v cc = 5 v, v b = 0.5 v, r l = 1 k ? 4.9 v output voltage low-level v ol v cc = 5 v, v b = 2.5 v, r l = 1 k ? 0.2 v unr4213/421k v cc = 5 v, v b = 3.5 v, r l = 1 k ? unr421d v cc = 5 v, v b = 10 v, r l = 1 k ? unr421e v cc = 5 v, v b = 6 v, r l = 1 k ? transition frequency f t v cb = 10 v, i e = ? 2 ma, f = 200 mhz 150 mhz input unr4218 r 1 ? 30% 0.51 + 30% k ? resistance unr4219 1.0 unr4216/421f/421l 4.7 unr4211/4214/4215/421k 10 unr4212/4217 22 unr4210/4213/421d/421e 47 resistance unr4218/4219 r 1 /r 2 0.08 0.10 0.12 ? ratio unr4214 0.17 0.21 0.25 unr421f 0.37 0.47 0.57 unr4211/4212/4213/421l 0.8 1.0 1.2 unr421k 1.70 2.13 2.60 unr421e 1.70 2.14 2.60 unr421d 3.7 4.7 5.7 electrical characteristics t a = 25 c 3 c note) 1. measuring methods are based on japanese industrial standard jis c 7030 measuring methods for transistors. 2. * : rank classification rank q r s no-rank h fe 160 to 260 210 to 340 290 to 460 160 to 460 3 unr421x series sjh00020bed characteristics charts of unr4210 i c ? v ce v ce(sat) ? i c h fe ? i c common characteristics chart p t ? t a c ob ? v cb i o ? v in v in ? i o 0 0 160 40 120 80 100 300 200 400 total power dissipation p t ( mw ) ambient temperature t a ( c ) 012 210 48 6 0 60 50 40 30 20 10 collector-emitter voltage v ce (v) collector current i c (ma) t a = 25 c i b = 1.0 ma 0.1 ma 0.3 ma 0.4 ma 0.5 ma 0.6 ma 0.7 ma 0.8 ma 0.9 ma 0.01 0.1 0.1 1 10 100 1 10 100 collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 1 100 200 300 400 10 100 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = 10 v t a = 75 c 25 c ? 25 c 0 0.1 6 5 4 3 2 1 1 10 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c 1 0.4 10 10 2 10 3 10 4 1.4 1.2 1.0 0.8 0.6 output current i o ( a) input voltage v in (v) v o = 5 v t a = 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c 4 unr421x series sjh00020bed characteristics charts of unr4211 i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o characteristics charts of unr4212 i c ? v ce v ce(sat) ? i c h fe ? i c 0 012 210 48 6 40 120 80 160 collector-emitter voltage v ce (v) collector current i c (ma) t a = 25 c i b = 1.0 ma 0.1 ma 0.2 ma 0.3 ma 0.4 ma 0.5 ma 0.6 ma 0.7 ma 0.8 ma 0.9 ma 0.01 0.1 0.1 1 10 100 1 10 100 i c / i b = 10 t a = 75 c 25 c ? 25?c collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) 0 1 100 200 300 400 10 100 1 000 v ce = 10 v t a = 75 c 25 c ? 25 c forward current transfer ratio h fe collector current i c (ma) 0 0.1 6 5 4 3 2 1 1 10 100 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) 1 0.4 10 10 2 10 3 10 4 1.4 1.2 1.0 0.8 0.6 output current i o ( a) input voltage v in (v) v o = 5 v t a = 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c 0 012 210 48 6 40 120 80 160 collector-emitter voltage v ce (v) collector current i c (ma) t a = 25 c i b = 1.0 ma 0.1 ma 0.2 ma 0.3 ma 0.4 ma 0.5 ma 0.6 ma 0.7 ma 0.9 ma 0.8 ma 0.01 0.1 0.1 1 10 100 1 10 100 collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 1 100 200 300 400 10 100 1 000 forward current transfer ratio h fe collector current i c (ma) v ce = 10 v t a = 75 c 25 c ? 25 c 5 unr421x series sjh00020bed characteristics charts of unr4213 i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o c ob ? v cb i o ? v in v in ? i o 0 0.1 6 5 4 3 2 1 1 10 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c 1 0.4 10 10 2 10 3 10 4 1.4 1.2 1.0 0.8 0.6 output current i o ( a) input voltage v in (v) v o = 5 v t a = 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c 0 012 210 48 6 40 120 80 160 collector-emitter voltage v ce (v) collector current i c (ma) t a = 25 c i b = 1.0 ma 0.1 ma 0.2 ma 0.3 ma 0.4 ma 0.5 ma 0.6 ma 0.7 ma 0.8 ma 0.9 ma 0.01 0.1 0.1 1 10 100 1 10 100 collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 1 100 200 300 400 10 100 1 000 forward current transfer ratio h fe collector current i c (ma) v ce = 10 v t a = 75 c 25 c ? 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c 1 0.4 10 10 2 10 3 10 4 1.4 1.2 1.0 0.8 0.6 output current i o ( a) input voltage v in (v) v o = 5 v t a = 25 c 0 0.1 6 5 4 3 2 1 1 10 100 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) 6 unr421x series sjh00020bed c ob ? v cb i o ? v in v in ? i o characteristics charts of unr4214 i c ? v ce v ce(sat) ? i c h fe ? i c characteristics charts of unr4215 i c ? v ce v ce(sat) ? i c h fe ? i c 0 012 210 48 6 40 120 80 160 collector-emitter voltage v ce (v) collector current i c (ma) t a = 25 c i b = 1.0 ma 0.1 ma 0.2 ma 0.3 ma 0.4 ma 0.5 ma 0.6 ma 0.7 ma 0.8 ma 0.9 ma 0.01 0.1 0.1 1 10 100 1 10 100 collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 1 100 200 300 400 10 100 1 000 forward current transfer ratio h fe collector current i c (ma) v ce = 10 v t a = 75 c 25 c ? 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c 1 0.4 10 10 2 10 3 10 4 1.4 1.2 1.0 0.8 0.6 output current i o ( a) input voltage v in (v) v o = 5 v t a = 25 c 0 0.1 6 5 4 3 2 1 1 10 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c 0 012 210 48 6 40 120 80 160 collector-emitter voltage v ce (v) collector current i c (ma) t a = 25 c 0.1 ma 0.2 ma 0.3 ma 0.4 ma 0.5 ma 0.6 ma 0.7 ma i b = 1.0 ma 0.8 ma 0.9 ma 0.01 0.1 0.1 1 10 100 1 10 100 collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 1 100 200 300 400 10 100 1 000 forward current transfer ratio h fe collector current i c (ma) v ce = 10 v t a = 75 c 25 c ? 25 c 7 unr421x series sjh00020bed characteristics charts of unr4216 i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o c ob ? v cb i o ? v in v in ? i o 0 0.1 6 5 4 3 2 1 1 10 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c 1 0.4 10 10 2 10 3 10 4 1.4 1.2 1.0 0.8 0.6 output current i o ( a) input voltage v in (v) v o = 5 v t a = 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c 0 012 210 48 6 40 120 80 160 collector-emitter voltage v ce (v) collector current i c (ma) t a = 25 c i b = 1.0 ma 0.1 ma 0.2 ma 0.3 ma 0.4 ma 0.5 ma 0.6 ma 0.7 ma 0.8 ma 0.9 ma 0.01 0.1 0.1 1 10 100 1 10 100 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) 0 1 100 200 300 400 10 100 1 000 forward current transfer ratio h fe collector current i c (ma) v ce = 10 v t a = 75 c 25 c ? 25 c 0 0.1 6 5 4 3 2 1 1 10 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c 1 0.4 10 10 2 10 3 10 4 1.4 1.2 1.0 0.8 0.6 output current i o ( a) input voltage v in (v) v o = 5 v t a = 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c 8 unr421x series sjh00020bed c ob ? v cb i o ? v in v in ? i o characteristics charts of unr4217 i c ? v ce v ce(sat) ? i c h fe ? i c characteristics charts of unr4218 i c ? v ce v ce(sat) ? i c h fe ? i c 012 210 48 6 0 120 100 80 60 40 20 collector-emitter voltage v ce (v) collector current i c (ma) t a = 25 c i b = 1 .0 ma 0.1 ma 0.2 ma 0.3 ma 0.4 ma 0.5 ma 0.6 ma 0.7 ma 0.8 ma 0.9 ma 0.01 0.1 0.1 1 10 100 1 10 100 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) 0 1 100 200 300 400 10 100 1 000 forward current transfer ratio h fe collector current i c (ma) v ce = 10 v t a = 75 c 25 c ? 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c 1 0.4 10 10 2 10 3 10 4 1.4 1.2 1.0 0.8 0.6 v o = 5 v t a = 25 c output current i o ( a) input voltage v in (v) 0 0.1 6 5 4 3 2 1 1 10 100 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) 012 210 48 6 0 240 200 160 120 80 40 collector-emitter voltage v ce (v) collector current i c (ma) t a = 25 c i b = 1.0 ma 0.1 ma 0.2 ma 0.3 ma 0.4 ma 0.5 ma 0.6 ma 0.7 ma 0.8 ma 0.9 ma 0.01 0.1 0.1 1 10 100 1 10 100 collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 1 40 80 120 160 10 100 1 000 forward current transfer ratio h fe collector current i c (ma) v ce = 10 v t a = 75 c 25 c ? 25 c 9 unr421x series sjh00020bed characteristics charts of unr4219 i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o c ob ? v cb i o ? v in v in ? i o 0 0.1 6 5 4 3 2 1 1 10 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c 1 0.4 10 10 2 10 3 10 4 1.4 1.2 1.0 0.8 0.6 output current i o ( a) input voltage v in (v) v o = 5 v t a = 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c 012 210 48 6 0 240 200 160 120 80 40 collector-emitter voltage v ce (v) collector current i c (ma) t a = 25 c i b = 1.0 ma 0.1 ma 0.2 ma 0.3 ma 0.4 ma 0.5 ma 0.6 ma 0.7 ma 0.8 ma 0.9 ma 0.01 0.1 0.1 1 10 100 1 10 100 collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 1 40 80 120 160 10 100 1 000 forward current transfer ratio h fe collector current i c (ma) v ce = 10 v t a = 75 c 25 c ? 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c 1 0.4 10 10 2 10 3 10 4 1.4 1.2 1.0 0.8 0.6 output current i o ( a) input voltage v in (v) v o = 5 v t a = 25 c 0 0.1 6 5 4 3 2 1 1 10 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c 10 unr421x series sjh00020bed c ob ? v cb i o ? v in v in ? i o characteristics charts of unr421d i c ? v ce v ce(sat) ? i c h fe ? i c characteristics charts of unr421e i c ? v ce v ce(sat) ? i c h fe ? i c 012 210 48 6 0 30 25 20 15 10 5 collector-emitter voltage v ce (v) collector current i c (ma) t a = 25 c i b = 1.0 ma 0.1 ma 0.2 ma 0.3 ma 0.4 ma 0.5 ma 0.6 ma 0.7 ma 0.8 ma 0.9 ma 0.01 0.1 0.1 1 10 100 1 10 100 collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 1 40 80 120 160 10 100 1 000 forward current transfer ratio h fe collector current i c (ma) v ce = 10 v t a = 75 c 25 c ? 25 c 0 0.1 6 5 4 3 2 1 1 10 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c 1 1.5 10 10 2 10 3 10 4 4.0 3.5 3.0 2.5 2.0 output current i o ( a) input voltage v in (v) v o = 5 v t a = 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c 012 210 48 6 0 60 50 40 30 20 10 collector-emitter voltage v ce (v) collector current i c (ma) t a = 25 c i b = 1.0 ma 0.1 ma 0.2 ma 0.3 ma 0.4 ma 0.5 ma 0.6 ma 0.7 ma 0.8 ma 0.9 ma 0.01 0.1 0.1 1 10 100 1 10 100 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) 0 1 40 80 120 160 10 100 1 000 forward current transfer ratio h fe collector current i c (ma) v ce = 10 v t a = 75 c 25 c ? 25 c 11 unr421x series sjh00020bed characteristics charts of unr421f i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o c ob ? v cb i o ? v in v in ? i o 0 0.1 6 5 4 3 2 1 1 10 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1mhz i e = 0 t a = 25 c 1 1.5 10 10 2 10 3 10 4 4.0 3.5 3.0 2.5 2.0 output current i o ( a) input voltage v in (v) v o = 5 v t a = 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c 012 210 48 6 0 240 200 160 120 80 40 t a = 25 c i b = 1.0 ma 0.1 ma 0.2 ma 0.3 ma 0.4 ma 0.5 ma 0.6 ma 0.7 ma 0.8 ma 0.9 ma collector-emitter voltage v ce (v) collector current i c (ma) 0.01 0.1 0.1 1 10 100 1 10 100 collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 1 40 80 120 160 10 100 1 000 forward current transfer ratio h fe collector current i c (ma) v ce = 10 v t a = 75 c 25 c ? 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c 1 0.4 10 10 2 10 3 10 4 1.4 1.2 1.0 0.8 0.6 output current i o ( a) input voltage v in (v) v o = 5 v t a = 25 c 0 0.1 6 5 4 3 2 1 1 10 100 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) 12 unr421x series sjh00020bed c ob ? v cb v in ? i o characteristics charts of unr421k i c ? v ce v ce(sat) ? i c h fe ? i c characteristics charts of unr421l i c ? v ce v ce(sat) ? i c h fe ? i c 012 210 48 6 0 240 200 160 120 80 40 collector-emitter voltage v ce (v) collector current i c (ma) t a = 25 c i b = 1.2 ma 0.2 ma 0.4 ma 0.6 ma 0.8 ma 1.0 ma 0.01 1 0.1 1 10 100 10 100 1 000 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) 0 1 240 200 160 120 80 40 10 100 1 000 forward current transfer ratio h fe collector current i c (ma) v ce = 10 v t a = 75 c 25 c ? 25 c 0 1 6 5 4 3 2 1 10 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c 012 210 48 6 0 240 200 160 120 80 40 collector-emitter voltage v ce (v) collector current i c (ma) t a = 25 c i b = 1.0 ma 0.2 ma 0.4 ma 0.6 ma 0.8 ma 0.01 1 0.1 1 10 100 10 100 1 000 collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 1 240 200 160 120 80 40 10 100 1 000 forward current transfer ratio h fe collector current i c (ma) v ce = 10 v t a = 75 c 25 c ? 25 c 13 unr421x series sjh00020bed c ob ? v cb v in ? i o 0 1 6 5 4 3 2 1 10 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c 0.01 0.1 0.1 1 10 100 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese government if any of the products or technical information described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. it neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) we are not liable for the infringement of rights owned by a third party arising out of the use of the technical information as described in this material. (4) the products described in this material are intended to be used for standard applications or general elec- tronic equipment (such as office equipment, communications equipment, measuring instruments and house- hold appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combus- tion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (5) the products and product specifications described in this material are subject to change without notice for modification and/or improvement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifica- tions satisfy your requirements. (6) when designing your equipment, comply with the guaranteed values, in particular those of maximum rat- ing, the range of operating power supply voltage, and heat radiation characteristics. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) when using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) this material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. 2003 sep |
Price & Availability of UN421K |