Part Number Hot Search : 
N4148WS NTE5496 MAU112 25Q128A MAX63 AT91C STU5025 2SK2559
Product Description
Full Text Search
 

To Download STA308A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  157 i c -v ce characteristics (typical) h fe -i c characteristics (typical) h fe -i c temperature characteristics (typical) v ce (sat)-i c temperature characteristics (typical) v ce (sat)-i b characteristics (typical) i c -v be temperature characteristics (typical) j-a -pw characteristics p t -t a characteristics safe operating area (soa) characteristic curves (t a =25 c) symbol ratings unit v cbo C 120 v v ceo C 120 v v ebo C 6v i c C 4a i b C 1a 3 (t a =25 c) 15 (t c =25 c) t j 150 c t stg C 40 to +150 c (t a =25 c) symbol unit conditions i cbo C 10 av cb = C 120v i ebo C 10 ma v eb = C 6v v ceo C 120 v i c = C 10ma h fe 2000 v ce = C 4v, i c = C 2a v ce (sat) C 1.5 v v be (sat) C 2.5 v specification min typ max p t w STA308A i c = C 2a, i b = C 4ma C 4 C 3 C 2 C 1 0 0 C 1 C 2 C 3 C 4 C 5 C 6 i c (a) v ce (v) i b = C 5ma C 2ma C 1.5ma C 1.0ma C 0.7ma C 0.5ma C 0.3ma 10000 5000 1000 500 100 50 h fe (v ce = C 4v) C 0.03 C 0.05 C 0.1 C 0.5 C 1 C 4 i c (a) typ 10000 5000 1000 500 100 50 C 0.03 C 0.05 C 0.1 C 0.5 C 1 C 4 h fe i c (a) (v ce = C 4v) 75 c 25 c t a =125 c C 30 c (i c / i b =1000) C 3 C 0.2 v ce (sat) (v) i c (a) C 2 C 1 0 C 0.5 C 1 C 4 125 c 75 c 25 c t a = C 30 c C 3 C 2 C 1 0 C 0.1 C 0.5 C 1 C 10 C 5 C 50 C 100 i b (ma) v ce (sat) (v) i c = C 4a i c = C 2a i c = C 1a (v ce = C 4v) C 4 C 3 C 2 C 1 0 i c (a) 0 C 1 C 2 C 3 v be (v) t a =125 c 75 c 25 c C 3 0 c 20 10 5 1 0.5 1 5 10 50 100 500 1000 j C a ( c / w) pw (ms) C 40 0 p t (w) t a ( c) 2 4 6 8 10 12 14 16 with silicone grease single pulse without heatsink t a =25 c in mm 0 50 100 150 w ith in fin ite h e a ts in k without heatsink 25 50 2 50 50 2 C 10 C 3 i c (a) v ce (v) C 5 C 1 C 0.5 C 0.1 C 0.05 C 0.03 C 5 C 10 C 50 C 100 C 200 10ms 1ms 100 s single pulse without heatsink t a =25 c 2 1 3 r 1 r 2 4 5 6 7 8 r 1 : 5k ? typ r 2 : 100 ? typ pnp darlington general purpose external dimensions c sta (8-pin) absolute maximum ratings  equivalent circuit diagram electrical characteristics


▲Up To Search▲   

 
Price & Availability of STA308A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X