Part Number Hot Search : 
1N5228B WT2220 D1621 EL2180 PC1188 MINISM AS1500 LBAT54
Product Description
Full Text Search
 

To Download SSM6J25FE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SSM6J25FE 2007-11-01 1 toshiba field effect transistor silicon p channel mos type (u-mosiii) SSM6J25FE high speed switching applications ? optimum for high-density mounting in small packages ? low on-resistance: r on = 260m ? (max) (@v gs = -4 v) r on = 430m ? (max) (@v gs = -2.5 v) absolute maximum ratings (ta = 25c) characteristics symbol rating unit drain-source voltage v ds -20 v gate-source voltage v gss 12 v dc i d -0.5 drain current pulse i dp -1.5 a drain power dissipation p d (note 1) 500 mw channel temperature t ch 150 c storage temperature range t stg ?55~150 c note: using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/vol tage, etc.) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). note 1: mounted on fr4 board. (25.4 mm 25.4 mm 1.6 t, cu pad: 645 mm 2 ) marking equivalent circuit (top view) handling precaution when handling individual devices (which are not yet mount ed on a circuit board), be sure that the environment is protected against electrostatic electricity. operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials. unit: mm es6 jedec D jeita D toshiba 2-2n1a weight: 3.0 mg (typ.) 6 ph 4 1 2 3 5 4 1 2 3 6 5 0.20.05 6 1.20.05 1.60.05 1.00.05 1 2 0.5 0.5 3 1.60.05 0.120.05 5 4 0.550.05 1,2,5,6 :drain 3 :gate 4 :source
SSM6J25FE 2007-11-01 2 electrical characteristics (ta = 25c) characteristics symbol test condition min typ. max unit gate leakage current i gss v gs = ?12v, v ds = 0 ? ? 1 a v (br) dss i d = -1 ma, v gs = 0 -20 ? ? drain-source breakdown voltage v (br) dsx i d = -1 ma, v gs = +12 v -8 ? ? v drain cut-off current i dss v ds = -20 v, v gs = 0 ? ? -1 a gate threshold voltage v th v ds = -3 v, i d = -0.1 ma -0.5 ? -1.1 v forward transfer admittance ? y fs ? v ds = -3 v, i d = -0.25 a (note2) 0.65 1.3 ? s i d = -0.25 a, v gs = -4 v (note2) ? 210 260 drain-source on-resistance r ds (on) i d = -0.25 a, v gs = -2.5 v (note2) ? 310 430 m input capacitance c iss v ds = -10 v, v gs = 0, f = 1 mhz ? 218 ? pf reverse transfer capacitance c rss v ds = -10 v, v gs = 0, f = 1 mhz ? 42 ? pf output capacitance c oss v ds = -10 v, v gs = 0, f = 1 mhz ? 52 ? pf turn-on time t on ? 16 ? switching time turn-off time t off v dd = -10 v, i d = -0.25 a, v gs = 0~-2.5 v, r g = 4.7 ? 15 ? ns note2: pulse test switching time test circuit precaution v th can be expressed as the voltage between gate and sour ce when the low operating current value is i d = - 100 a for this product. for normal switching operation, v gs (on) requires a higher voltage than v th and v gs (off) requires a lower voltage than v th. (the relationship can be established as follows: v gs (off) < v th < v gs (on) ) please take this into consideration when using the device. v dd = -10 v r g = 4.7 d.u. < = 1% v in : t r , t f < 5 ns common source ta = 25c in 0 ? 2.5v 10 s v dd out r g r l (c) v out t on 90% 10% ?2.5 v 0 v 90% 10% t off t r t f v ds ( on ) v dd (b) v in (a) test circuit
SSM6J25FE 2007-11-01 3 rds(on) - id 0 100 200 300 400 500 -1600 -1400 -1200 -1000 -800 -600 -400 -200 0 drain current id (ma) drain-source on resistance rds(on) (m ? ) common source ta=25c vgs=-4 v -2.5v rds(on) - vgs 0 100 200 300 400 500 -10-9-8-7-6-5 -4-3-2 -1 0 gate-source voltage vgs (v) drain-source on resistance rds(on) (m ? ) common source id=-250ma ta=100c 25c -25c id - vds -1600 -1400 -1200 -1000 -800 -600 -400 -200 0 -1 -0.8 -0.6 -0.4 -0.2 0 drain-source voltage vds (v) drain current id (ma ) common source ta=25c vgs=-1 .6 -1.8 -2.0 -5.0 -3.0 -4.0 id - vgs 0.01 0.1 1 10 100 1000 10000 -3 -2 -1 0 gate-source voltage vgs (v) drain current id (ma) common source vd s=-3 v ta=100c 25 -25c - - - - - - - - rds(on) - ta 0 100 200 300 400 500 -60 -40 -20 0 20 40 60 80 100 120 140 160 ambient temperature ta (c) drain-source on resistance rds(on) (m ? ) vgs=-4v -2.5v common source id=-250ma vth - ta -1 -0.8 -0.6 -0.4 -0.2 0 -60 -40 -20 0 20 40 60 80 100 120 140 160 ambient temperature ta (c) gate threshold voltage vth(v) common source id=-0.1ma vd s=-3 v
SSM6J25FE 2007-11-01 4 c - vds 10 100 1000 -0 -1 -10 -100 drain-source voltage vds (v) capacitance c (pf ) common source vgs=0v f=1mhz ta=25c ciss coss crss idr - vds 0 200 400 600 800 1000 1200 1400 1600 0.0 0.2 0.4 0.6 0.8 1.0 drain-source voltage vds (v) drain reverse current idr (ma ) common source vgs=0 v ta=25c |yfs | - id 0 1 10 -10 -100 -1000 -10000 drain current id (ma) forward transfer admittance |yfs| (s) common source vd s=-3 v ta=25c ta=100c 25c -25c pd - ta 0 200 400 600 800 1000 0 20 40 60 80 100 120 140 160 ambient temperature ta( ) drain power dissipation pd(mw) mounted fr4 board (25.4mm*25.4mm*1.6t cu pad :645mm 2 ) dc t - id 1 10 100 1000 -10 -100 -1000 -10000 drain current id (ma) switching time t (ns) common source vdd=-10v vgs=0 ~- 2.5v ta=25c toff tr ton tf
SSM6J25FE 2007-11-01 5
SSM6J25FE 2007-11-01 6 restrictions on product use 20070701-en general ? the information contained herein is subject to change without notice. ? toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity an d vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba produc ts, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshib a products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconduct or devices,? or ?toshiba semiconductor reliability handbook? etc. ? the toshiba products listed in this document are in tended for usage in general electronics applications (computer, personal equipment, office equipment, measuri ng equipment, industrial robotics, domestic appliances, etc.).these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfuncti on or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage incl ude atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, et c.. unintended usage of toshiba products listed in his document shall be made at the customer?s own risk. ? the products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. ? the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba for any infringement s of patents or other rights of the third parties which may result from its use. no license is granted by implic ation or otherwise under any patents or other rights of toshiba or the third parties. ? please contact your sales representative for product- by-product details in this document regarding rohs compatibility. please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of SSM6J25FE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X