Part Number Hot Search : 
MV881X F20JC10 1A106M8 2SK93010 00103 AN731 L6416 NGAANUA
Product Description
Full Text Search
 

To Download SR1100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  metal-semiconductor junction with guard ring epitaxial construction low forward voltage drop,low switching losses high surge capability case:jedec do--41,molded plastic polarity: color band denotes cathode weight: 0.012 ounces,0.34 grams mounting position: any ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. sr130 sr140 sr150 sr160 sr180 sr1 1 00 units max imum r ec u r r ent pea k r e v er s e v olt a ge v rrm 30 40 50 60 80 100 v max imum rms v o lt a ge v rms 21 28 35 42 56 70 v maximum dc blocking voltage v dc 30 40 50 60 80 100 v maximum average forw ard rectified current 9.5mm lead length, (see fig.1) peak forw ard surge current 8.3ms single half -sine-w ave superimposed on rated load @t j =125 maximum reverse current @t a =25 at rated dc blocking voltage @t a =100 typical junction capacitance (note2) c j pf typical thermal resistance (note3) r ja <d operating junction temperature range t j storage temperature range t stg - 55 ---- + 125 - 55 ---- + 150 maximum instantaneous forw ard voltage @ 1.0a(note 1) v f v 0.55 0.7 0.85 40.0 20 110 sr120 14 20 1.0 10.0 0.5 3.thermal resistance junction to ambient ma i r i fsm note: 1. pulse test : 300 s pulse width,1% duty cy cle. 2. measured at 1.0mhz and applied rev erse v oltage of 4.0v dc. a 50 - 55 ---- +150 a for use in low voltage,high frequency inverters free xxxx wheeling,and polarity protection applications i f(av) voltage range: 20 --- 100 v current: 1.0a do - 41 the plastic material carries u/l recognition 94v-0 maximum ratings and electrical characteristics dimensions in millimeters sr120-SR1100 schottky barrier rectifiers features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
0.01 50 0.1 1 0 0.2 0.4 0.6 1.2 1.4 0.8 1.0 1.6 10 pulse width=300 s 1%duty cycle sr120 - sr140 sr150 - sr160 sr180-sr1 10 amperes amperes amperes capacitance,pf fig.3 -- typical instantaneous forward xxxxxxxxx---- characteristics peak forward surge current reverse voltage,volts lead temperature, number of cycles at 60hz instantaneous forward voltage, volts fig.1 -- forward derating curve fig.2 -- peak forward surge current instantaneous forward current average forward rectified current fig.4 -- typical junction capacitance 10 400 0.1 1 10 100 t j =25 ?? f=1.0mhz vsig=50mvp-p 100 0 40 1 10 100 20 50 30 10 t j =t j max 8.3ms single half sine-wave 0.5 1.0 0 25 50 75 100 125 150 0 175 0.75 0.25 resistive or inductive load 0.375"(9.5mm) lead length sr120 - sr140 sr150 - sr1 10 sr120-SR1100 schottky barrier rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of SR1100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X