Part Number Hot Search : 
TF841S KTX401E ENA0190 PJ2PJS 24LC256 B2060 1N5245B 05116
Product Description
Full Text Search
 

To Download SMBG5924B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  silicon 3.0 watt zener diodes scottsd a l e division smbg5913 thru smbg5956b smbj5913 thru smb j5956b w w w . mi c r o s e m i . c o m smbg & j 5 9 13 thru 5 956 b descripti on appeara n c e the smbj59 13-5 956b or smbg5913 -5 956b seri es of su rface m ount 3.0 watt zene rs provide s voltage re gulatio n in a sele ction from 3.3 to 200 volts with dif f erent tole ra nce s a s id en tified by suffi x letter on t he pa rt numbe r. t h i s seri es is eq uivalent to th e je dec reg i stere d 1 n 5 9 13 thru 1n5 956b wit h identical ele c tri c al ch arac teristics exce pt it is rated at 3.0 w instea d of 1.5 w with the lowe r the r ma l resi stan ce fe ature s of th e surfa c e mount p a cka g ing. it i s av ailable i n j-b end de sign (smbj) with t he do- 214aa pa cka ge for greate r pc boa rd mounting d e n sity or in g u ll-wi ng desi gn (sm b g) in the do-215aa for visible sold er con nectio n s. microsemi al so offers nu m e rou s oth e r z ener pro d u c ts to meet hig her a n d lowe r po we r appli c ation s . no t e : a l l sm b se r i es ar e equi v a l e nt to pri o r sm s pack age identif i cat ions. import a n t : f o r the most cur r e n t data, consult mi c r os e m i ? s w e bsite: http:// www .microsemi.com features a p p l i c at ions / be ne fi ts ? surface mou n t equivalent to 1n59 13 to 1n5 956b ? ideal for high -den sity and low-profile mo unting ? zene r voltage available 3.3 v to 200v ? standard voltage toleran c e s are pl us/mi nus 5% with b suffix and 10 % wit h a suffix identification ? tight tolera nces availa ble in plus o r min u s 2% or 1% with c or d s u ffix res p ec tively ? options for screen ing i n accor danc e w i th mil - prf - 195 00 for jan, jant x, jan t xv, an d jans are avail a b l e b y a d d in g mq, mx, mv, or msp prefixes respectiv e l y to part numb e rs. ? reg u late s voltage over a b r oad o p e r atin g curre n t and tempe r ature range ? wide sele ctio n from 3.3 to 200 v ? popula r do -2 14aa or do-215aa pa cka ges and footpri n ts for either hig h den sity j-b end or gull-wing d e signs for visi bl e sold er joint s ? non s e n sitive to esd per m i l-std-75 0 method 1020 ? withsta n d s hi gh su rge stre sses (see fig u re 2 ) ? mois ture c l ass i fic a tion: level 1 per ipc/jedec j-st d-020b with no dry p a ck req u ired max i mu m rat ing s mechan ic al an d pa ckagin g ? powe r dissip ation at 25 o c: 3.0 watts (al s o see deratin g in fi gure 1 ) . ? operating an d storage te mperature: -65 o c to +15 0 o c ? therm a l re si stan ce: 25 o c/w junctio n to lead, or 90 o c/w jun c ti on to ambient when mo unt ed on fr4 pc b oard (1o z cu ) wi th reco mmen ded footprint (see last pag e) ? steady-state powe r: 3 watts at t l < 75 o c, or 1.38 watts at t a = 25 o c wh en mounte d o n fr4 pc boa rd wit h recomme nd ed footprint (also see figure 1) ? forward voltage @2 00 ma: 1.2 volts (maximum) ? solder te mp eratu r e s : 260 o c for 10 s (maximum) ? case: void-free transf er molded therm o setting epoxy body meeting ul9 4 v-0 ? terminals: gull-win g or c-be nd (m od ified j- bend ) lead s, tin-lea d plated solde r abl e p e r mil- std-7 50, me thod 202 6 ? polarity: catho de indi cated by band. diode to be operate d with ban de d end po sitive with respe c t to opposite e nd for zener regul a t ion ? marking: inc l udes part number without prefix (e.g. 5913b, 5948 c, 595 6 d , etc.) ? tape & reel option: standard per eia-481-2 with 12 mm tape, 750 p e r 7 inch reel o r 2500 per 13 in ch re el (add ?t r? suffix to part num ber) ? weight: 0. 1 gram s ? see packa ge dimen s ion s o n last pag e m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 1 cop y right ? 200 2 6-04-2 003 rev c
silicon 3.0 watt zener diodes scottsd a l e division smbg5913 thru smbg5956b smbj5913 thru smb j5956b w w w . mi c r o s e m i . c o m smbg & j 5 9 13 thru 5 956 b elec tric al ch ara cteri s tic s @ t l = 3 0 o c microsemi p a rt number zener vo lt a g e v z test curren t i zt dyn a m i c imped a n ce z zt knee curren t i zk knee imped a n ce z zk reverse curren t i r reverse vo lt a g e v r m a x. dc curren t i zm gull-wi ng le a d c-bend (m od. ?j? ) v o l t s ma o h m s m a o h m s ad c volts m a smbg5913 smbg5914 smbg5915 smbg5916 smbj5913 smbj5914 smbj5915 smbj5916 3.3 3.6 3.9 4.3 113.6 104.2 96.1 87.2 10.0 9.0 7.5 6.0 1.0 1.0 1.0 1.0 500 500 500 500 100.0 75.0 25.0 5.0 1.0 1.0 1.0 1.0 908 832 768 696 smbg5917 smbg5918 smbg5919 smbg5920 smbj5917 smbj5918 smbj5919 smbj5920 4.7 5.1 5.6 6.2 79.8 73.5 66.9 60.5 5.0 4.0 2.0 2.0 1.0 1.0 1.0 1.0 500 350 250 200 5.0 5.0 5.0 5.0 1.5 2.0 3.0 4.0 638 588 534 482 smbg5921 smbg5922 smbg5923 smbg5924 smbj5921 smbj5922 smbj5923 smbj5924 6.8 7.5 8.2 9.1 55.1 50.0 45.7 41.2 2.5 3.0 3.5 4.0 1.0 0.5 0.5 0.5 200 400 400 500 5.0 5.0 5.0 5.0 5.2 6.0 6.5 7.0 440 400 364 328 smbg5925 smbg5926 smbg5927 smbg5928 smbj5925 smbj5926 smbj5927 smbj5928 10 11 12 13 37.5 34.1 31.2 28.8 4.5 5.5 6.5 7.0 0.25 0.25 0.25 0.25 500 550 550 550 5.0 1.0 1.0 1.0 8.0 8.4 9.1 9.9 300 272 250 230 smbg5929 smbg5930 smbg5931 smbg5932 smbj5929 smbj5930 smbj5931 smbj5932 15 16 18 20 25.0 23.4 20.8 18.7 9.0 10.0 12.0 14.0 0.25 0.25 0.25 0.25 600 600 650 650 1.0 1.0 1.0 1.0 11.4 12.2 13.7 15.2 200 183 166 150 smbg5933 smbg5934 smbg5935 smbg5936 smbj5933 smbj5934 smbj5935 smbj5936 22 24 27 30 17.0 15.6 13.9 12.5 17.5 19.0 23.0 28.0 0.25 0.25 0.25 0.25 650 700 700 750 1.0 1.0 1.0 1.0 16.7 18.2 20.6 22.8 136 124 110 100 smbg5937 smbg5938 smbg5939 smbg5940 smbj5937 smbj5938 smbj5939 smbj5940 33 36 39 43 11.4 10.4 9.6 8.7 33.0 38.0 45.0 53.0 0.25 0.25 0.25 0.25 800 850 900 950 1.0 1.0 1.0 1.0 25.1 27.4 29.7 32.7 90 82 76 68 smbg5941 smbg5942 smbg5943 smbg5944 smbj5941 smbj5942 smbj5943 smbj5944 47 51 56 62 8.0 7.3 6.7 6.0 67.0 70.0 86.0 100.0 0.25 0.25 0.25 0.25 1000 1100 1300 1500 1.0 1.0 1.0 1.0 35.8 38.8 42.6 47.1 62 58 52 48 smbg5945 smbg5946 smbg5947 smbg5948 smbj5945 smbj5946 smbj5947 smbj5948 68 75 82 91 5.5 5.0 4.6 4.1 120.0 140.0 160.0 200.0 0.25 0.25 0.25 0.25 1700 2000 2500 3000 1.0 1.0 1.0 1.0 51.2 56.0 62.2 69.2 44 40 36 32 smbg5949 smbg5950 smbg5951 smbg5952 smbj5949 smbj5950 smbj5951 smbj5952 100 110 120 130 3.7 3.4 3.1 2.9 250.0 300.0 380.0 450.0 0.25 0.25 0.25 0.25 3100 4000 4500 5000 1.0 1.0 1.0 1.0 76.0 83.6 91.2 98.8 30 26 24 22 smbg5953 smbg5954 smbg5955 smbg5956 smbj5953 smbj5954 smbj5955 smbj5956 150 160 180 200 2.5 2.3 2.1 1.9 600.0 700.0 900.0 1200.0 0.25 0.25 0.25 0.25 6000 6500 7000 8000 1.0 1.0 1.0 1.0 114.0 121.6 136.8 152.0 20 18 16 14 note 1 : no suffix indicate s a +/- 2 0 % tolera nce on n o minal v z . suffix a denotes a +/-10% toleran c e, b de notes a +/-5% toleran c e, c de note s a +/-2% toleran c e, an d d den otes a +/-1% toleran c e. note 2 : zener voltage (vz) is m e a s ured at t l = 30 o c and 2 0 se cond s after ap plicatio n of dc current. note 3 : the zen e r imp e dan ce is d e ri ved from 1 khz a c voltage resultin g fro m an ac curre n t modulation having an rms valu e eq ual to 10% of the dc zene r curre n t ( i zt or i zk ) superim p o se d on i zt or i zk . see micro note 2 02 for zen e r imp eda nce vari ation with different operating currents. m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 2 cop y right ?
silicon 3.0 watt zener diodes m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 3 cop y right ? w w w . mi c r o s e m i . c o m scottsd a l e division smbg5913 thru smbg5956b smbj5913 thru smb j5956b smbg & j 5 9 13 thru 5 956 b graphs temper ature ( o c) t i me in milli seco nds ty pical max i mu m power in w a tts pd, m aximum po w e r d issipation ( mw ) t l t a on fr4 pc bo ard figure 1 ? powe r de rati ng cu rv e figure 2 ? transient surge capability square-wave pulse width (non-repetitiv e) in milliseconds v z ? zene r volta ge ? volts figure 3 ? cap a cita nce vs zene r voltage pac k ag e dimen s io ns & pa d layou t smbj smbg a b c d e f k l min . 0 7 7 . 1 6 0 . 1 3 0 . 2 0 5 . 0 7 5 . 2 3 5 . 0 1 5 . 0 3 0 ma x . 0 8 3 . 1 8 0 . 1 5 5 . 2 2 0 . 0 9 5 . 2 5 5 . 0 3 0 . 0 6 0 dimensions in millime ters min 1 . 9 6 4 . 0 6 3 . 3 0 5 . 2 1 1 . 9 0 5 . 9 7 . 3 8 1 . 7 6 0 ma x 2 . 1 0 4 . 5 7 3 . 9 4 5 . 5 9 2 . 4 1 6 . 4 8 . 7 6 2 1 . 5 2 0 i n c h e s m m a 0 . 3 2 0 8 . 1 3 b 0 . 0 8 5 2 . 1 6 c 0 . 1 1 0 2 . 7 9 i n c h e s m m a . 2 6 0 6 . 6 0 b . 0 8 5 2 . 1 6 c . 1 1 0 2 . 7 9 smbg smbj c ? capacitance - picofarads 10,000 1000 100 10 0 10 100 1000 at 0 v at v r


▲Up To Search▲   

 
Price & Availability of SMBG5924B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X